Part Number Hot Search : 
70N60 6717MX AOD7S65 UPC1470H MB10A IN74HC D4104 MAX905
Product Description
Full Text Search
 

To Download TMCM-142 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MODULES F O R S T E P P E R M O T O R S
M O D U LES
TMCM-1 42
1-Ax is Con trol ler / Dr iver 5A / 75 V wit h En code r In terf ace
1 0 mm
M A IN CH A R AC T ER IS T IC S
INFO
The TMCM-142 is a high-performance single axis 2-phase stepper motor controller and driver with encoder feedback. It offers an aluminum U-shape profile for quick and robust mounting. The integrated TMC457 motion controller provides superior performance with regards to microstepping (up-to 1024), maximum velocity (integrated chopSyncTM avoiding resonances), S-shape or linear ramp calculation in realtime and encoder feedback support (closing the loop in hardware with easyPIDTM regulator). The driver stage supports motors with up-to 5A RMS coil current and offers exceptional low power dissipation. Its interface add-
ELECTRICAL DATA
* up to 5A coil current RMS * 24V to 75V DC supply voltage * two-phase bipolar stepper motors with 1A to 5A coil current * incremental encoder (2 or 3 channel, differential, open-collector or single ended)
SUPPORTED MOTORS
INTERFACE (WITH ADD ON-BOARD)
* RS232, RS485, RS422, USB or CAN 2.0b host * inputs for reference and stop switches (optically isolated) * general purpose analog and digital I/Os * high precision and high repeatability with encoder feedback and easyPIDTM regulator * chopSyncTM for high velocities * up-to 1024 times microstepping * memory for 2048 TMCL commands * motion profile calculation in hardware (RT) * trapezoid or S-shaped acceleration ramps * on the fly alteration of motion parameters * TRINAMIC driver technology: low power dissipation, no heatsink required
FEATURES
on board concept allows customer specific interface / connector solutions. The TMCM-142 comes with the PC based software development environment TMCL-IDE for the Trinamic Motion Control Language (TMCL). Using predefined TMCL high level commands like move to position" or constant rotation" rapid and fast development of motion control applications is guaranteed. The TMCL program can be stored in the on-board EEPROM for stand-alone operation.
Switch
TMCM-IF
add-on board
SOFTWARE
* stand-alone operation using TMCL or remote controlled operation * PC-based application development software TMCL-IDE included * ready for CANopen * RoHS compliant * size: 76 x 70 x 33 mm
REF-Switches
RS422
RS232
RS485
USB
ABN
CAN
USB
RS232
RS422
TMCM-142
progammable
Encoder Interface
Encoder
I/Os
ARM7
Motion Controller
TMC 457
OTHER
high power
Driver
TMC239
Step
5V Power Supply
18... 78.5V DC
TMCL Memory
MOSFET Driver Stage
Motor
OR DE R C O DE
D ES C R I P TI O N
TMCM-142-IF (-opt.) TMCM-142 (-option)
OP TI O NS
1-axis controller / driver 5A / 75V with interface add-on board (standard) 1-axis controller / driver 5A / 75V (on request)
TMCL CANopen
TMCL firmware (standard) CANopen firmware (on request)
www.trinamic.com - for detailed information and datasheets
35


▲Up To Search▲   

 
Price & Availability of TMCM-142

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X