Part Number Hot Search : 
N74ACT 105K63 IRLZ34 1C102 MC145567 AT45DB04 L9803 IR6216
Product Description
Full Text Search
 

To Download TIP32 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Micro Commercial Components
TM
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
TIP32/32A/32B/32C
Features
*
* * *
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates RoHS Compliant. See ordering information) The complementary NPN types are the TIP31 respectively Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 and MSL Rating 1 Marking : Part Number
Silicon PNP Power Transistors
Absolute Maximum Ratings @ Ta = 25 (unless otherwise noted)
Symbol
VCBO TIP32 TIP32A TIP32B TIP32C VCEO TIP32 TIP32A TIP32B TIP32C VEBO IC ICM IB
Parameter
Collector-base voltage (Open emitter)
Value
Unit
V
-40 -60 -80 -100 -40 -60 Collector-emitter voltage (Open base) -80 -100 Emitter-base Voltage (Open collector) -5 Collector Current -3 Collector Current Pulse -5 Base Current -1 Total Device Dissipation(Ta=25) 2 PC Total Device Dissipation(Tc=25) 40 TJ Junction Temperature 150 TSTG Storage Temperature Range -65 to +150 Electrical Characteristics @ 25OC Unless Otherwise Specified Symbol Parameter Min Max VCEO(SUS) -40 TIP32 -60 Collector-emitter sustaining voltage TIP32A ( IC=-30mA; IB=0) -80 TIP32B -100 TIP32C
VCE(sat) VBE ICES TIP32 TIP32A TIP32B TIP32C ICEO TIP32/32A TIP32B/C IEBO Hfe Collector-emitter Saturation Voltage ( IC=-3A IB=-0.375A ) Base-emitter Voltage ( IC=-3A ; VCE=-4V ) Collector cut-off current (VCE=-40V; VEB=0) (VCE=-60V; VEB=0) (VCE=-80V; VEB=0) (VCE=-100V; VEB=0) Collector cut-off current (-VCE=30V; VEB=0) (-VCE=60V; VEB=0) Emitter cut-off current (-VEB=5V; IC=0) DC current gain (IC=-1A ; VCE=-4V) (IC=-3A ; VCE=-4V) Transition frequency ( IC=-0.5A ; VCE=-10V)
TO-220
B F Q C S T A
V
V A A A W W
U 12 H K 3
L Units G N
V
V D
PIN 1. PIN 2. PIN 3.
J R
BASE COLLECTOR EMITTER
-1.2 -1.8
V V
DIM A B C D F G H J K L N Q R S T U V
DIMENSIONS INCHES MM MIN MAX MIN MAX .560 .625 14.22 15.88 .380 .420 9.65 10.67 .140 .190 3.56 4.82 .020 .139 .190 --.012 .500 .045 .190 .100 .080 .045 .230 ----.045 .045 .161 .110 .250 .025 .580 .060 .210 .135 .115 .055 .270 .050 ----0.51 3.53 2.29 --0.30 12.70 1.14 4.83 2.54 2.04 1.14 5.84 ----1.15 1.14 4.09 2.79 6.35 0.64 14.73 1.52 5.33 3.43 2.92 1.39 6.86 1.27 -----
NOTE
-0.2
mA
-0.3 -1.0 25 10 3 50
mA mA
fT
MHZ
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
Revision: 5
www.mccsemi.com
1 of 2
2008/01/01
MCC
Micro Commercial Components
TM
Ordering Information
Device (Part Number)-BP Packing Bulk;1Kpcs/Box
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserve the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 5
2 of 2
2008/01/01


▲Up To Search▲   

 
Price & Availability of TIP32

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X