Part Number Hot Search : 
LT1191 5KE18 0808G ST13081 26MT160 NTE70 6J072 MLL969B
Product Description
Full Text Search
 

To Download TCP-60E-102M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TOKEN
TCLP/TCVP Power Inductors
Large Current Power Inductors
Token introduces high-current & high saturation flux density compact power inductor (TCLP/TCVP)
Preview Token Electronics Power Solutions has enhanced its toroidal surface-mount and radial lead inductor portfolios with the addition of four new ranges of RoHS compliant components. The surface mount (TCLP/TCVP) series are general-purpose radial leaded inductors suitable for providing high saturation flux density and higher current ratings applications such as those found in power supplies. The (TCLP/TCVP) series of toroidal surface-mount inductors meanwhile are designed for use in switching AC/DC power supplies and DC/DC converters. Both of TCLP and TCVP version secure 4 terminal mounting inductor more versatile inductance combination by series or parallel connections. Token (TCLP/TCVP) surface mount magnetics that can be used as single, or coupled inductors, or 1:1 transformers that provide isolation between two windings are designed around high frequency low loss material. The (TCLP/TCVP) series toroidal surface-mount inductors have compact overall dimensions with a maximum overall height of less than 13 mm and 21 mm. The toroidal construction of the new inductors aids design engineers by helping minimise EMI issues. Custom parts are available on request. Token will also produce devices outside these specifications to meet specific customer requirements, please contact our sales for more information. Features : - high saturation for surface mounting. - Large Current and Low DCR. Applications : - TV BOX. - Power supply applications. - Output Ripple Current Filter.
Version 2010
http://www.token.com.tw/
rfq token.com.tw
01 of 03
TOKEN
Configurations & Dimensions TCLP
1
TCLP/TCVP Power Inductors
A
4
F B C E Side View D
2 3
Land Pattern H
1
2
3
G
1 4
I
3
Top view TCVP
Bottom View Land Pattern F
2 3
J
A
E
H
1
B
1
G Bottom View
4
J
3
K
C
D F G 15.3 0.5 10.2 0.5 H 15.3 15.0 I 10.2 10.0 J 1.78 1.78
Type TCLP TCVP
A(max) 18.03 19.00
B(max) 18.03 21.00
C D E 13.0(max) 4.0 1.0 0.64 0.2 4.0 1.0
0.7 0.3 14.0(max) 15.0 0.5 10.0 0.5
Note: Design as Customer's Requested Specifications.
Electrical Characteristics Part Number TC*P - 60E - 151M TC*P - 60E - 221M TC*P - 60E - 331M TC*P - 60E - 471M TC*P - 60E - 681M TC*P - 60E - 821M TC*P - 60E - 102M Inductance(H) 150 220 330 470 680 820 1000 Test Freq.(KHz) L@IDC(H)(min) DCR ()(max) 100 125 0.210 100 180 0.250 100 280 0.480 100 400 0.660 100 590 0.930 100 700 1.300 100 930 1.600 IDC (A)(max) 1.70 1.50 1.00 0.90 0.85 0.75 0.50
02 of 03
http://www.token.com.tw/
rfq token.com.tw
Version 2010
TOKEN
How to Order
TCLP/TCVP Power Inductors
TCLP Part Number: TCLP, TCVP Core Material Inductance
Code 151 471 102 Inductance 150Hc 470.00H 1000.00H
60E
151
M
Tolerance
Code M N Tolerance 20% 30%
Back to 1st Page - Large Current Power Inductors (TCLP/TCVP)
Version 2010
http://www.token.com.tw/ rfq token.com.tw
03 of 03


▲Up To Search▲   

 
Price & Availability of TCP-60E-102M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X