Part Number Hot Search : 
D2003 80C453 2SD2142 2SD2142 SEF206A LD108 03624TC 34002
Product Description
Full Text Search
 

To Download ST2SD882S-E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ST 2SD882S-Q/P/E
NPN Silicon Epitaxial Planar Transistor for the output stage of 0.75W audio, voltage regulator, and relay driver. The transistor is subdivided into three groups Q, P and E, according to its DC current gain. On special request, these transistors can be manufactured in different pin configurations.
TO-92 Plastic Package Weight approx. 0.19g
Absolute Maximum Ratings (Ta = 25OC) Symbol Collector to Base Voltage Collector to Emitter Voltage Emitter to Base Voltage Collector Current Power Dissipation Junction Temperature Storage Temperature Range VCBO VCEO VEBO IC Ptot Tj TS Value 40 30 5 3 750 150 -55 to +150 Unit V V V A mW
O O
C C
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 21/11/2003
ST 2SD882S-Q/P/E
Characteristics at Tamb=25 OC Symbol DC Current Gain at VCE=2V, IC=1A Q P E at VCE=2V, IC=20mA Collector Cutoff Current at VCB=30V Emitter Cutoff Current at VEB=3V Collector to Base Breakdown Voltage at IC=100A Collector to Emitter Breakdown Voltage at IC=1mA Emitter to Base Breakdown Voltage at IE=10A Collector to Emitter Saturation Voltage at IC=2A,IB=200mA Base to Emitter Saturation Voltage at IC=2A,IB=200mA Transition Frequency at VCE=5V, IC=0.1A,f=100MHz Collector Output Capacitance at VCB=10V,f=1MHz Cob 45 pF fT 90 MHz VBE(sat) 2 V VCE(sat) 0.5 V V(BR)EBO 5 V V(BR)CEO) 30 V V(BR)CBO 40 V IEBO 1 uA ICBO 1 uA hFE hFE hFE hFE 100 160 250 30 200 320 500 Min. Typ. Max. Unit
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 21/11/2003


▲Up To Search▲   

 
Price & Availability of ST2SD882S-E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X