Part Number Hot Search : 
PAM2805 BR3510 54HCT CHX2089 AD5346 30N04 AS132 S2561
Product Description
Full Text Search
 

To Download SPD3889 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SPD3889 Thru SPD3893 12 A, 120 nsec, 50-400 V Fast Recovery Rectifier
Features:
* * * * * * * * * * Fast Recovery: 120nsec Maximum Higher Voltage Devices Available Low Reverse Leakage Current Single Chip Construction PIV to 400 Volts Hermetically Sealed High Surge Rating Low Thermal Resistance For Reverse Polarity add suffix "R" TX, TXV, and Space Level Screening Available
Designer's Data Sheet
Part Number/Ordering Information SPD __ __
Screening __ = Not Screened TX = TX Level TXV = TXV S = S Level Voltage 3889 = 50V 3890 = 100V 3891 = 200V 3892 = 300V 3893 = 400V
Maximum Ratings
Peak Repetitive Reverse Voltage and DC Blocking Voltage @ 100A Average Rectified Forward Current
(Resistive Load, 60 Hz, Sine Wave, TA = 25 C) SPD3889 SPD3890 SPD3891 SPD3892 SPD3893
Symbol
VRRM VRWM VR Io IFSM TOP & TSTG RJC
DO-4
Value
50 100 200 300 400 12 200
Units
Volts
Amps Amps C C/W
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25 C)
Operating & Storage Temperature Maximum Thermal Resistance
(Junction to Case)
-65 to +150 2.5
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RF0007B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SPD3889 Thru SPD3893
Symbol
VF
Electrical Characteristics
Instantaneous Forward Voltage Drop (IF =12Adc, T A = 25 C, 300s Pulse) Instantaneous Forward Voltage Drop (IF =12Adc, T A = -55 C, 300s Pulse)
Value
1.3
Units
VDC
VF
1.45
VDC
Reverse Leakage Current (Rated VR, TA = 25 C , 300s minimum pulse) Reverse Leakage Current (Rated VR, TA = 100 C , 300s minimum pulse) Reverse Recovery Time (IF = 500 mA, IR = 1 Amp, IRR = 250 mA, TA = 25 C) Junction Capacitance (VR = 10VDC, TA = 25C, f = 1MHz)
IR IR tRR CJ
20 2 120 300
A mA nsec pF
CASE OUTLINE: DO-4
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RF0007B
DOC


▲Up To Search▲   

 
Price & Availability of SPD3889

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X