Part Number Hot Search : 
FAITD260 RM251 AT73C246 2SK270 SS402 67L402J HCF452 UF2DF
Product Description
Full Text Search
 

To Download SM10100DS1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SM1020DS1 THRU SM10100DS1
Elektronische Bauelemente VOLTAGE 20V ~ 100V
10.0 AMP Surface Mount Schottky Barrier Rectifiers
RoHS Compliant Product A suffix of "-C" specifies halogen & lead-free
D-Pack
6.6
0.2 0.2 0.1
2.5
1
0.8
0.1
3
1.0
0.3
2
0.2
. Low forward voltage drop . High current capability . High reliability . High surge current capability . Epitaxial construction
MECHANICAL DATA
0.7
0.3 0.1
FEATURES
5.3
2.3 0.5
0.1
0.1
2
0.2
5.6
7.0
0.2
1.2 1.5Max
0.3
0.6 2.3
0.1
. Case: Molded plastic . Epoxy: UL 94V-0 rate flame retardant . Metallurgically bonded construction . Polarity: Color band denotes cathode end . Mounting position: Any . Weight: 0.70 grams
PIN 1 PIN 2 CASE PIN 3
Dimensions in millimeters
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
O
SM1020DS1 SM1040DS1 SM1060DS1 TYPE NUMBER Maximum Recurrent Peak Reverse Voltage 20 40 60 Working Peak Reverse Voltage 20 40 60 Maximum DC Blocking Voltage 20 40 60 Maximum Average Forward Rectified 10.0 A Current, See Fig. 1 Peak Forward Surge Current, 8.3 mS single 150 half Sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage 0.55 0.65 At 10A Maximum DC Reverse Current Ta=25 C 0.3 0.15 At Rated DC Blocking Voltage Ta=100 C 45 22.5 Typical Junction Capacitance (Note 1) 250 Typical Thermal Resistance R JC (Note 2) 10 Operating Temperature Range TJ -50 ~ +150 Storage Temperature Range TSTG -65 ~ +175 NOTES: 1. Measured at 1MHz and applied reverse voltage of 4.0V D.C. 2. Thermal Resistance Junction to Ambient Vertical PC Board Mounting 0.5"(12.7mm) Lead Length.
O O
SM10100DS1
100 100 100
UNITS V V V
A 0.83 0.05 7.5 V mA pF /W
01-Jun-2002 Rev. A
Page 1 of 2
SM1020DS1 THRU SM10100DS1
Elektronische Bauelemente VOLTAGE 20V ~ 100V
10.0 AMP Surface Mount Schottky Barrier Rectifiers
RATING AND CHARACTERISTIC CURVES (SM1020DS1 THRU SM10100DDS1)
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT,(A)
FIG.2-TYPICAL FORWARD CHARACTERISTICS
12 10
0D 10 20 DS 1~ SM 1 04
50
INSTANTANEOUS FORWARD CURRENT,(A)
SM SM
8 6 4 2 0 0 20 40 60 80
S1
108
60 DS
1~
DS
1.0
Tj=25 C Pulse Width 300us 1% Duty Cycle
100
120
140
160
180
200
CASE TEMPERATURE,( C)
FIG.3-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
250
0.1
PEAK FORWARD SURGE CURRENT,(A)
200
.01
.1
.3
SM 10
.5
50
.7
SM
10
80 DS
5.0
SM 10
.9
1~ SM
10
10 0D S
SM
1
102 1 0DS 106 ~SM 1 0DS
10
1.1
1
0 DS 1 M10 1~ S 00D S1
1.3
1.5
FORWARD VOLT AGE,(V)
150
Tj=25 C 8.3ms Single Half Sine Wave
M1 050 DS 1
100
SM 106 0DS
SM
102 0DS 1~S
JEDEC method
50
1~S M
101
00D
S1
FIG.5 - TYPICAL REVERSE CHARACTERISTICS
5 10 50 100
0 1
100
NUMBER OF CYCLES AT 60Hz
FIG.4-TYPICAL JUNCTION CAPACITANCE
2800 2400 2000 1600 1200
SM 1
JUNCTION CAPACITANCE,(pF)
REVERSE LEAKAGE CURRENT, (mA)
10
1.0
Tj=75 C
SM
102
0D S
1~S M1
040
DS
1
Tj=25 C
800 400 0
050D S1~S M
.1
1060
DS1
SM10 80DS 1~
SM10
100D
S1
.01
.05
.1
.5
1
5
10
50
100
.01 0
20
40
60
80
100 120 140
REVERSE VOLTAGE,(V)
PERCENT OF RATED PEAK REVERSE VOLT AGE,(%)
http://www.SeCoSGmbH.com/
01-Jun-2002 Rev. A
Any changing of specification will not be informed individual
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of SM10100DS1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X