Part Number Hot Search : 
2G25UM MIW1132 D934420 24496 MAX1587 M32F10 2SA1783 MJTP1194
Product Description
Full Text Search
 

To Download SM08010-37HS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Model SM08010-37HS
800-1000 MHz 5 Watt Linear Power Amplifier FOR GSM APPLICATIONS
The SM08010-37HS is a solid state GaAs amplifier designed primarily for the GSM (Global Standard for Mobile) market. This amplifier operates from 800-1000 MHz, provides 37 dB of gain, 0.5 dB gain flatness over the full band, and +37 dBm of output power at the 1 dB compression point. This highly linear design provides an output third order intercept point of + 50 dBm. The amplifier operates off a single supply of +12V (+10V available as an option) and 1.9 A typical. The unit uses the latest surface mount technologies to provide numerous features, while maintaining a very small size. Features * * * * Mis-Match Protected Single Power Supply Over Voltage Protection Thermal Protection with Auto Reset
Parameter Frequency Range Pout (P1dB) Third Order Intercept Point Linear Gain Gain Flatness over Full Band Input/Output Return Loss DC Input Voltage DC Input Current Mechanical Dimensions
Specification 800 - 1000 MHz + 37 dBm + 50 dBm (typ.) 37 dB 1.0 dB .5 dB -16 dB / -16 dB +12 Volts (+10 V available) 1.9 Amperes (typ.), 2.1 Amperes (max.) 4.7x2.0x.54 inches SMA Female 0C to +55C 95% Non-condensing Up to 10,000 feet above Sea Level
Options * * * Logic On/Off Control Integral Heatsink Single DC Supply of +10 V
Configurations * * Module 19" Rack
RF Connectors Operating Temperature Operating Humidity Operating Altitude
1007 Whitehead Road Ext., Trenton, NJ 08638 Tel: (609) 538-8586 Fax: (609) 538-8587 Email: sales@stealthmicrowave.com Web site: www.stealthmicrowave.com
Model SM08010-37HS
800-1000 MHz 5 Watt Linear Power Amplifier FOR GSM APPLICATIONS
DIMENSIONS IN INCHES
+VDC GND ON/OFF
INCORPORATED
RF OUTPUT
RF INPUT
Made in USA
HEATSINK OPTION
+12VDC GND ON/OFF
INCORPORATED
RF OUTPUT
RF INPUT
Made in USA
1007 Whitehead Road Ext., Trenton, NJ 08638 Tel: (609) 538-8586 Fax: (609) 538-8587 Email: sales@stealthmicrowave.com Web site: www.stealthmicrowave.com
Model SM08010-37HS
800-1000 MHz 5 Watt Linear Power Amplifier FOR GSM APPLICATIONS
Pin RF Input RF Output GND +10 VDC On/Off
Description Input Connector (SMA Female) Output Connector (SMA Female) Ground Turret DC Input Voltage TTL Logic On/Off
Values 0 dBm typ. + 37 dBm @ P1dB --+ 12 Volts @ 1.9 Amperes 0 Volts = Off, +5 Volts = On
Specifications subject to change without notice.
1007 Whitehead Road Ext., Trenton, NJ 08638 Tel: (609) 538-8586 Fax: (609) 538-8587 Email: sales@stealthmicrowave.com Web site: www.stealthmicrowave.com


▲Up To Search▲   

 
Price & Availability of SM08010-37HS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X