Part Number Hot Search : 
OA162 U2N60 2SD1263A ZX84C18 SDN8000G SMAJ51A AOZ8102 NB2760A
Product Description
Full Text Search
 

To Download SK55 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SK52 - SK5B
PRV : 20 - 100 Volts IO : 5.0 Amperes
FEATURES :
* * * * * * * * High current capability High surge current capability High reliability High efficiency Low power loss Low cost Low forward voltage drop Pb / RoHS Free
SURFACE MOUNT
SCHOTTKY BARRIER RECTIFIERS
SMC (DO-214AB)
0.060(1.52) 0.030(0.76) 0.320(8.13) 0.305(7.75) 0.280(7.11) 0.260(6.60)
0.008(0.203) 0.004(0.102)
0.121(3.07) 0.115(2.92) 0.245(6.22) 0.220(5.59) 0.103(2.62) 0.079(2.00)
0.012(0.305) 0.006(0.152)
MECHANICAL DATA :
* * * * * * Case : SMC Molded plastic Epoxy : UL94V-O rate flame retardant Lead : Lead Formed for Surface Mount Polarity : Color band denotes cathode end Mounting position : Any Weight : 0.21 gram
Dimensions in inches and (millimeter)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
RATING
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current See Fig.1
SYMBOL
VRRM VRMS VDC IF(AV)
SK SK SK SK SK SK SK SK SK 52 53 54 55 56 57 58 59 5B
20 14 20 30 21 30 40 28 40 50 35 50 60 42 60 5.0 70 49 70 80 56 80 90 63 90 100 70 100
UNIT
V V V A
Maximum Peak Forward Surge Current, 8.3ms single half sine wave superimposed on rated load (JEDEC Method) Maximum Forward Voltage at IF = 5 A (Note 1) Maximum Reverse Current at Rated DC Blocking Voltage (Note 1) Junction Temperature Range Storage Temperature Range Ta = 25 C Ta = 100 C VF IR IR(H) TJ TSTG 50 - 65 to + 125 0.55 0.67 0.5 25 - 65 to + 150 - 65 to + 150 0.79 V mA mA C C IFSM 150 A
Note :
(1) Pulse Test : Pulse Width = 300 s, Duty Cycle = 2%.
Page 1 of 2
Rev. 03 : March 25, 2005
RATING AND CHARACTERISTIC CURVES ( SK52 - SK5B )
FIG.1 - FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT, AMPERES
5 SK55 THRU SK5B
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
150
4 SK52 SK53 SK54
PEAK FORWARD SURGE CURRENT, AMPERES
150 175
120
3
90
2
60
1
30
0
0
25
50
75
100
125
0
1
2
4
10
20
40
100
LEAD TEMPERATURE, (C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
20
FIG.4 - TYPICAL REVERSE CHARACTERISTICS REVERSE CURRENT, MILLIAMPERES
FORWARD CURRENT, AMPERES
10 TJ= 100 C
10
SK52 SK53 SK54
SK58 SK59 SK5B
1.0
1.0
SK55 SK56 SK57
0.1
TJ = 25 C
TJ = 25 C PULSE WIDTH = 300s DUTY CYCLE = 2% 0.1 0.1
0.01 0 20 40 6 80
100
120
140
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
PERCENT OF RATED REVERSE VOLTAGE, (%)
FORWARD VOLTAGE, VOLTS
Page 2 of 2
Rev. 03 : March 25, 2005


▲Up To Search▲   

 
Price & Availability of SK55

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X