Part Number Hot Search : 
8116S RF105 30KPA51A LM853 HDK5762 KZT2222A 1732FS MP45010
Product Description
Full Text Search
 

To Download SI2337DS-T1-E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 New Product
Si2337DS
Vishay Siliconix
P-Channel 80-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V) - 80 rDS(on) () 0.270 at VGS = - 10 V 0.303 at VGS = - 6 V ID (A)a - 2.2 - 2.1 Qg (Typ) 7
FEATURES
* TrenchFET(R) Power MOSFET
RoHS
COMPLIANT
TO-236 (SOT-23)
S G 1 3 S 2 D G
Top View Si2337DS (E7)* *Marking Code Ordering Information: SI2337DS-T1-E3 (Lead (Pb)-free) D P-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS TA = 25 C, unless otherwise noted
Parameter Drain-Source Voltage Gate-Source Voltage TC = 25 C Continuous Drain Current (TJ = 150 C) TC = 70 C TA = 25 C TA = 70 C Pulsed Drain Current Continuous Source-Drain Diode Current Avalanche Current Single-Pulse Avalanche Energy TC = 25 C TA = 25 C L = 0.1 mH TC = 25 C Maximum Power Dissipation TC = 70 C TA = 25 C TA = 70 C Operating Junction and Storage Temperature Range Soldering Recommendations (Peak Temperature)d, e TJ, Tstg PD IDM IS IAS EAS ID Symbol VDS VGS Limit - 80 20 - 2.2 - 1.75 - 1.2b, c - 0.96b, c -7 - 2.1 - 0.63b, c 11 6.0 2.5 1.6 0.76b, c 0.48b, c - 50 to 150 260 W mJ A Unit V
C
THERMAL RESISTANCE RATINGS
Parameter Maximum Junction-to-Ambientb, d Maximum Junction-to-Foot (Drain) Notes: a. Package limited. b. Surface Mounted on 1" x 1" FR4 Board. c. t = 10 sec. d. Maximum under Steady State conditions is 166 C/W. Document Number: 73533 S-71597-Rev. C, 30-Jul-07 www.vishay.com 1 t 10 sec Steady State Symbol RthJA RthJF Typical 120 40 Maximum 166 50 Unit C/W
New Product
Si2337DS
Vishay Siliconix
SPECIFICATIONS TJ = 25 C, unless otherwise noted
Parameter Static Drain-Source Breakdown Voltage VDS Temperature Coefficient VGS(th) Temperature Coefficient Gate-Source Threshold Voltage Gate-Source Leakage Zero Gate Voltage Drain Current On-State Drain Currenta Drain-Source On-State Resistancea Forward Transconductancea Dynamic
b
Symbol VDS VDS/TJ VGS(th)/TJ VGS(th) IGSS IDSS ID(on) rDS(on) gfs Ciss Coss Crss Qg Qgs Qgd Rg td(on) tr td(off) tf td(on) tr td(off) tf IS ISM VSD trr Qrr ta tb
Test Conditions VGS = 0 V, ID = - 250 A ID = - 250 A VDS = VGS, ID = - 250 A VDS = 0 V, VGS = 20 V VDS = - 80 V, VGS = 0 V VDS = - 80 V, VGS = 0 V, TJ = 55 C VDS 5 V, VGS = - 10 V VGS = - 10 V, ID = - 1.2 A VGS = - 6 V, ID = - 1.1 A VDS = - 15 V, ID = - 1.2 A
Min - 80
Typ
Max
Unit V
- 35.8 5.45 -2 -4 100 -1 - 10 -7 0.216 0.242 4.3 0.270 0.303
mV/C V nA A A S
Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge Gate-Source Charge Gate-Drain Charge Gate Resistance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Drain-Source Body Diode Characteristics Continuous Source-Drain Diode Current Pulse Diode Forward Currenta Body Diode Voltage Body Diode Reverse Recovery Time Body Diode Reverse Recovery Charge Reverse Recovery Fall Time Reverse Recovery Rise Time
500 VDS = - 40 V, VGS = 0 V, f = 1 MHz VDS = - 40 V, VGS = - 10 V, ID = - 1.2 A VDS = - 40 V, VGS = - 6 V, ID = - 1.2 A f = 1 MHz VDD = - 40 V, RL = 42 ID - 0.96 A, VGEN = - 10 V, Rg = 1 40 25 11 7 2.1 3.2 4.8 10 15 20 15 15 VDD = - 40 V, RL = 42 ID - 0.96 A, VGEN = - 6 V, Rg = 1 18 20 12 TC = 25 C IS = 0.63 A - 0.8 30 IF = 0.63 A, di/dt = 100 A/s, TJ = 25 C 45 25 5 15 23 30 23 23 27 30 18 - 2.1 -7 - 1.2 45 70 ns 17.0 11.0 nC pF
A V ns nC ns
Notes: a. Pulse test; pulse width 300 s, duty cycle 2 %. b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
www.vishay.com 2
Document Number: 73533 S-71597-Rev. C, 30-Jul-07
New Product
Si2337DS
Vishay Siliconix
TYPICAL CHARACTERISTICS 25 C, unless otherwise noted
7 VGS = 10 thru 6 V 6
I D - Drain Current (A)
7 6 I D - Drain Current (A)
5 4 3 2 1 0 0.00
VGS = 5 V
5 4 3 2 TA = - 55 C TA = 25 C TA = 125 C
VGS = 4 V
1 0 0.0
1.00
2.00
3.00
4.00
1.0
2.0
3.0
4.0
5.0
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
Output Characteristics
0.30 700 600 rDS(on) - On-Resistance () C - Capacitance (pF) 0.25 VGS = 6 V 500 400 300 200 Crss 100 0.10 0 1 2 3 4 5 6 7 0 0 10
Transfer Characteristics
Ciss
0.20 VGS = 10 V
0.15
Coss
20
30
40
50
60
70
80
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
On-Resistance vs. Drain Current and Gate Voltage
10 ID =1.2 A 8 rDS(on) - On-Resistance (Normalized) VDS = 40 V 6 VDS = 64 V 4 1.6 1.4 1.2 1.0 0.8 0.6 0 0 2 4 6 8 10 12 0.4 - 50 2.0 1.8 ID = 1.2 A
Capacitance
V GS - Gate-to-Source Voltage (V)
VGS = 10 V
VGS = 6 V
2
- 25
0
25
50
75
100
125
150
Qg - Total Gate Charge (nC)
TJ - Junction Temperature (C)
Gate Charge Document Number: 73533 S-71597-Rev. C, 30-Jul-07
On-Resistance vs. Junction Temperature www.vishay.com 3
New Product
Si2337DS
Vishay Siliconix
TYPICAL CHARACTERISTICS 25 C, unless otherwise noted
20.0 rDS(on) - Drain-to-Source On-Resistance () 0.6 ID = 1.2 A 0.5 TA = 125 C
10.0 I S - Source Current (A) TJ = 150 C
0.4
TJ = 25 C 1.0
0.3 TA = 25 C
0.2
0.1 0.00 0.2 0.4 0.6 0.8 1.0 1.2
0.1 3 4 5 6 7
VSD - Source-to-Drain Voltage (V)
VGS - Gate-to-Source Voltage (V)
Source-Drain Diode Forward Voltage
3.6 3.4 3.2 VGS(th) (V) 3.0 2.8 2.6 2.4 2.2 2.0 - 50 ID = 250 A Power (W) 16 14 12 10 8 6 4 2
On-Resistance vs. Gate-to-Source Voltage
- 25
0
25
50
75
100
125
150
0 0.01
0.1
1 Time (sec)
10
100
1000
TJ - Temperature (C)
Threshold Voltage
100
Single Pulse Power, Junction-to-Ambient
10 I D - Drain Current (A)
*Limited by rDS(on)
1 ms 1 10 ms 100 ms 0.1 1s 0.01 TA = 25 C Single Pulse 10 s dc
0.001 0.1 1 10 100 1000
VDS - Drain-to-Source Voltage (V) *VGS > minimum VGS at which rDS(on) is specified
Safe Operating Area, Junction-to-Ambient www.vishay.com 4 Document Number: 73533 S-71597-Rev. C, 30-Jul-07
New Product
Si2337DS
Vishay Siliconix
TYPICAL CHARACTERISTICS 25 C, unless otherwise noted
2.8 2.4 2.0 ID - Drain Current (A) 1.5 Power 1.6 1.2 0.8 0.5 0.4 0.0 0 25 50 75 100 125 150 0.0 25 50 75 100 125 150 2.5
2.0
1.0
TC - Case Temperature (C)
TC - Case Temperature (C)
Current Derating*
10
Power Derating
IC - Peak Avalanche Current (A)
TA 1 1.0E-6
L
IA
BV - V DD
10.0E-6
100.0E-6
1.0E-3
10.0E-3
TA - Time In Avalanche (sec)
Single Pulse Avalanche Capability
*The power dissipation PD is based on TJ(max) = 150 C, using junction-to-case thermal resistance, and is more useful in settling the upper dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package limit.
Document Number: 73533 S-71597-Rev. C, 30-Jul-07
www.vishay.com 5
New Product
Si2337DS
Vishay Siliconix
TYPICAL CHARACTERISTICS 25 C, unless otherwise noted
2 1 Duty Cycle = 0.5 Normalized Effective Transient Thermal Impedance
0.2
Notes:
0.1 0.1 0.05 0.02
PDM t1 t2 1. Duty Cycle, D = t1 t2 2. Per Unit Base = RthJA = 166 C/W
Single Pulse 0.01 10-4 10-3 10-2 10-1 1
3. TJM - T A = PDMZthJA(t) 4. Surface Mounted
10
100
600
Square Wave Pulse Duration (sec)
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 1 Duty Cycle = 0.5
Normalized Effective Transient Thermal Impedance
0.2 0.1 0.1 0.05 0.02 Single Pulse 0.01 10-4 10-3 10-2 Square Wave Pulse Duration (sec) 10-1 1
Normalized Thermal Transient Impedance, Junction-to-Case
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability data, see http://www.vishay.com/ppg?73533.
www.vishay.com 6
Document Number: 73533 S-71597-Rev. C, 30-Jul-07
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of SI2337DS-T1-E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X