|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Semiconductor SF10A400H Ultra Fast Recovery Diode Applications * High speed switching and rectification * Switching mode power supply Features * Ultra-fast reverse recovery time: trr=50ns Max. * Low forward voltage & low reverse current * Low switching loss Ordering Information Type No. SF10A400H Marking SF10A400H Package Code TO-220F-2L Outline Dimensions 9.80~10.20 3.05~3.35 2.60~3.00 unit : mm 15.40~15.80 12.20~12.60 9.10~9.30 PIN Connections 12.40~13.00 0.90 Max. 3.46 Typ. 2.86 Typ. 1.07 Min. 0.60 Max. 1 2 2.54 Typ. 1 4.70 Max. 2 2.54 Typ. 1. Cathode 2. Anode 2.70 Max. KSD-D0Q007-000 1 SF10A400H Absolute Maximum Ratings Characteristic Repetitive peak reverse voltage Average rectified output current Peak forward surge current (Non-repetitive 60Hz sine wave) Junction temperature Storage temperature range [Ta=25C] Symbol VRRM IO IFSM TJ Tstg Rating 400 10 120 150 -45 ~ 150 Unit V A A C C Electrical Characteristics Characteristic Peak forward voltage Repetitive peak reverse current Reverse recovery time Total capacitance Thermal resistance [Ta=25C] Symbol VFM1) IRRM trr CT Rth Test Condition IF=10A VR=400V IF=1A, di/dt=100A/ VR=10V, f=1MHz Junction to ambient Junction to case Min. - Typ. 65 - Max. 1.4 20 50 62.5 3.5 Unit V ns pF C/W 1) Pulse test : tP380 , Duty cycle2% KSD-D0Q007-000 2 SF10A400H Electrical Characteristic Curves Fig.1 IF - VF Fig. 2 IR - VR Fig. 3 PF - IO [] Fig. 4 CT - VR Fig. 5 IFSM - Number of cycle Fig. 6 IO derating - TC KSD-D0Q007-000 3 SF10A400H The AUK Corp. products are intended for the use as components in general electronic equipment (Office and communication equipment, measuring equipment, home appliance, etc.). Please make sure that you consult with us before you use these AUK Corp. products in equipments which require high quality and / or reliability, and in equipments which could have major impact to the welfare of human life(atomic energy control, airplane, spaceship, transportation, combustion control, all types of safety device, etc.). AUK Corp. cannot accept liability to any damage which may occur in case these AUK Corp. products were used in the mentioned equipments without prior consultation with AUK Corp.. Specifications mentioned in this publication are subject to change without notice. KSD-D0Q007-000 4 |
Price & Availability of SF10A400H |