|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
RF COILS < Pin Type: S-5 Series> Type: S-5FN Product Description 5.5x5.5mm Max.(LxW), 5.0mm Max. Height. Inductance: 1.0H Max. Operating frequency: 300MHz Max. In addition to the reference versions of parameters shown here, custom designs are available to meet your exact requirements Feature Variable unshielded type. RoHS Compliance Dimensions (mm) 0.1 0.40.05 3.60.2 5.20.3 5.20.3 4.70.3 0.5 3.0 3.60.2 Dimension does not include solder used on coil. Pin pitch should be measured at the root of terminal. Connection (Bottom View) Specification (Part No. S7011327) S Item Tuning capacity (1-3) 54.3pF10% Within 25 Min. Measuring Condition 50MHz 50MHz S Unloaded Qu "S"is winding start. Please refer to the sales offices on our website for a representative near you www.sumida.com 1/1 |
Price & Availability of S-5FN |