Part Number Hot Search : 
LTC3866 EP120665 MZ5010 8SXB33M TLOE1 SG2003 B1608 IDT74FC
Product Description
Full Text Search
 

To Download RF33151 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RF3315Broadband High Linearity Amplifier
RF3315
BROADBAND HIGH LINEARITY AMPLIFIER
RoHS Compliant & Pb-Free Product Package Style: SOT89
Features
300MHz to 3GHz +40dBm Output IP3 12.5dB Gain at 2.0GHz +23dBm P1dB 3.0dB Typical Noise Figure at 2.0GHz Single 5V Power Supply
1 RF IN
GND 4 2 GND 3 RF OUT
Applications
Basestation Applications Cellular and PCS Systems WLL, W-CDMA Systems Final PA for Low-Power Applications
Functional Block Diagram
Product Description
The RF3315 is a high-efficiency GaAs Heterojunction Bipolar Transistor (HBT) amplifier packaged in a low-cost surface-mount package. This amplifier is ideal for use in applications requiring high-linearity and low noise figure over the 300MHz to 3GHz frequency range. The RF3315 operates from a single 5V power supply.
Ordering Information
RF3315 RF3315PCBA-410 RF3315PCBA-411 Broadband High Linearity Amplifier Fully Assembled Evaluation Board (2GHz) Fully Assembled Evaluation Board (900MHz)
Optimum Technology Matching(R) Applied
GaAs HBT GaAs MESFET InGaP HBT SiGe BiCMOS Si BiCMOS SiGe HBT GaAs pHEMT Si CMOS Si BJT GaN HEMT
RF MICRO DEVICES(R), RFMD(R), Optimum Technology Matching(R), Enabling Wireless ConnectivityTM, PowerStar(R), POLARISTM TOTAL RADIOTM and UltimateBlueTM are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. (c)2006, RF Micro Devices, Inc.
Rev A10 DS050318
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
1 of 14
RF3315
Absolute Maximum Ratings Parameter
RF Input Power Device Voltage Device Current Operating Temperature Storage Temperature Max. TJ (MTTF>100years)
Rating
+20 -0.5 to +6.0 250 -40 to +85 -40 to +150 165
Unit
dBm V mA C C C
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may cause permanent damage to the device. Extended application of Absolute Maximum Rating conditions to the device may reduce device reliability. Specified typical performance or functional operation of the device under Absolute Maximum Rating conditions is not implied. RoHS status based on EUDirective2002/95/EC (at time of this document revision). The information in this publication is believed to be accurate and reliable. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents, or other rights of third parties, resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended application circuitry and specifications at any time without prior notice.
Parameter
Overall AC Specifications (2GHz)
Frequency Gain (Small Signal) Input Return Loss Output Return Loss Output IP3 Output P1dB Noise Figure
Min.
Specification Typ.
Max.
Unit
Condition
VCC =5V, RFIN =-10dBm, Freq=2.0GHz, with 2GHz application schematic.
300 11.0 12.5 15 15 +36 +21 +40.0 +23.0 3.0
3000
MHz dB dB dB dBm dBm F=2GHz F=2GHz F=2GHz F1 = 1.99GHz, F2 =2.00GHz, PIN =-5dBm
4.0
dB VCC =5V, RFIN =-10dBm, Freq=900MHz, with 900MHz application schematic.
AC Specifications (900MHz)
Frequency Gain (Small Signal) Input Return Loss Output Return Loss Output IP3 Output P1dB Noise Figure +36 +23 300 16 18 20 20 +41 +25 2.5 88 154 3.5 3000 MHz dB dB dB dBm dBm dB
F1 = 900MHz, F2 =901MHz, PIN =-10dBm
Thermal
ThetaJC Maximum Measured Junction Temperature at DC Bias Conditions Mean Time To Failure C/W C
ICC =150mA, PDISS =770mW. (See Note.) TCASE =+85C TCASE =+85C ICC =150mA VCC =5V
370 4.5 100 5.0 150 5.5 170
years V mA
DC Specifications
Device Voltage Operating Current Range
Note: The RF3315 must be operated at or below 170mA to ensure the highest possible reliability and electrical performance.
2 of 14
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Rev A10 DS050318
RF3315
Pin 1 Function RF IN Description
RF input pin. This pin is not internally DC-blocked. A DC blocking capacitor, suitable for the frequency of operation, should be used in most applications.
Interface Schematic
VCC
R F IN
2 3
GND RF OUT
Ground connection. RF output and bias pin. For biasing, an RF choke is needed. Because DC is present on this pin, a DC blocking capacitor, suitable for the frequency of operation, should be used in most applications. See application schematic for configuration and value.
VCC RF OUT
4 Pkg Base
GND GND
Ground connection. Ground connection.
Package Drawing
1.04 0.80 0.50 0.30 1.60 1.40
3.10 2.90 0.48 0.36
2 PL
4.60 4.40
2.60 2.40
1.80 1.45 1.75 1.40
Dimensions in mm.
Shaded lead is pin 1.
0.43 0.38
0.53 0.41
Rev A10 DS050318
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
3 of 14
RF3315
Typical Application Schematic for 2GHz
VCC 4 100 pF + 1 F + 100 pF + 1 RF IN
100 pF
VCC
1 F +
2
3
82 nH RF OUT
2.2 pF
1.5 pF
3.6 nH
Evaluation Board Schematic for 2GHz
P1 P1-1 1 2 VCC 4 C3 + 100 pF C4 + 1 F 1 F 100 pF 1 2 3 L1 82 nH C3 1.5 pF + 50 strip L2 3.6 nH + VCC 3 CON3 VCC1 GND GND
J1 RF IN
50 strip
C1 100 pF
C2 2.2 pF
J2 RF OUT
4 of 14
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Rev A10 DS050318
RF3315
Typical Application Schematic for 900MHz
4 VCC
100 pF 1 2 3 100 nH
1 F
+
4.7 pF RF IN 4.7 nH
6 pF RF OUT 8.7 nH
Evaluation Board Schematic for 900MHz
P1 P1-1 1 2 3 CON3 J1 RF IN C1 4.7 pF L1 4.7 nH VCC GND GND 1 2 3 L2 100 nH C3 100 pF C2 6 pF L3 8.7 nH 4 VCC
+
C4 1 F
J2 RF OUT
Rev A10 DS050318
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
5 of 14
RF3315
Evaluation Board Layout for 1.9GHz Board Size 1.195" x 1.000"
Board Thickness 0.033", Board Material FR-4
Note: A small amount of ground inductance is required to achieve datasheet performance. The necessary inductance may be generated by ensuring that no ground vias are placed directly below the footprint of the part.
Evaluation Board Layout for 900MHz Board Size 1.195" x 1.000"
Board Thickness 0.033", Board Material FR-4
Note: A small amount of ground inductance is required to achieve datasheet performance. The necessary inductance may be generated by ensuring that no ground vias are placed directly below the footprint of the part.
6 of 14
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Rev A10 DS050318
RF3315
PCB Design Requirements
PCB Surface Finish The PCB surface finish used for RFMD's qualification process is electroless nickel, immersion gold. Typical thickness is 3inch to 8inch gold over 180inch nickel. PCB Land Pattern Recommendation PCB land patterns are based on IPC-SM-782 standards when possible. The pad pattern shown has been developed and tested for optimized assembly at RFMD; however, it may require some modifications to address company specific assembly processes. The PCB land pattern has been developed to accommodate lead and package tolerances. PCB Metal Land Pattern
A = 1.27 x 0.86 (mm) Typ.
Dimensions in mm.
Pin 1
A
3.43
2.79
2.34 1.48 1.02 0.43 A
0.03 0.66 Typ. 1.88 Typ. 5.36
Figure 1. PCB Metal Land Pattern (Top View)
Rev A10 DS050318
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
7 of 14
RF3315
PCB Solder Mask Pattern Liquid Photo-Imageable (LPI) solder mask is recommended. The solder mask footprint will match what is shown for the PCB metal land pattern with a 2mil to 3mil expansion to accommodate solder mask registration clearance around all pads. The center-grounding pad shall also have a solder mask clearance. Expansion of the pads to create solder mask clearance can be provided in the master data or requested from the PCB fabrication supplier.
A = 1.37 x 0.96 (mm) Typ.
Pin 1
Dimensions in mm.
A
3.48
2.89
2.44 1.48 1.02 0.48 A
0.03 0.72 Typ. 1.88 Typ. 5.46
Figure 2. PCB Solder Mask Pattern (Top View) Thermal Pad and Via Design Thermal vias are required in the PCB layout to effectively conduct heat away from the package. The via pattern has been designed to address thermal, power dissipation and electrical requirements of the device as well as accommodating routing strategies. The via pattern used for the RFMD qualification is based on thru-hole vias with 0.203mm to 0.330mm finished hole size on a 0.5mm to 1.2mm grid pattern with 0.025mm plating on via walls. If micro vias are used in a design, it is suggested that the quantity of vias be increased by a 4:1 ratio to achieve similar results.
8 of 14
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Rev A10 DS050318
RF3315
Gain versus Frequency Across Temperature,
15.0 14.0 13.0 12.0 11.0 10.0 9.0 8.0 7.0 6.0
OIP3 versus Frequency Across Temperature
44.0 43.0 42.0 41.0 40.0 39.0 38.0 37.0 36.0
VCC=5.0V (2GHz Application Frequency)
VCC=5.0V (2GHz Application Frequency)
OIP3 (dBm)
Gain (dB)
-40C 25C 85C
35.0
-40C 25C 85C
5.0 1750.0 1800.0 1850.0 1900.0 1950.0 2000.0 2050.0 2100.0 2150.0 2200.0 2250.0
34.0 1750.0 1800.0 1850.0 1900.0 1950.0 2000.0 2050.0 2100.0 2150.0 2200.0 2250.0
Frequency (MHz)
Frequency (MHz)
P1dB versus Frequency Across Temperature
26.0 25.0 24.0 23.0 22.0 21.0 20.0 19.0 18.0 17.0 16.0
Reverse Isolation versus Frequency Across Temp
-15.0 -16.0 -17.0 -18.0
VCC=5.0V (2GHz Application Frequency)
VCC=5.0V (2GHz Application Circuit)
Isolation (dB)
P1dB (dBm)
-19.0 -20.0 -21.0 -22.0 -23.0
-40C 25C 85C
-24.0
-40C 25C 85C
15.0 1750.0 1800.0 1850.0 1900.0 1950.0 2000.0 2050.0 2100.0 2150.0 2200.0 2250.0
Frequency (MHz)
-25.0 1750.0 1800.0 1850.0 1900.0 1950.0 2000.0 2050.0 2100.0 2150.0 2200.0 2250.0
Frequency (MHz)
Noise Figure versus Frequency Across Temperature
6.0
VCC=5.0V (2GHz Application Circuit)
5.0
Noise Figure (dB)
4.0
3.0
2.0
1.0
-40C 25C 85C
0.0 1750.0 1800.0 1850.0 1900.0 1950.0 2000.0 2050.0 2100.0 2150.0 2200.0 2250.0
Frequency (MHz)
Rev A10 DS050318
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
9 of 14
RF3315
Input VSWR versus Frequency Across Temperature,
2.4
Output VSWR versus Frequency Across Temperature,
2.4
VCC=5.0V (2GHz Application Circuit)
VCC=5.0V (2GHz Application Circuit)
2.2
2.2
2.0
2.0
VSWR
1.6
VSWR
1.8
1.8
1.6
1.4 -40C 25C 85C
1.4 -40C 1.2 25C 85C 1.0 1750.0 1800.0 1850.0 1900.0 1950.0 2000.0 2050.0 2100.0 2150.0 2200.0 2250.0
1.2
1.0 1750.0 1800.0 1850.0 1900.0 1950.0 2000.0 2050.0 2100.0 2150.0 2200.0 2250.0
Frequency (MHz)
Frequency (MHz)
Gain versus Frequency Across Temperature,
20.0 19.0 45.0 18.0 17.0 42.0
OIP3 versus Frequency Across Temperature
48.0
VCC=5.0V (900MHz Application Circuit)
VCC=5.0V (900MHz Application Circuit)
OIP3 (dBm)
Gain (dB)
16.0 15.0 14.0 13.0 12.0 11.0 10.0 700.0 750.0 800.0 850.0 900.0 950.0 1000.0 1050.0 -40C 25C 85C
39.0
36.0
33.0
30.0
-40C 25C 85C 750.0 800.0 850.0 900.0 950.0 1000.0 1050.0
27.0 700.0
Frequency (MHz)
Frequency (MHz)
P1dB versus Frequency Across Temperature
28.0 27.0 26.0 -15.0 25.0
Reverse Isolation versus Frequency Across Temp,
-10.0
VCC=5.0 (900MHz Application Circuit)
VCC=5.0V (900MHz Application Circuit)
P1dB (dBm)
24.0 23.0 22.0 21.0 20.0 19.0 18.0 700.0 750.0 800.0 850.0 900.0 950.0 1000.0 1050.0 -40C 25C 85C
Reverse Isolation (dB)
-20.0
-25.0
-40C 25C 85C -30.0 700.0 750.0 800.0 850.0 900.0 950.0 1000.0 1050.0
Frequency (MHz)
Frequency (MHz)
10 of 14
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Rev A10 DS050318
RF3315
Noise Figure versus Frequency Across Temperature
7.0
Input VSWR versus Frequency Across Temperature
3.5
VCC=5.0V (900MHz Application Circuit)
VCC=5.0V (900MHz Application Circuit)
6.0 3.0 5.0
Noise Figure (dB)
3.0
VSWR
2.0 1.5 -40C 25C 85C 1.0 750.0 800.0 850.0 900.0 950.0 1000.0 1050.0 700.0 750.0 800.0 850.0 900.0 950.0 1000.0 1050.0
4.0
2.5
2.0
1.0
-40C 25C 85C
0.0 700.0
Frequency (MHz)
Frequency (MHz)
Output VSWR versus Frequency Across Temperature,
3.5
ICC versus VCC Across Temperature
200.0
VCC=5.0V (900MHz Application Circuit)
180.0 3.0 160.0 2.5
ICC (mA)
2.0 1.5 -40C 25C 85C 1.0 700.0 750.0 800.0 850.0 900.0 950.0 1000.0 1050.0
VSWR
140.0
120.0
100.0
80.0
-40C 25C 85C 3.0 3.5 4.0 4.5 5.0 5.5 6.0
60.0
Frequency (MHz)
VCC (V)
MTTF versus Junction Temperature,
1000000.0
(60% Confidence Interval)
100000.0
10000.0
MTTF (Years)
1000.0
100.0
10.0
1.0 100.0 125.0 150.0 175.0 200.0
Junction Temperature (C)
Rev A10 DS050318
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
11 of 14
RF3315
S11
0.6
2.0
S22
0.6
Swp Max 3GHz
Swp Max 3GHz
2.0
1.0
3 GHz
3.0
0.8
0.8
1.0
4. 0
5.0
0.2 0.2
10.0
10.0
300 MHz
10.0
0.2
0.4
0.6
0.8
1.0
2.0
3.0
4.0
5.0
0.2
0.4
0.6
0.8
1.0
2.0
3.0
4.0
5.0
0
0
-0.2
-5.0
-0.2
-5.0
.4 -0
.4 -0
.0 -2
-0 . 6
Swp Min 0.3GHz
-0 . 6
.0 -2
Swp Min 0.3GHz
-1.0
-0.8
-0.8
12 of 14
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
-1.0
Rev A10 DS050318
-10.0
-4 . 0
-3 .0
0. 4
-10.0
-4.
0
-3
.0
0. 4
3.0
4.0
5.0
3 GHz 300 MHz
10.0
RF3315
Rev A10 DS050318
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
13 of 14
RF3315
14 of 14
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Rev A10 DS050318


▲Up To Search▲   

 
Price & Availability of RF33151

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X