Part Number Hot Search : 
N10A0 M5132 FIAM2C13 BD617 00402 TMP87 BCR12 E004987
Product Description
Full Text Search
 

To Download PSS-240-12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PSS240 Series
240 Watt Single Output AC/DC Power Supply
FEATURES
2 Year Warranty Fixed Switching Frequency Built-In Passive PFC Choke LED Indicator for Power On Compact Size, Light Weight 100% Full Load Burn-In Tested Auto Switched 88 ~ 264VAC Input Built-In Cooling Fan ON/OFF Control Forced Air Cooling by Built-In DC Fan High Efficiency, Low Working Temperature Soft Start Circuit, Limiting AC Surge Current Short Circuit, Overload, Over Voltage, and Over Temperature Protected SPECIFICATIONS: PSS240 Series
All specifications are based on 25 C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted. We reserve the right to change specifications based on technological advances. INPUT SPECIFICATIONS Input Voltage Range 88 ~ 132VAC / 176 ~ 264VAC auto switch (248 ~ 370VDC) Input Frequency 47 to 63Hz AC Current (typical) 5A @ 115VAC 2.5A @ 230VAC Inrush Current (typical) 15A @ 115VAC 30A @ 230VAC Leakage Current < 2mA @ 240VAC OUTPUT SPECIFICATIONS Output Voltage See Table Output Power See Table Voltage Tolerance (See Note 3) 5V & 7.5V outputs: 2.0%; 12V - 48V outputs: 1.0% Voltage Adjustment Range See Table Line Regulation 48V output: 1.0%; 5V - 30V outputs: 0.5% Load Regulation 5V, 7.5V, and 48V outputs: 1.0%; 12V - 30V outputs: 0.5% Output Current See Table Ripple & Noise (max) (See Note 2) See Table Setup, Rise Time 1000ms, 20ms @ full load Hold Up Time (typical) 36ms @ full load Temperature Coefficient 0.03%/C (0 ~ 50C) PROTECTION 105 ~ 135% rated output power Overload Protection Protection Type: Hiccup mode, recovers automatically after fault condition is removed. See Table Over Voltage Protection Protection Type: Hiccup mode, recovers automatically after fault condition is removed. Fan Control, O.T.P RT1 40C Fan On, 35C Fan Off, 70C output shutdown GENERAL SPECIFICATIONS Switching Frequency 75KHz Efficiency See Table Withstand Voltage 3000VAC (Input to Output), 1500VAC (Input to FG), 500VAC (Output to FG) Isolation Resistance 100M/500DC (Input to Output, Input to FG, and Output to FG) ENVIRONMENTAL SPECIFICATIONS Working Temperature -10C to +60C (refer to output load derating curve) Storage Temperature -20C to +85C Working Humidity 20 ~ 90% RH non-condensing Storage Humidity 10 ~ 95% RH Cooling Forced air cooling by built-in DC fan Vibration 10 ~ 500Hz, 2G 10min./1 cycle, 60min each along X, Y, Z axes. MTBF 179,300 hours min. @ 25C (MIL-HDBK-217F) PHYSICAL SPECIFICATIONS Weight 1200 grams Dimensions 190(L) x 93(W) x 65(H) mm Warranty 2 years SAFETY & EMC Safety Standards UL60950-1, TUV EN60950-1 Approved (7.5V Design refer to TUV EN60950-1) EMI Conduction & Radiation Compliance to EN55022 (CISPR22) Class B Harmonic Current Compliance to EN61000-3-2,-3 EMS Immunity Compliance to EN61000-4-2,3,4,5,6,8,11; ENV50204, EN55024, Light Industry level, criteria A
o
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797
PSS240 Series
240 Watt Single Output AC/DC Power Supply
OUTPUT VOLTAGE / CURRENT RATING CHART
Model Number PSS-240-5 PSS-240-7.5 PSS-240-12 PSS-240-15 PSS-240-24 PSS-240-30 PSS-240-48 88 ~ 132 VAC or 176 ~ 264 VAC Input Voltage Output Voltage 5 VDC 7.5 VDC 12 VDC 15 VDC 24 VDC 30 VDC 48 VDC Voltage Over Voltage Adjust. Range Protection 4.5 ~ 5.8V 6 ~ 9V 10 ~ 14V 12 ~ 18V 20 ~ 28V 27 ~ 33V 41 ~ 56V 6 ~ 7V 9.4 ~ 10.9V 14.4 ~ 16.8V 18.5 ~ 21.5V 31.2 ~ 36V 34.5 ~ 40.5V 57.6 ~ 67.2V Output Current 40A 30A 18A 15A 10A 8A 5A Ripple & Noise 150mVp-p 200mVp-p 150mVp-p 150mVp-p 180mVp-p 180mVp-p 240mVp-p Output Power 200W 225W 216W 225W 240W 240W 240W Efficiency 78% 80% 82% 83% 84% 85% 87%
NOTES
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load, and 25C ambient temperature. 2. Ripple & noise are measured at 20MHz bandwidth by using a 12" twisted pair-wire terminated with a 0.1uF& 47uF parallel capacitor. 3. Tolerances include set up tolerance, line regulation, and load regulation. 4. This power supply is considered a component which will be installed into final equipment. The final equipment must be re-confirmed that it still meets EMC directives.
BLOCK DIAGRAM
fosc: 75KHz
DERATING CURVE
STATIC CHARACTERISTICS (24V)
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797
PSS240 Series
240 Watt Single Output AC/DC Power Supply
MECHANICAL DRAWING
Unit: mm
Terminal Pin No. Assignment
Pin No. 1 2 3 4,5 6,7 Assignment AC/L AC/N FG DC OUTPUT (-V) DC OUTPUT (+V)
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797


▲Up To Search▲   

 
Price & Availability of PSS-240-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X