Part Number Hot Search : 
ER3001P T048P MA2SV05 BU5471K 78DL05A 060PT 01MXA 74HC5
Product Description
Full Text Search
 

To Download PL85-CDRR22 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P-tec Corp. Tel:(800)688-0613 2405 Commerce Circle Tel:(719) 589 3122 Alamosa Co. 81101 Fax:(719) 589 3592 www.p-tec.net sales@p-tec.net
PL85 Series 5mm Bi-Polar (T13/4) LED
Features
*Popular 5mm Lens Style with Flange *2 Leaded Bi-Polar *Red Diffused Lens *2 Super Bright Red Chips used *Uniform Light Output *Wide Viewing Angle *RoHS Compliant
Absolute Maximum Ratings at TA = 25C
Power Dissipation................................................................................... 72mW Reverse Voltage (<100A)............................................................................ 4.0V Max Forward Current............................................................................... 30mA Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width)...................................... 100mA Operating Temperature Range....................................................... -25C to +85C Storage Temperature Range.......................................................... -40C to +100C Soldering Temperature (1.6mm below body)...................................... 260C for 5 seconds
Electrical & Optical Characteristics at TA = 25C
Part Number Color Diffused Lens PL85-CDRR22 Deep Red AlGaAs Emitting Color Chip Material Peak Wave Length nm 660 Dominant Wave Length nm 643 Viewing Angle 2 1/2 Deg 90 Forward Voltage @20mA (V) Typ 2.1 Max 2.4 Luminous Intensity @20mA (mcd) Min 30.0 Typ 50.0
All dimensions are in Millimeters. Tolerance is 0.25mm unless otherwise specified. An epoxy meniscus may extend about 1mm down the leads.
8.7
24.0Min.
Anode Green, Yellow
5.9
5.0
2.540.1
0.5 Square
Anode Red, Yellow
1.5typ. 1.0
02-20-07 Rev 0 RS


▲Up To Search▲   

 
Price & Availability of PL85-CDRR22

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X