Part Number Hot Search : 
04N60 5KE40 LM308 74479 CY7C10 53203 LX125 45N1E
Product Description
Full Text Search
 

To Download PCLD-880 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PCI-1761

RoHS
2002/95/EC
8-ch Relay and 8-ch Isolated Digital Input PCI Card Features
ISA-Compatible with PCL-725 8 relay output channels and 8 isolated digital input channels LED indicators to show activated relays 4 Form C and 4 Form A type relay output channels Male DB37 matching connector included Output status readback Retained relay output values when hot system reset High-voltage isolation on input channels (3,750 VDC) High ESD protection (2,000 VDC) High over-voltage protection (70 VDC) Wide input range (10 ~ 50 VDC) Interrupt handling capability BoardIDTM switch
COMPLIANT
Introduction
The PCI-1761 relay actuator and isolated DI card is an add-on card for the PCI bus. It provides 8 optically-isolated digital inputs with isolation protection of 3,750 VDC for collecting digital inputs in noisy environments and 8 relay actuators for serving as on/off control devices or small power switches. For easy monitoring, each relay is equipped with one red LED to show its on/off status. The PCI-1761's eight optically-isolated digital input channels are ideal for digital input in noisy environments or with floating potentials. The PCI-1761 digital input channels feature a rugged isolation protection for industrial, lab and machinery automation applications. It durably withstands voltage up to 3,750 VDC, protecting your host system from any incidental harms. If connected to an external input source with surge-protection, the PCI-1761 can offer up to a maximum of 2,000 VDC ESD (Electrostatic Discharge) protection. Even with an input voltage rising up to 70 VDC, the PCI-1761 can still manage to work properly, albeit for only a short period of time.
Specifications
Isolated Digital Input
Channels Input Voltage 8 Logic 0: 3 V max. Logic 1: 5V min. (50V max.). Interrupt Capable Ch. 8 Isolation Protection 3,750 VDC Overvoltage Protection 70 VDC Opto-Isolator Response 25 s Input Resistance 5,600 W Input Current 1.6 mA @ 10 VDC, 8.9 mA @ 50 VDC
General
PCI V2.2 1 x DB37 female connector 175 x 100 mm (6.9" x 3.9") Typical: +5 V @ 220 mA Max.: +5 V @ 750 mA Operating Temperature 0 ~ 60 C (32 ~ 140 F) (IEC 68-2-1, 2) Storage Temperature -20 ~ 70 C (-4 ~ 158 F) Storage Humidity 5 ~ 95 % RH, non-condensing (IEC 68-2-3) Bus Type I/O Connectors Dimensions (L x H) Power Consumption
Relay Output
Channels Relay Type Contact Rating Relay on Time Relay off Time Life Span Resistance Contact: Insulation: 8 SPDT (4 x Form C, and 4 x Form A) 250 VAC @ 3 A, or 24 VDC @ 3 A 15 ms max. 5 ms max. 2 x 107 operations 50 MW 1 GW min.
Ordering Information
PCI-1761 PCL-10137-1 PCL-10137-2 PCL-10137-3 ADAM-3937 PCLD-880 8-ch Relay/Isolated Digital Input PCI Card DB37 Cable, 1 m DB37 Cable, 2 m DB37 Cable, 3 m DB37 DIN-rail Wiring Board Wiring Board w/ Two 20-pin Flat Cables & Adapter
Online Download www.advantech.com/products


▲Up To Search▲   

 
Price & Availability of PCLD-880

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X