Part Number Hot Search : 
VV5430 STM1815T B70NF3 SP7656E 73CB06 L321F CM200 GS711
Product Description
Full Text Search
 

To Download PCLD-8751 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PCLD-8751 PCLD-8761
48-ch Opto-Isolated Digital Input Board 24-ch Opto-Isolated DI and 24-ch Relay Output Board
PCLD-8751
PCLD-8761
Features
48 optically-isolated digital input channels Built-in plug-in screw terminals for easier wiring LEDs indicate input logic status Input buffered with voltage comparators Wet/Dry contact set by DIP switches Input logic set by jumper Wide input range from 5 to 30 V
Features
Built-in plug-in screw terminals for easier wiring LED status indicators for D/I and relay output Digital inputs buffered with voltage comparators Wet/Dry contact set by DIP switches for D/I Wide input range from 5 to 30 V INT/EXT Power selection by jumper
Specifications
Digital Input
Channels 24 IDI with LED and 24 Relay (SPDT) Form C with LED Contact Mode Wet contact and dry contact for each IDI (set by switch) Digital Input 0 ~ 30 V VIH (MIN) : 4 V, VIL (MAX) : 1V Isolation Voltage 3,500 V (Isolated DI), 1,500V (Relay) Logic Mode Positive Logic Negative Logic (set by jumper) (IDI and Relay are independent) Contact Rating Contact Resistance Electrical Endurance Mechanical Endurance Operation Time Release Time 30 VDC @ 1 A, 120 VAC @ 0.5 A < 100 ohm 5*107 times at 12 V/10 mA 108 times 5 ms Max 6 ms Max CE SCSI-68 male Plug-in screw terminals: (#14 ~ 24 AWG) 285 x 121 mm DIN 35 rail +5 V @ < 380 mA +50*n (mA) +12 V @ < 240 mA +70*n (mA) (*n indicate the number of relays) PCI Bus or External power(7 ~ 30 V) by jumper
Specifications
Digital Input
Channels Contact Mode Isolation Voltage Logic Modes Signal Voltage 48 isolated digital inputs Wet contact Dry contact (set by switch) 3500 V Positive Logic Negative Logic (set by jumper) 0 ~ 30 V VIH (MIN) : 4 V, VIL (MAX) : 1 V CE SCSI-68 male Plug-in screw terminals: (#14 ~ 24 AWG) 255 x 121 mm One for each channel to indicate logic status DIN-rail
Relay Output

General
Certifications Connectors Controller: Digital Input; Dimensions LED Indicators Mounting
General
Certifications Connectors Controller: Digital Input: Dimensions Mounting Power Consumption Power Selection
Ordering Information
PCLD-8751 48-ch Opto-isolated Digital Input Board
Ordering Information
PCLD-8761 24-ch Opto-isolated DI and 24-Channel Relay (SPDT) Output Board
Signal Conditioning Modules and Terminal Boards


▲Up To Search▲   

 
Price & Availability of PCLD-8751

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X