Part Number Hot Search : 
40011 XXXWC SP1601 BR303 6N7002 081V6B5E R65C00 BR2020
Product Description
Full Text Search
 

To Download PCLD-8115 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PCL-818HD/HG PCL-818L
Features
Programmable gain
100 kS/s, 12-bit, 16-ch ISA Multifunction Card 40 kS/s, 12-bit, 16-ch ISA Multifunction Card
16-ch single-ended or 8-ch differential analog input 12-bit A/D converter, with up to 100 kHz sampling rate Automatic channel/gain scanning Onboard FIFO memory (1,024 samples, PCL-818HD/HG only) One 12-bit analog output channel 16-ch digital input and 16-ch digital output Onboard programmable counter
RoHS
2002/95/EC
COMPLIANT
Introduction
The PCL-818L series was designed for entry-level models to the PCL-818 series. The cards have been designed with the cost-sensitive customer in mind, but still offers the same functions as the rest of the series, except that they have a 40 kHz sampling rate and only accepts bipolar inputs. They are fully software and connector compatible with the PCL-818HD and PCL-818HG. This lets you upgrade your applications to these higher performance cards without hardware or software changes. The PCL-818LS bundle consists of the PCL-818L card, the PCLD-8115 wiring terminal board and a DB37 cable assembly. The PCLD-8115 accommodates onboard passive signal conditioning components (resistors and capacitors), allowing you to easily implement a low-pass filter, a voltage attenuator or a 4 ~ 20 mA voltage converter.
Specifications
Analog Input
Channels Resolution Max. Sampling Rate 16 single-ended / 8 differential 12 bits 100 kS/s for all input ranges (PCL-818HD/HG only) 40 kS/s for all input ranges (PCL-818L only) FIFO Size 1,024 samples Overvoltage Protection 30 Vp-p Input Impedance 10 MW Sampling Modes Software, pacer or external (V, software programmable) Input Range
10 N/A 0.1 5 0 ~ 10 0.1 2.5 0~5 0.2 1.25 0 ~ 2.5 0.2 0.625 0 ~ 1.25 0.4
Digital Input
Channels Compatibility Input Voltage 16 5 V/TTL Logic 0: 0.8 V max. Logic 1: 2.0 V min.
Digital Output
Channels Compatibility Output Voltage Output Capability 16 5 V/TTL Logic 0: 0.4 V max. Logic 1: 2.4 V min. Sink: 8 mA Source: -0.4 mA
PCL-818L/818HD Bipolar Unipolar* Accuracy (% of FSR 1LSB)
Timer/Counter
Channels A/D Pacer Max. and Min. Rates Counter 1 32-bit with 10 MHz or 1 MHz time base 2.5 MHz and 0.00023 Hz One 16-bit counter with 100 kHz time base
* Note: PCL-818L doesn't support unipolar input range.
PCL-818HG Bipolar Unipolar Accuracy (% of FSR 1LSB) 10 N/A 0.1 5 0 ~ 10 0.1 1 N/A 0.2 0.5 0~1 0.2 0.1 N/A 0.4 0.05 0 ~ 0.1 0.4 0.01 N/A 0.8 0.005 0 ~ 0.01 0.8
General
Power Consumption +5 V @ 210 mA typical, 500 mA max. +12 V @ 20 mA typical, 100 mA max. -12 V @ 20 mA typical, 40 mA max. I/O Connector 1 x DB37 female 2 x 20-pin box header Dimensions (L x H) 155 x 100 mm (6.1" x 3.9") Operating Temperature 0 ~ 50 C (32 ~ 122 F) Storage Temperature -20 ~ 65 C (-4 ~ 149 F) Operating Humidity 5 ~ 95% RH, non-condensing (refer to IEC 68-2-3)
Analog Output
Channels Resolution Output Rate Output Range
Internal Reference External Reference
1 12 bits Static update (V, software programmable)
Unipolar 0 ~ 5, 0 ~ 10 0 ~ 10, 0 ~ -10

Data Acquisition Boards
PCL-818HD/HG PCL-818L Ordering Information
PCL-818HD PCL-818HG PCL-818L PCL-818LS PCL-10137-1 PCL-10137-2 PCL-10137-3 PCLD-8115 PCLD-880 High-performance Half-size Multifunction Card High-performance and High-gain Multi. Card Low-cost High-perform. Half-size Multi. Card PCL-818L w/ PCLD-8115 and DB37 Cable DB37 Cable, 1 m DB37 Cable, 2 m DB37 Cable, 3 m Wiring Board w/ CJC Circuit & One DB37 Cable Wiring Board w/ Two 20-pin Flat Cables & Adapter
Pin Assignments
Online Download www.advantech.com/products


▲Up To Search▲   

 
Price & Availability of PCLD-8115

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X