Part Number Hot Search : 
100D12N2 PJSMS05C APM7322K 06BCP PC120FI AD9040A D0303 LN849RPH
Product Description
Full Text Search
 

To Download PCL-839 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PCL-839+
NEW Features
Optically-isolated outputs Half-size PC add-on card Up to 250 kpps step rate 16 DI and 16 DO
3-axis Stepping Motor Control Card
Independent, simultaneous control of three stepping motors Five isolated digital inputs per axis for limit switches
Introduction
The PCL-839+ three axis intelligent stepping motor control card turns your IBM-compatible PC into a 3-axis motion-control station. The card's one PCD-4541 intelligent controller chips can execute a variety of motion-control commands. For advanced applications, we supply function libraries which you can link to your C program.
Programming the PCL-839+
You can control each axis directly through the card's I/O registers. but use of the card's high-level interpreter is recommended. This interpreter reads high-level commands from a text file to perform specific tasks. We also supply function libraries which you can call from your C program. The libraries come with `Turbo C' source code which you can recompile if you want to access the libraries from other C compilers.
Specifications
Axes Max. Step Count Max. Step Rate Acceleration/ Deceleration Output Pulse Signal 3, independent 0~16,777,215 200 kpps Automatic trapezoidal, ramping, programmable start run and sampling rate Two pulse (CW/CCW) mode or one pulse (pulse, direction) mode. Optically coupled with 10 K pull-up resistor 20 mA @ 0.4 V (sink) Positive/negative, programmable Five per channel (home, forward/reverse end limit, forward/reverse high speed limit) 16 digital inputs and 16 digital outputs, TTL compatible IRQ 2, 4, 5, 7, 11, 12 or 15 for limit switches, jumper selectable
General
I/O Addresses Power Consumption Operating Temperature Storage Temperature Operating Humidity Connectors 16 5 V @ 390 mA max. 0 ~ 60 C (32 ~ 140 F) -20 ~ 70 C (-4 ~ 158 F) 5 ~ 95% RH non-condensing (refer to IEC 68-2-3) DB37 for limit switches and pulse output; 20-pin flat cable for general DIO 185 x 100 mm (7.3" x 3.9")
Dimensions (L x H)
Output Driving Capability Output Polarity Limit Switches
Ordering Information
PCL-839+ PCL-10137-1 PCL-10137-2 PCL-10137-3 ADAM-3937 Intelligent 3-axis stepping motor control card, user's manual and driver CD-ROM (cable not included) DB37 cable assembly, 1 m DB37 cable assembly, 2 m DB37 cable assembly, 3 m DB37 wiring terminal for DIN-rail mounting
DI/O and Interrupt
DI/O Interrupt
Applications
X-Y table control Rotary machine control Robotics control Precision position control using stepping motors
Motion Control
All product specifications are subject to change without notice Last updated : January 2005


▲Up To Search▲   

 
Price & Availability of PCL-839

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X