Part Number Hot Search : 
10EL0 R5110810 2701B 40FDR12A 200000 3N170 NTE2510 LT1039I
Product Description
Full Text Search
 

To Download PCL-836 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PCL-836

RoHS
2002/95/EC
6-ch, 16-bit Counter/Timer ISA Card Features
Periodic interrupt generation 6 independent 16-bit counters Digital filter for noise reduction Binary or BCD counting Programmable frequency output Complex duty-cycle output Single-shot output 16-bit TTL input and 16-bit TTL output ports Selectable interrupt input channel Up to 10 MHz input frequency Pulsewidth and period measurement Time-delay generation F/V conversion and accumulation
COMPLIANT
Introduction
PCL-836 is a general purpose counter/timer and digital I/O card for PC/AT compatible computers. It provides six 16-bit counter channels. It also includes 16 digital outputs and 16 digital inputs. Two 8254 chips provide a variety of powerful counter/timer function modes to match your industrial and/or laboratory applications.
Unique Digital Filter
PCL-836 includes a unique digital filter to eliminate noise on the input signal. The frequency can be adjusted to provide more stable output readings.
Specifications
Digital Input
Channels Compatibility Input Voltage 16 5 V/TTL Logic 0: 0.8 V max. Logic 1: 2.0 V min. 16 5 V/TTL Logic 0: 0.8 V Logic 1: 2.0 V Sink: 8 mA @ 0.8 V Source: -0.4 mA @ 2.0 V 6 16 bits 5 V/TTL 10 MHz Internal: 10 MHz External clock: 10 MHz 6 programmable counter modes IRQ 2, 4, 5, 7, 10, 11, 12, 15 (jumper selectable) 3 1.6 ms to 52 ms (programmable)
Ordering Information
PCL-836 PCL-10137-1 PCL-10137-2 PCL-10137-3 ADAM-3937 PCLD-880 6-ch, 16-bit Counter/Timer ISA Card DB37 Cable, 1 m DB37 Cable, 2 m DB37 Cable, 3 m DB37 DIN-rail Wiring Board Wiring Board w/ Two 20-pin Flat Cables & Adapter
Digital Output
Channels Compatibility Output Voltage Output Capability
Pin Assignments
Counter/Timer
Channels Resolution Compatibility Max. Input Frequency Reference Clock Counter Modes Interrupt Capable Ch. PWM Channels Digital Noise Filter
General
Power Consumption +5 V @ 360 mA (typical) +5 V @ 400 mA (max.) Operating Temperature 0 ~ 60 C (32 ~ 140 F) Storage Temperature -20 ~ 70 C (-4 ~ 158 F) Operating Humidity 5 ~ 95% RH non-condensing (refer to IEC 68-2-3) Connector 1 x DB37 female connector for counter 2 x 20-pin box header for digital I/O Dimensions (L x H) 185 x 100 mm (7.3" x 3.9")
Data Acquisition Boards


▲Up To Search▲   

 
Price & Availability of PCL-836

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X