Part Number Hot Search : 
18602757 1A102 MF1S50 102M35 M1MA15 16374A CM7208 HC451
Product Description
Full Text Search
 

To Download PCL-833 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PCL-833
Features
3-axis Quadrature Encoder and 2-ch Counter ISA Card
1.0 MHz max. quadrature input rate Three 24-bit counters (can cascade up to 48 bits) Optically isolated up to 2,500 VRMS 4-stage digital filter 2.4 MHz max. input pulse rate Pulse/direction and up/down counting Digital input with interrupt for each axis Programmable time-interval interrupt Half-size AT bus card
RoHS
2002/95/EC
COMPLIANT
Introduction
PCL-833 is a 3-axis quadrature encoder and counter add-on card for the IBM PC/AT and compatibles (ISA bus). This card lets your PC perform position monitoring for motion control systems. Each input includes a decoding circuit for incremental quadrature encoding. Inputs accept either single-ended or differential signals. Quadrature input works with or without an index, allowing linear or rotary encoder feedback. PCL-833 has three independent 24-bit counters. The maximum quadrature input rate is 1.0 MHz, and the maximum input rate in counter mode is 2.4 MHz. You can individually configure each counter for quadrature decoding, pulse/direction counting or up/down counting. PCL-833 provides five digital input channels. Each channel accepts digital input as an index input for a rotary encoder or as a home sensor input for a linear encoder. The card can generate an interrupt to the system based on a signal from its digital inputs, overflow/underflow of its counters, or on a programmed time interval. It can repeatedly generate interrupts at any time interval you specify, from 0.1 msec. to 255 sec. These interrupts let you precisely monitor the speed of a control system.
Specifications
Encoder Interface
Input Type Counts per Encoder Input Range Drive Type Isolation Protection Max. Input Frequency Quadrature (A/B phase) x1, x2, x4 (S/W selectable) 12 V max. Single-ended or differential 2,500 VRMS (optical) 2.4 MHz
General
ISA CE 1 x DB25 female connector 185 x 100 mm (7.3" x 3.9") Typical: 5 V @ 700 mA Max.: 12 V @ 15 mA Storage Humidity 5 ~ 95% RH, non-condensing (IEC 68-2-3) Operating Temperature 0 ~ 60 C (32 ~ 140 F) Storage Temperature -20 ~ 70 C (-4 ~ 158 F) Bus Type Certifications Connectors Dimensions (L x H) Power Consumption
Counter/Timer
Channels Resolution Compatibility Max. Input Frequency Counter Modes Interrupt Capable Ch. Digital Noise Filter 3 24 bits 5 V/TTL 2.4 MHz 3 (quadrature, up/down, pulse/direction) Counter 0 ~ 2 4 stage
Ordering Information
PCL-833 ADAM-3925 PCL-10125-1 PCL-10125-3 3-axis Quadrature Encoder and Counter Card DB25 DIN-rail Wiring Board DB25 Cable, 1 m DB25 Cable, 3 m
Isolated Digital Input
Channels Input Voltage Interrupt Capable Ch. Isolation Protection 5 (Zin x 3 + DI0 + DI1) Logic 0: 1 V max. Logic 1: 5 V min. (12 V max.) DI0, DI1 2,500 VRMS (optical)
Motion Control I/O Modules


▲Up To Search▲   

 
Price & Availability of PCL-833

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X