|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
RoHS Power Chip Inductors Dimensions: Inches (mm) PC1004 Allied Part Number Inductance (h) Tolerance (%) Test Freq. DCR Max. () IDC Max. (A) Features * Unshielded SMD Power Inductor * Available in magnetically shielded * Suitable for large currents * Ideal for DC-DC converter applications PC1004-1R0M-RC PC1004-3R8M-RC PC1004-100M-RC PC1004-120M-RC PC1004-150M-RC PC1004-180M-RC PC1004-220M-RC PC1004-270M-RC PC1004-330K-RC PC1004-390K-RC PC1004-470K-RC PC1004-560K-RC PC1004-680K-RC PC1004-820K-RC PC1004-101K-RC PC1004-121K-RC PC1004-151K-RC PC1004-181K-RC PC1004-221K-RC PC1004-271K-RC PC1004-331K-RC PC1004-391K-RC PC1004-471K-RC PC1004-560K-RC 1.0 3.8 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 20 20 20 20 20 20 20 20 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 100KHz,1V 7.96MHz,1V 2.52MHz,1V 2.52MHz,1V 2.52MHz,1V 2.52MHz,1V 2.52MHz,1V 2.52MHz,1V 2.52MHz,1V 2.52MHz,1V 2.52MHz,1V 2.52MHz,1V 2.52MHz,1V 2.52MHz,1V 1KHz,1V 1KHz,1V 1KHz,1V 1KHz,1V 1KHz,1V 1KHz,1V 1KHz,1V 1KHz,1V 1KHz,1V 1KHz,1V .009 0.02 0.05 0.06 0.07 0.08 0.09 0.10 0.12 0.15 0.17 0.20 0.22 0.30 0.34 0.40 0.54 0.62 0.72 0.95 1.10 1.24 1.53 1.90 6.00 4.20 2.38 2.13 1.87 1.73 1.60 1.44 1.26 1.20 1.10 1.01 0.91 0.85 Electrical Inductance Range: 10h to 560h Tolerance: 20% over entire range Also available in tighter tolerances Test Frequency: As noted Operating Temp: -40C ~ +85C IDC: Current at which Inductance drops 10% of original value with a T= 40C whichever is lower. Resistance to Soldering Heat Pre-Heat 150C, 1 Min. Solder Composition: Sn/Ag3.0/Cu0.5 Solder Temp: 260C +/- 5C for 10 sec 1 sec. Test Equipment 0.74 0.69 0.61 0.56 0.53 0.45 0.42 0.38 0.35 0.32 (L): HP4192A LF Impedence Analyzer (RDC): Chen Hwa 502BC (IDC): HP4284A with HP42841A or Chen Hwa 1061 + Chen Hwa 301A Physical Packaging: 700 pieces per 13 inch reel. Marking: EIA Inductance Code. All specifications subject to change without notice. 714-665-1140 ALLIED COMPONENTS INTERNATIONAL REVISED 5/4/09 15 www.alliedcomponents.com |
Price & Availability of PC1004-680K-RC |