Part Number Hot Search : 
16430 SETRPBF 74LS04 M10010 CWP50 MP8007 CWP50 M30855
Product Description
Full Text Search
 

To Download OD-880 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HIGH-POWERGaAlAsIREMITTERS
FEATURES
EPOXY DOME .125 MAX
ANODE (CASE)
OD-880
.042 .046 .017
.209 .212
* Very high power output
* Wide angle of emission * TO-46 Header
* High reliability liquid-phase epitaxially grown GaAlAs
.164 .167
.100 .041
All metal surfaces are gold plated. Dimensions are nominal values in inches unless otherwise specified.
.009 .012
1.00 MIN
CATHODE
.036 45
RoHS
ELECTRO-OPTICAL CHARACTERISTICS AT 25C
PARAMETERS Total Power Output, Po TEST CONDITIONS IF = 100mA IF = 50mA IF = 100mA IR = 10 A VR = 0V MIN 25 TYP 30 880 80 80 30 17 MAX UNITS mW nm nm
Peak Emission Wavelength, P Spectral Bandwidth at 50%, Half Intensity Beam Angle, Forward Voltage, VF Capacitance, C Rise Time Fall Time
Reverse Breakdown Voltage, VR
5
1.55
1.9
Volts Volts pF sec sec
Deg
0.5 0.5
ABSOLUTE MAXIMUM RATINGS AT 25C CASE
Power Dissipation1 Continuous Forward Current Reverse Voltage 190mW 100mA 5V 3A
Peak Forward Current (10 s, 400Hz)2 Lead Soldering Temperature (1/16" from case for 10sec)
1Derate per Thermal Derating Curve above 25C 2Derate linearly above 25C
260C
THERMAL PARAMETERS
Storage and Operating Temperature Range Maximum Junction Temperature Thermal Resistance, RTHJA1 Thermal Resistance, RTHJA2
-55C TO 100C 400C/W Typical 135C/W Typical 100C
1Heat transfer minimized by measuring in still air with minimum heat conducting through leads 2Air circulating at a rapid rate to keep case temperature at 25C
750 Mitchell Road, Newbury Park, California 91320 Phone: (805) 499-0335, Fax: (805) 499-8108 Email: sales@optodiode.com, Website: www.optodiode.com
HIGH-POWERGaAlAsIREMITTERS
200 180 POWER DISSIPATION (mW) 160 140 120 100 80 60 40 20 0 25 50 75 AMBIENT TEMPERATURE (C) 100 NO HEAT SINK INFINITE HEAT SINK
OD-880
10 PEAK FORWARD CURRENT, Ip (amps)
THERMAL DERATING CURVE
MAXIMUM PEAK PULSE CURRENT
t = 10 s t = 100 s t = 500 s
1
MAXIMUM RATINGS
0.1
t Ip T
0.1
D=
t T
0.01 0.01
1 DUTY CYCLE, D (%)
10
100
TYPICAL CHARACTERISTICS
100
DEGRADATION CURVE
IF = 20mA RELATIVE POWER OUTPUT (%)
100
RADIATION PATTERN
RELATIVE POWER OUTPUT (%)
90 IF = 50mA
80
80
60
70 TCASE = 25C NO PRE BURN-IN PERFORMED
40
60
IF = 100mA 104 105
20
50
101
102
103 STRESS TIME, (hrs)
0 -100
-80
-60
-40
-20 0 20 40 BEAM ANGLE, (deg)
60
80
100
4
FORWARD I-V CHARACTERISTICS
1.5 1.4
POWER OUTPUT vs TEMPERATURE
FORWARD CURRENT, IF (amps)
RELATIVE POWER OUTPUT 0 1 2 3 4 FORWARD VOLTAGE, VF (volts) 5 6
3
1.3 1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 -50
2
1
0
-25
0 25 50 AMBIENT TEMPERATURE (C)
75
100
100
SPECTRAL OUTPUT
1,000
POWER OUTPUT vs FORWARD CURRENT
RELATIVE POWER OUTPUT (%)
60
40
POWER OUTPUT, P (mW) o
80
100
10
20
DC PULSE 10 s, 100Hz
0 750
800
850 900 WAVELENGTH, (nm)
950
1,000
1 10
100 1,000 FORWARD CURRENT, IF (mA)
10,000
750 Mitchell Road, Newbury Park, California 91320 Phone: (805) 499-0335, Fax: (805) 499-8108 Email: sales@optodiode.com, Website: www.optodiode.com


▲Up To Search▲   

 
Price & Availability of OD-880

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X