Part Number Hot Search : 
WU20X NHFSC00B 0305H 00051 B45197 B32672P 14D121KJ BC857
Product Description
Full Text Search
 

To Download NTE7164 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE7164 Integrated Circuit Double-Balanced Mixer & Oscillator
Description: The NTE7164 is a low-power VHF monolithic double-balanced mixer with input amplifier, on-board oscillator, and voltage regulator in an 8-Lead DIP type package designed for use in high performance, low power communication systems. The gain, intercept performance, low-power and noise characteristics make the NTE7164 a superior choice for high-performance battery operated equipmemnt. Features: D Low Current Consumption D Excellent Noise Figure D High Operating Frequency D Excellent Gain, Intercept and Sensitivity D Low External Parts Count; Suitable for Crystal/Ceramic Filters Applications: D Cellular Radio Mixer/Oscillator D Portable Radio D VHF Transceivers D RF Data Links D HF/VHF Frequency Conversion D Instrumentation Frequency Conversion D Broadband LANs Absolute Maximum Ratings: Maximum Operating Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9V Operating Ambient Temperature Range, TA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40 to +85C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +150C Electrical Characteristics: (TA = +25C, VCC = 6V unless otherwise specified)
Parameter Power Supply Voltage Range DC Current Drain Input Signal Frequency Oscillator Frequency fIN fOSC Symbol VCC Test Conditions Min 4.5 - - - Typ - 2.4 500 200 Max 8.0 2.8 - - Unit V mA MHz MHz
Electrical Characteristics (Cont'd): (TA = +25C, VCC = 6V unless otherwise specified)
Parameter Noise Figure at 45MHz Third-Order Intercept Point Conversion Gain at 45MHz RF Input Resistance RF Input Capacitance Mixer Output Resistance RIN CIN Pin4 or Pin5 Pin Connection Diagram RFIN = -45dBm: f1 = 45.0, f2 = 45.06 Symbol Test Conditions Min - - 14 1.5 - - Typ 5.0 -15 18 - 3.0 1.5 Max 6.0 -17 - - 3.5 - Unit dB dBm dB k pF k
Input A 1 Input B 2 GND 3 Output A 4
8 VCC 7 Oscillator 6 Oscillator 5 Output B
8
5 .280 (7.1)
1
4
.400 (10.16) Max .200 (5.08)
.300 (7.62)
.100 (2.54)
.125 (3.17) Min


▲Up To Search▲   

 
Price & Availability of NTE7164

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X