Part Number Hot Search : 
HEF45 HA178M06 FJX3015R L1010 HMC43210 D7220D KMOC3051 1N4763AP
Product Description
Full Text Search
 

To Download NSBC114EF3T5G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NSBC114EF3T5G Series
Preferred Devices
Digital Transistors (BRT)
NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
This new series of digital transistors is designed to replace a single device and its external resistor bias network. The digital transistor contains a single transistor with a monolithic bias network consisting of two resistors; a series base resistor and a base-emitter resistor. The digital transistor eliminates these individual components by integrating them into a single device. The use of a digital transistor can reduce both system cost and board space. The device is housed in the SOT-1123 package which is designed for low power surface mount applications.
Features http://onsemi.com
NPN SILICON DIGITAL TRANSISTORS
PIN 3 COLLECTOR (OUTPUT)
* * * * * * *
Simplifies Circuit Design Reduces Board Space Reduces Component Count The SOT-1123 Package can be Soldered using Wave or Reflow. Available in 4 mm, 8000 Unit Tape & Reel These are Pb-Free Devices These are Halide-Free Devices
PIN 1 BASE (INPUT)
R1 R2
PIN 2 EMITTER (GROUND)
3 1 2
MAXIMUM RATINGS (TA = 25C unless otherwise noted)
Rating Collector-Base Voltage Collector-Emitter Voltage Collector Current Symbol VCBO VCEO IC Value 50 50 100 Unit Vdc Vdc mAdc
SOT-1123 CASE 524AA STYLE 1
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
MARKING DIAGRAM
xM x M G or G = Device Code = Date Code = Pb-Free Package
ORDERING INFORMATION
Device Package Shipping 8000/Tape & Reel NSBC114EF3T5G SOT-1123 (Pb-Free)
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
DEVICE MARKING INFORMATION
See specific marking information in the device marking table on page 2 of this data sheet.
(c) Semiconductor Components Industries, LLC, 2008
September, 2008 - Rev. 3
1
Publication Order Number: NSBC114EF3/D
NSBC114EF3T5G Series
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation TA = 25C (Note 1) Derate above 25C Thermal Resistance (Note 1) Junction-to-Ambient Total Device Dissipation TA = 25C (Note 2) Derate above 25C Thermal Resistance Junction-to-Ambient (Note 2) Thermal Resistance Junction-to-Lead 3 (Note 1) Junction and Storage Temperature 1. FR-4 @ 100 2. FR-4 @ 500 mm2, mm2, 1 oz. copper traces, still air. 1 oz. copper traces, still air. Symbol PD Max 254 2.0 493 Unit mW mW/C C/W
RqJA PD
297 2.4 421 193 -55 to +150
mW mW/C C/W C/W C
RqJA RqJL TJ, Tstg
DEVICE MARKING AND RESISTOR VALUES
Device NSBC114EF3T5G NSBC124EF3T5G NSBC144EF3T5G NSBC114YF3T5G NSBC123TF3T5G NSBC143EF3T5G NSBC143ZF3T5G NSBC123JF3T5G NSBC144WF3T5G NSBC114TF3T5G NSBC115TF3T5G Marking* A (0) L (0) D (0) J (0) T (0) P (0) R (0) V (0) Q (0) K (90) P (90) R1 (k) 10 22 47 10 2.2 4.7 4.7 2.2 47 10 100 R2 (k) 10 22 47 47 4.7 47 47 22 SOT-1123 (Pb-Free) 8000/Tape & Reel Package Shipping
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *(XX) = Degree rotation in the clockwise direction.
http://onsemi.com
2
NSBC114EF3T5G Series
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic OFF CHARACTERISTICS Collector-Base Cutoff Current (VCB = 50 V, IE = 0) Collector-Emitter Cutoff Current (VCE = 50 V, IB = 0) Emitter-Base Cutoff Current (VEB = 6.0 V, IC = 0) NSBC114EF3T5G NSBC124EF3T5G NSBC144EF3T5G NSBC114YF3T5G NSBC114TF3T5G NSBC123TF3T5G NSBC115TF3T5G NSBC143EF3T5G NSBC143ZF3T5G NSBC123JF3T5G NSBC144WF3T5G ICBO ICEO IEBO - - - - - - - - - - - - - 50 50 - - - - - - - - - - - - - - 100 500 0.5 0.2 0.1 0.2 0.9 4.0 0.1 1.5 0.18 0.2 0.13 - - nAdc nAdc mAdc Symbol Min Typ Max Unit
Collector-Base Breakdown Voltage (IC = 10 mA, IE = 0) Collector-Emitter Breakdown Voltage (Note 3) (IC = 2.0 mA, IB = 0) ON CHARACTERISTICS (Note 3) DC Current Gain (VCE = 10 V, IC = 5.0 mA) NSBC114EF3T5G NSBC124EF3T5G NSBC144EF3T5G NSBC114YF3T5G NSBC114TF3T5G/NSBC115TF3T5G/NSBC123TF3T5G NSBC143EF3T5G NSBC143ZF3T5G NSBC123JF3T5G NSBC144WF3T5G
V(BR)CBO V(BR)CEO
Vdc Vdc
hFE
35 60 80 80 160 15 80 80 80 -
60 100 140 140 350 30 200 140 140 -
- - - - - - - - - 0.25 Vdc
Collector-Emitter Saturation Voltage (IC = 10 mA, IB = 0.3 mA) NSBC114EF3T5G/NSBC124EF3T5G/NSBC144EF3T5G NSBC114YF3T5G/NSBC144WF3T5G/NSBC123JF3T5G (IC = 10 mA, IB = 1 mA) NSBC143EF3T5G/NSBC143ZF3T5G/NSBC123TF3T5G/ NSBC114TF3T5G (IC = 10 mA, IB = 5 mA) NSBC115TF3T5G Output Voltage (on) (VCC = 5.0 V, VB = 2.5 V, RL = 1.0 kW) NSBC114TF3T5G NSBC114EF3T5G NSBC124EF3T5G NSBC114YF3T5G NSBC123TF3T5G NSBC143EF3T5G NSBC143ZF3T5G NSBC123JF3T5G NSBC144EF3T5G NSBC144WF3T5G NSBC115TF3T5G
VCE(sat)
VOL
Vdc - - - - - - - - - - - - - - - - - - - - - - 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2
(VCC = 5.0 V, VB = 3.5 V, RL = 1.0 kW) (VCC = 5.0 V, VB = 4.0 V, RL = 1.0 kW) (VCC = 5.0 V, VB = 5.0 V, RL = 1.0 kW)
3. Pulse Test: Pulse Width < 300 ms, Duty Cycle < 2.0%.
http://onsemi.com
3
NSBC114EF3T5G Series
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic ON CHARACTERISTICS (Note 4) Characteristic Output Voltage (off) (VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kW) NSBC114EF3T5G/NSBC124EF3T5G/NSBC144EF3T5G NSBC144YF3T5G/NSBC143EF3T5G/NSBC123JF3T5G NSBC144WF3T5G (VCC = 5.0 V, VB = 0.25 V, RL = 1.0 kW) NSBC123TF3T5G/NSBC143ZF3T5G/NSBC114TF3T5G/ NSBC115TF3T5G Input Resistor NSBC114TF3T5G NSBC114EF3T5G NSBC124EF3T5G NSBC144EF3T5G NSBC114YF3T5G NSBC123TF3T5G NSBC143EF3T5G NSBC143ZF3T5G NSBC123JF3T5G NSBC144WF3T5G NSBC115TF3T5G Symbol VOH Min 4.9 Typ - Max - Unit Vdc Symbol Min Typ Max Unit
R1
7.0 7.0 15.4 32.9 7.0 1.5 3.3 3.3 1.54 32.9 70 0.8 0.17 - 0.055 0.038 1.7
10 10 22 47 10 2.2 4.7 4.7 2.2 47 100 1.0 0.21 - 0.1 0.047 2.1
13 13 28.6 61.1 13 2.9 6.1 6.1 2.86 61.1 130 1.2 0.25 - 0.185 0.056 2.6
kW
Resistor Ratio NSBC114EF3T5G/NSBC124EF3T5G/ NSBC144EF3T5G/NSBC123EF3T5G NSBC114YF3T5G NSBC114TF3T5G/NSBC115TF3T5G/NSBC123TF3T5G NSBC143ZF3T5G NSBC123JF3T5G NSBC144WF3T5G 4. Pulse Test: Pulse Width < 300 ms, Duty Cycle < 2.0%.
R1/R2
http://onsemi.com
4
NSBC114EF3T5G Series
TYPICAL ELECTRICAL CHARACTERISTICS - NSBC114EF3T5G
VCE(SAT), COLLECTOR-TO-EMITTER SATURATION VOLTAGE (V)
1.0 IC/IB = 10
1000 VCE = 10 V hFE, DC CURRENT GAIN 25C 100 150C -55C
TA = 25C 0.10
TA = 150C
TA = -55C
10
0.01
0
5
10 15 20 25 30 35 40 IC, COLLECTOR CURRENT (mA)
45
50
1.0 0.1
Figure 1. VCE(sat) vs. IC
1 10 IC, COLLECTOR CURRENT (mA)
100
Figure 2. DC Current Gain
2.40 COBO, OUTPUT CAPACITANCE (pF) IC, COLLECTOR CURRENT (mA) 2.20 2.00 1.80 1.60 1.40 1.20 1.00 0.80 0 5 10 15 20 25 30 35 40 VCB, COLLECTOR BASE VOLTAGE (V) 45 50
100 150C
10
1 -55C 0.1 25C
0.01 0.5
1
1.5
Figure 3. Output Capacitance
Figure 4. Output Current vs. Input Voltage
2 2.5 3 3.5 Vin, INPUT VOLTAGE (V)
4
4.5
5
10
Vin, INPUT VOLTAGE (V)
-55C 25C 1.0 150C
0.10
0
5
10
15
20
25
30
35
40
45
50
Figure 5. Input Voltage vs. Output Current
IC, COLLECTOR CURRENT (mA)
http://onsemi.com
5
NSBC114EF3T5G Series
TYPICAL APPLICATIONS FOR NPN BRTs
+12 V
ISOLATED LOAD
FROM mP OR OTHER LOGIC
Figure 6. Level Shifter: Connects 12 or 24 Volt Circuits to Logic
+12 V
VCC
OUT IN LOAD
Figure 7. Open Collector Inverter: Inverts the Input Signal
Figure 8. Inexpensive, Unregulated Current Source
http://onsemi.com
6
NSBC114EF3T5G Series
PACKAGE DIMENSIONS
SOT-1123 CASE 524AA-01 ISSUE B
b1
1 2
D
-X- -Y-
3
E b 0.08 (0.0032) X Y A
e
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETERS. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. DIM A b b1 c D E e HE L MILLIMETERS MIN NOM MAX 0.34 0.37 0.40 0.15 0.22 0.28 0.10 0.15 0.20 0.07 0.12 0.17 0.75 0.80 0.85 0.55 0.60 0.65 0.35 --- 0.40 0.95 1.00 1.05 0.05 0.10 0.15 MIN 0.013 0.006 0.004 0.003 0.030 0.022 0.014 0.037 0.002 INCHES NOM 0.015 0.009 0.006 0.005 0.031 0.024 ---- 0.039 0.004 MAX 0.016 0.011 0.008 0.007 0.033 0.026 0.016 0.041 0.006
c
L HE
STYLE 1: PIN 1. BASE 2. EMITTER 3. COLLECTOR
SOLDERING FOOTPRINT*
0.35 0.30
0.25 0.90 0.40
DIMENSIONS: MILLIMETERS
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
7
NSBC114EF3/D


▲Up To Search▲   

 
Price & Availability of NSBC114EF3T5G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X