Part Number Hot Search : 
3314G SR20100C SSCDA100 SR20100C NTE5496 45KN033 5TRPB AD9773
Product Description
Full Text Search
 

To Download NCS2563 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NCS2563 3-Channel Video Amp with High Definition Reconstruction Filters
Description
NCS2563 is a 3-Channel high speed video amplifier with 6th order Butterworth High Definition (HD) reconstruction filters and 6 dB gain. All three channels can accommodate all Component and RGB video signals. All channels can accept DC or AC coupled signals. If AC coupled, the internal clamps are employed. The outputs can drive both AC and DC coupled 150 W loads. It is designed to be compatible with most Digital-to-Analog Converters (DAC) embedded in most video processors.
Features
http://onsemi.com MARKING DIAGRAM*
8 8 1 SOIC-8 D SUFFIX CASE 751 A L Y W G 1 N2563 ALYWG G
* * * * * * * * * * * * *
Three 6th Order High Definition 30 MHz Filter Internally Fixed Gain = 6 dB Transparent Input Clamping for Each Channel DC or AC Coupled Inputs DC or AC Coupled Outputs Integrated Level Shifter Operating Voltage +5 V Available in SOIC-8 Package These are Pb-Free Devices Digital Set-Top Box DVD and Video Players HDTV Video-On-Demand (VOD)
= Assembly Location = Wafer Lot = Year = Work Week = Pb-Free Package
(Note: Microdot may be in either location)
PINOUT
IN1 1 IN2 2 IN3 3 VCC 4 NCS2563 SOIC-8 8 OUT1 7 OUT2 6 OUT3 5 GND
Applications
ORDERING INFORMATION
Device NCS2563DG NCS2563DR2G Package SOIC-8 (Pb-Free) SOIC-8 (Pb-Free) Shipping 98 Units / Rail 2500 / Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
(c) Semiconductor Components Industries, LLC, 2009
March, 2009 - Rev. 4
1
Publication Order Number: NCS2563/D
NCS2563
PIN FUNCTION AND DESCRIPTION
Pin 1 2 3 4 5 6 7 8 Name IN1 IN2 IN3 VCC GND OUT3 OUT2 OUT1 Type Input Input Input Power GND Output Output Output Description Video Input 1 for Video Signal featuring a frequency bandwidth compatible with High Definition Video (30 MHz) - Channel 1 Video Input 2 for Video Signal featuring a frequency bandwidth compatible with High Definition Video (30 MHz) - Channel 2 Video Input 3 for Video Signal featuring a frequency bandwidth compatible with High Definition Video (30 MHz) - Channel 3 Device Power Supply Voltage: +5 V Connected to Ground HD Video Output 3 - Channel 3 HD Video Output 2 - Channel 2 HD Video Output 1 - Channel 1
ATTRIBUTES
Characteristics ESD Human Body Model Machine Model All Pins (Note 1) Pins 1 to 5 (Note 2) All Output Pins (Note 2) Value 8 kV 400 V 600 V Level 1 UL 94 V-0 @ 0.125 in
Moisture Sensitivity (Note 3) Flammability Rating - Oxygen Index: 28 to 34
1. Human Body Model (HBM): R = 1500 W, C = 100 pF 2. Machine Model (MM) 3. For additional information, see Application Note AND8003/D.
IN1
Transparent Clamp 30 MHz, 6th Order
6dB
OUT1
IN2
Transparent Clamp 30 MHz, 6th Order
6dB
OUT2
IN3
Transparent Clamp 30 MHz, 6th Order
6dB
OUT3
Figure 1. Block Diagram
http://onsemi.com
2
NCS2563
MAXIMUM RATINGS
Parameter Power Supply Voltages Input Voltage Range Input Differential Voltage Range Output Current Maximum Junction Temperature (Note 4) Operating Ambient Temperature Storage Temperature Range Power Dissipation Thermal Resistance, Junction-to-Air Symbol VCC VI VID IO TJ TA Tstg PD RqJA Rating -0.35 v VCC v 5.5 -0.3 v VI v VCC VI v VCC 50 150 -40 to +85 -60 to +150 (See Graph) 112.7 Unit Vdc Vdc Vdc mA C C C mW C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 4. Power dissipation must be considered to ensure maximum junction temperature (TJ) is not exceeded.
Maximum Power Dissipation
1800 POWER DISSIPATION (mV) 1600 1400 1200 1000 800 600 400 200 0 -40 -30-20-10 0 10 20 30 40 50 60 70 80 90100 TEMPERATURE (C)
The maximum power that can be safely dissipated is limited by the associated rise in junction temperature. For the plastic packages, the maximum safe junction temperature is 150C. If the maximum is exceeded momentarily, proper circuit operation will be restored as soon as the die temperature is reduced. Leaving the device in the "overheated" condition for an extended period can result in device burnout. To ensure proper operation, it is important to observe the derating curves.
Figure 2. Power Dissipation vs Temperature
http://onsemi.com
3
NCS2563
DC ELECTRICAL CHARACTERISTICS (VCC = +5.0 V, TA = 25C, 0.1 mF AC coupled inputs, Rsource = 37.5 W, 220 mF AC
coupled outputs into 150 W load, referenced to 400 kHz, unless otherwise specified) Symbol VCC ICC VIN VOH VOL Characteristics Operating Voltage Range Power Supply Current Input Common Mode Voltage Range Output High Voltage Output Low Voltage GND 2.8 280 Conditions Min 4.75 Typ 5 22 Max 5.25 33 1.4 Unit V mA V V mV
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously.
AC ELECTRICAL CHARACTERISTICS (VCC = +5.0 V, TA = 25C, 0.1 mF AC coupled inputs, Rsource = 37.5 W,220 mF AC coupled outputs into 150 W load, referenced to 400 kHz, unless otherwise specified)
Symbol AVOL BW AR dG dP THD Characteristics Voltage Gain (Note 5) Bandwidth of Low Pass Filter Attenuation (Stopband Reject) Differential Gain Differential Phase Total Harmonic Distortion Conditions VIN = 1 V -1 dB -3 dB f = 44.25 MHz f = 74.25 MHz AV = +2, RL = 150 W AV = +2, RL = 150 W VOUT = 1.4 VPP, f = 10 MHz VOUT = 1.4 VPP, f = 15 MHz VOUT = 1.4 VPP, f = 22 MHz VIN = 1.4 VPP, f = 1 MHz 100% White Signal, 100 kHz to 30 MHz Input to Output 100 kHz to 30 MHz Min 5.8 23 Typ 6.0 30 33 14.5 36 0.2 0.1 0.2 0.4 1.2 60 65 20 6 % % Max 6.2 Unit dB MHz
28
xtalk SNR tPD DTg
Channel-to-Channel Crosstalk Signal to Noise Ratio* (Note 6) Propagation Delay Group Delay Variation*
dB dB ns ns
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. *Guaranteed by design 5. 100% of tested IC fit to the bandwidth tolerance. 6. SNR = 20 x log (714 mV/RMS noise)
http://onsemi.com
4
NCS2563
TYPICAL CHARACTERISTICS
TA = 25C, VCC = 5 V, Rsource = 37.5 W, 0.1 mF AC-Coupled Inputs, 220 mF AC-Coupled Outputs with 150 W
30 20 10 0 GAIN (dB) -20 -30 -40 -50 -60 -70 10 100 1k 10k 100k 1M FREQUENCY (Hz) 10M 100M 500M 0.106 MHz, 6 dB 33 MHz, -3 dB (BW) GAIN (dB) -10 VIN = 4 dBm ZOUT = 150 W 30 MHz, -1 dB (BW)
30 20 10 0 -10 -20 -30 -40 -50 -60 -70 10 100 1k 10k 100k 1M FREQUENCY (Hz) 10M 100M 500M 74.25 MHz, -36 dB 44.25 MHz, -14.5 dB VIN = 4 dBm ZOUT = 150 W
Figure 3. Gain vs. Frequency
6.255 6.155 6.055 GAIN (dB) 5.955 5.855 5.755 5.655 5.555 5.455 20k 100k 1M 10M FREQUENCY (Hz) 13.8 MHz VIN = 4 dBm ZOUT = 150 W
Figure 4. Attenuation
100M
Figure 5. Flatness Bandwidth 0.1 dB
-20 -25 -30 -35 PSRR (dB) -40 -45 -50 -55 -60 -65 -70 20k 100k 1M FREQUENCY (Hz) 10M 50M 100 kHz; -65 dB 26 MHz; -30 dB CROSSTALK (dB) 0 -10 -20 -30 -40 -50 -60 -70 -80 -90 20k 100k Xtalk Hostile Xtalk Adjacent 1M FREQUENCY (Hz) 10M 50M 1 MHz; -72 dB 1 MHz; -65 dB VIN = 4 dBm Zout = 150 W
Figure 6. PSRR vs. Frequency (No Bypass Capacitor)
Figure 7. Crosstalk vs. Frequency, CH2/CH3 (100 mF AC-Coupled Input, DC-Coupled Output)
http://onsemi.com
5
NCS2563
TYPICAL CHARACTERISTICS
TA = 25C, VCC = 5 V, Rsource = 37.5 W, 0.1 mF AC-Coupled Inputs, 220 mF AC-Coupled Outputs with 150 W 0.8 0.6 0.4 0.2 0 VOLTAGE (V) 1.6 1.4 1.2 1 0.8 0.6 0.4 0.2 0
VOLTAGE (mV)
80 60 40 20 0 160 140 120 100 80 60 40 20 0
80 mV Input
Input
700 mV
160 mV Output
1.4 V Output
4.5E-6
5E-6
5.5E-6
6E-6
6.5E-6
7E-6
4.5E-6
5E-6
5.5E-6
6E-6
6.5E-6
7E-6
TIME (s)
TIME (s)
Figure 8. Small Signal Step Response Tr = Tf = 1 ns
1.2 1.1 1 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 Input GND 0 -0.1 -0.2 -0.3 Output GND -0.4 -0.5 4.6E-6 5E-6
Figure 9. Large Signal Step Response Tr = Tf = 1.0 ns
VOLTAGE (V)
20 ns
5.2E-6 TIME (s)
5.4E-6
Figure 10. Propagation Delay vs. Time
http://onsemi.com
6
NCS2563
APPLICATIONS INFORMATION The NCS2563 triple video driver has been optimized for High Definition video applications covering the requirements of the standards 720p, 1080i and related (RGB). All the 3 channels feature the same specifications and similar behaviors guaranteed by a high channel-to-channel crosstalk isolation (down to 60 dB at 1 MHz). Each channel provides an internal voltage-to-voltage gain of 2 from its input to its output reducing by the way the number of external components usually needed in the case of some discrete approaches (using stand-alone op amps). An internal level shifter is employed shifting up the output voltage by adding an offset of about 280 mV. This avoids sync pulse clipping and allows DC-coupled output to the 150 W video load. In addition, the NCS2563 integrates a 6th order Butterworth filter per channel with a 3 dB frequency bandwidth of 30 MHz. This allows rejecting out the aliases or unwanted over-sampling effects produced by the video DAC. It works the same way for DVD recorders using ADC, this anti-aliasing filter (reconstruction filter) will avoid picture quality issue and will help also to filter out parasitic signals caused by EMI interference. A built-in diode-like clamp is used into the chip for each channel to support AC-coupled mode of operation. The clamp is active when the input signal goes below 0 V.
2.28V 1V Y, R', G', B' 0.28V Clamp 0V 0.1mF IN1 220mF OUT1 RS Clamp 0.1mF DAC RS Clamp 0.1mF IN3 RS 2.28V Pb, Pr 0.28V 0.7VPP 220mF OUT3 75W ZO = 75W IN2 220mF OUT2 75W 75W ZO = 75W 75W 1VPP
ZO = 75W
75W
75W
Figure 11. AC-Coupled Inputs and Outputs
Figure 11 shows an example for which the external video source coming from the DAC is AC-coupled at the input and output. But thanks to the built-in transparent clamp and level shifter the device can operate in different configuration modes depending essentially on the DAC output signal level High and Low and how it fits the input common mode voltage of the video driver. When the configuration is DC-Coupled at the Inputs and Outputs the 0.1 mF and 220 mF coupling capacitors are no longer used, the clamps are in that case inactive; this configuration has the big advantage of being relatively low cost with the use of less external components.
The input is AC-coupled if the input-signal amplitude goes over the range 0 V to 1.4 V or if the video source requires a coupling. In some circumstances it may be necessary to auto-bias signals by the addition of a pull-up and pull-down resistor or only pullup resistor (Typical 7.5 MW combined with the internal 800 kW pulldown) making the clamp inactive. The output AC-coupling configuration has the advantage of eliminating DC ground loop with the drawback of making the device more sensitive to video line or field tilt issues in the case of a too low output coupling capacitor. In some cases it may be necessary to increase the nominal 220 mF capacitor value.
http://onsemi.com
7
NCS2563
DVD Player or STB 0.1 mF 10 mF 75 W 220 mF 75 W Video Cables 75 W 2 RS 3 RS IN3 IN2 OUT2 NCS2563 OUT3 7 75 W 220 mF 75 W Video Cables 75 W 6 75 W 220 mF 75 W Video Cables 75 W 4 VCC GND 5 B/Pd G/Y
+5 V
R/Pr RS G/Y Video SOC B/Pd
1
IN1
OUT1
8
R/Pr
DAC Load Resistors AC-Coupling Caps are Optional
Figure 12. Typical Application Circuit
http://onsemi.com
8
NCS2563
PACKAGE DIMENSIONS
SOIC-8 NB CASE 751-07 ISSUE AJ
-X-
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. 751-01 THRU 751-06 ARE OBSOLETE. NEW STANDARD IS 751-07. DIM A B C D G H J K M N S MILLIMETERS MIN MAX 4.80 5.00 3.80 4.00 1.35 1.75 0.33 0.51 1.27 BSC 0.10 0.25 0.19 0.25 0.40 1.27 0_ 8_ 0.25 0.50 5.80 6.20 INCHES MIN MAX 0.189 0.197 0.150 0.157 0.053 0.069 0.013 0.020 0.050 BSC 0.004 0.010 0.007 0.010 0.016 0.050 0_ 8_ 0.010 0.020 0.228 0.244
A
8 5
B
1
S
4
0.25 (0.010)
M
Y
M
-Y- G
K
C -Z- H D 0.25 (0.010)
M SEATING PLANE
N
X 45 _
0.10 (0.004)
M
J
ZY
S
X
S
SOLDERING FOOTPRINT*
1.52 0.060
7.0 0.275
4.0 0.155
0.6 0.024
1.270 0.050
SCALE 6:1 mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
9
NCS2563/D


▲Up To Search▲   

 
Price & Availability of NCS2563

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X