Part Number Hot Search : 
D5621B LVR033K SG17311 MCSO1ELS A2726 TL082CN 266BE CMBT2484
Product Description
Full Text Search
 

To Download MSV200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Powered by
MSV 200
2V 200Ah
Specification
Cells Per Unit Voltage Per Unit Capacity Weight Maximum Discharge Current Internal Resistance Operating Temperature Range
MSV 200 is a long service life battery up to 15 years expected life under normal float charge. As wit hall CSB batteries , all are rechargeable, highly efficient , leak proof and maintenance free.
1 2 200Ah @ 10hr-rate to 1.80V per cell @25 (77 ) Approx. 13.7 kg(30.2 lbs) 1200A(5sec) Approx. 0.40 m Discharge: -20 ~50 (-4 ~122 ) Charge: 0 ~40 (32 ~104 ) Storage: -20 ~40 (-4 ~104 ) Nominal Operating Temperature Range 25 3 (77 5 ) 2.23 0.02/Cell at 25 (77 ) Temp. Float Charging Voltage Coefficient 3.3mV/ ( 1.8mV/ ) Recommended Maximum Charging Current Limit 60A Equalization / Cycle Use Charging Voltage 2.35V Temps coefficient 3.3mV/ ( 1.8mV/ ) Terminal Pb-Ca-Sn Alloy(L / Recessed Terminal) The container and cover are made of flame retardant Container Material
CSB-manufactured VRLA batteries are ULrecognized components under UL924 and UL1989. CSB is also certified by ISO 9001 and ISO 14001.
plastics which meet ABS(UL 94-V0/File E88637) specifications.The oxygen index level is higher than 28
Dimensions :
Unit: mm (inch)
Overall Height (H) 3393 (13.390.12)
Container height (h) 3313 (13.030.12)
Length (L) 1703 (6.690.12)
Width (W) 1063 (4.170.12)
ABS V 0
The system of manufacturer was certified by URS according to ISO 9001,ISO 14001.
Constant Current Discharge Characteristics
Unit:A (25
,77
)
F.V/Time 1.60V 1.67V 1.70V 1.75V 1.80V 1.83V F.V/Time 1.60V 1.67V 1.70V 1.75V 1.80V 1.83V
15MIN 285 260 241 210 183 159 15MIN 466 427 407 368 336 286
30MIN 196 187 182 168 147 130 30MIN 344 330 319 298 267 231
60MIN 130 124 122 112 106 97.5 60MIN 231 230 223 208 196 181
2HR 76.5 74.0 72.5 68.5 66.0 62.0 2HR 139 138 135 129 124 116
3HR 57.5 54.5 54.0 50.5 48.5 46.5 3HR 104 103 101 96.5 92.5 88.5
4HR 45.5 44.0 43.5 41.1 39.5 37.5 4HR 83.5 82.5 82.0 78.5 75.5 71.9
5HR 38.5 37.0 36.5 34.5 33.5 32.0 5HR 70.5 70.0 69.5 66.5 64.5 61.5
6HR 33.5 32.0 31.5 30.0 29.5 28.0
,77
8HR 26.5 26.0 25.5 24.5 24.0 22.8
)
10HR 22.5 22.0 21.5 20.5 20.0 19.5 10HR 42.0 41.5 41.0 40.0 39.5 38.0
Constant Power Discharge Characteristics
Unit:W (25
6HR 62.0 61.5 60.5 58.0 56.5 54.0
8HR 50.0 49.5 48.5 47.5 46.0 44.0
Ratings are preliminary and subject to change.
RA: 0812
MSV 200
t
2V 200Ah
i
Gas recombination efficiency
CA
(Min-Hrs)
GLOBAL HQ CSB BATTERY CO., LTD. (TAIWAN) Tel : +886-2-2555-5600 Fax : +886-2-2555-3300 mail : service@csb-battery.com.tw BEIJING OFFICE. (CHINA) CSB BATTERY TECHNOLOGIES (BEIJING) CO., LTD. Tel : +86-10-59621300/1301/1302/1303 Fax : +86-10-59621304 mail : chinasls@csb-battery.com
AMERICA HQ CSB BATTERY TECHNOLOGIES INC. (U.S.A) Tel : +1-817-244-7777/1-(800)3-CSB-USA(272872) Fax : +1-817-244-4445 mail : csb@csb-battery.com SHANGHAI OFFICE. (CHINA) CSB BATTERY LOGISTIC (SHANGHAI) CO., LTD. Tel : +86-21-5046-1622/5046-0833 Fax : +86-21-5064-3314 mail : chinasls@csb-battery.com
EUROPE HQ CSB Battery Europe BV. Tel : +31(0)-180-418-140 Fax : +886-2-2555-3300 mail : eurosales@csb-battery.eu SHENZHEN OFFICE.( CHINA ) CSB BATTERY LOGISTIC ( SHANGHAI ) CO., LTD. Tel : +86-755-8831-6488/6396/6356 Fax : +86-755-8831-6548 mail : she@csb-battery.com.cn


▲Up To Search▲   

 
Price & Availability of MSV200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X