Part Number Hot Search : 
PSA3000A TIP146T 74LS2 PAN301A B060006 STN1NF10 AD5170 DTC114
Product Description
Full Text Search
 

To Download MMBD4148SE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBD4148 / SE / CC / CA
HIGH CONDUCTANCE ULTRA FAST DIODES
4148
3
4148SE
3
4148CC
3
4148CA
3
1
2
1
2
1
2
1
2
SOT-23 Plastic Package
MMBD4148SE Marking Code: 26 MMBD4148CC Marking Code: 27 MMBD4148CA Marking Code: 28
Absolute Maximum Ratings (Ta = 25 OC)
Parameter Maximum Repetitive Reverse Voltage Reverse Voltage Average Rectified Current DC Forward Current Recurrent Peak Forward Current Non-repetitive Peak Forward Surge Current Pulse width = 1 s Pulse width = 1 s Total Device Dissipation Thermal Resistance, Junction to Ambient Operating Junction Temperature Storage Temperature Range Symbol VRRM VR IF(AV) IFM IFRM IFSM Ptot RJA TJ TS Value 100 75 200 600 700 1 2 350 357 150 -55 to +150
O
Unit V V mA mA mA A A mW C/W
O
C C
O
Characteristics at Tj = 25 OC
Parameter Breakdown Voltage at IR = 100 A at IR = 5 A Forward Voltage at IF = 10 mA Reverse Current at VR = 20 V at VR = 20 V, TA = 150 OC at VR = 75V Reverse Recovery Time at IF = 10 mA, VR = 6 V, IRR = 1 mA, RL = 100 Total Capacitance at VR = 0 V, f = 1 MHz Symbol VR VR VF IR trr CT Min. 100 75 Max. 1 25 50 5 4 4 Unit V V V nA A A ns pF
MMBD4148 / SE / CC / CA


▲Up To Search▲   

 
Price & Availability of MMBD4148SE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X