Part Number Hot Search : 
FAN4800 15ETL06S 8016A 2SK122 CEH2311 SZ5A13 2DD1766P R47M1
Product Description
Full Text Search
 

To Download MC74HC10A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC74HC10A Triple 3-Input NAND Gate
High-Performance Silicon-Gate CMOS
The MC74HC10A is identical in pinout to the LS10. The device inputs are compatible with Standard CMOS outputs; with pullup resistors, they are compatible with LSTTL outputs.
Features
http://onsemi.com MARKING DIAGRAMS
14 PDIP-14 N SUFFIX CASE 646 1 14 14 1 SOIC-14 D SUFFIX CASE 751A 1 HC10AG AWLYWW
* * * * * * * *
Output Drive Capability: 10 LSTTL Loads Outputs Directly Interface to CMOS, NMOS and TTL Operating Voltage Range: 2 to 6 V Low Input Current: 1 mA High Noise Immunity Characteristic of CMOS Devices In Compliance With the Requirements Defined JEDEC Standard No. 7 A Chip Complexity: 36 FETs or 9 Equivalent Gates Pb-Free Packages are Available
LOGIC DIAGRAM
A1 B1 C1 A2 B2 C2 A3 B3 C3 1 2 13 3 4 5 9 10 11 PIN 14 = VCC PIN 7 = GND 8 Y3 6 Y2 Y = ABC 12 Y1
14 1
MC74HC10AN AWLYYWWG
14 14 1 TSSOP-14 DT SUFFIX CASE 948G 1 A WL, L YY, Y WW, W G or G = Assembly Location = Wafer Lot = Year = Work Week = Pb-Free Package HC 10A ALYWG G
(Note: Microdot may be in either location)
PIN ASSIGNMENT
A1 B1 A2 B2 C2 Y2 GND 1 2 3 4 5 6 7 14 13 12 11 10 9 8 VCC C1 Y1 C3 B3 A3 Y3 A L L H H
FUNCTION TABLE
Inputs B L H L H Output Y H H H L
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 4 of this data sheet.
(c) Semiconductor Components Industries, LLC, 2009
December, 2009 - Rev. 1
1
Publication Order Number: MC74HC10A/D
MC74HC10A
MAXIMUM RATINGS*
Symbol VCC Vin Vout Iin Iout ICC PD Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage (Referenced to GND) DC Output Voltage (Referenced to GND) DC Input Current, per Pin DC Output Current, per Pin DC Supply Current, VCC and GND Pins Power Dissipation in Still Air Plastic DIP SOIC Package TSSOP Package Value - 0.5 to + 7.0 - 0.5 to VCC + 0.5 - 0.5 to VCC + 0.5 20 25 50 750 500 450 - 65 to + 150 260 Unit V V V mA mA mA mW This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, Vin and Vout should be constrained to the range GND v (Vin or Vout) v VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open.
Tstg TL
Storage Temperature Lead Temperature, 1 mm from Case for 10 Seconds (Plastic DIP, SOIC or TSSOP Package)
_C _C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. Derating -- Plastic DIP: - 10 mW/_C from 65_ to 125_C SOIC Package: -7 mW/_C from 65_ to 125_C TSSOP Package: - 6.1 mW/_C from 65_ to 125_C
RECOMMENDED OPERATING CONDITIONS
Symbol VCC Vin, Vout TA tr, tf Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage, Output Voltage (Referenced to GND) Operating Temperature, All Package Types Input Rise and Fall Time (Figure 1) VCC = 2.0 V VCC = 3.0 V VCC = 4.5 V VCC = 6.0 V Min 2.0 0 - 55 0 0 0 0 Max 6.0 VCC + 125 1000 600 500 400 Unit V V _C ns
http://onsemi.com
2
MC74HC10A
IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
Guaranteed Limit v 85_C 1.5 2.1 3.15 4.2 0.5 0.9 1.35 1.8 1.9 4.4 5.9 2.34 3.84 5.34 0.1 0.1 0.1 0.33 0.33 0.33 1.0 10 Symbol VIH Parameter Test Conditions VCC V 2.0 3.0 4.5 6.0 2.0 3.0 4.5 6.0 2.0 4.5 6.0 |Iout| v 2.4 mA |Iout| v 4.0 mA |Iout| v 5.2 mA 3.0 4.5 6.0 2.0 4.5 6.0 |Iout| v 2.4 mA |Iout| v 4.0 mA |Iout| v 5.2 mA 3.0 4.5 6.0 6.0 6.0 - 55 to 25_C 1.5 2.1 3.15 4.2 0.5 0.9 1.35 1.8 1.9 4.4 5.9 2.48 3.98 5.48 0.1 0.1 0.1 0.26 0.26 0.26 0.1 1 v 125_C 1.5 2.1 3.15 4.2 0.5 0.9 1.35 1.8 1.9 4.4 5.9 2.20 3.70 5.20 0.1 0.1 0.1 0.40 0.40 0.40 1.0 40 A A V Unit V Minimum High-Level Input Voltage Vout = 0.1 V or VCC - 0.1 V |Iout| v 20 A VIL Maximum Low-Level Input Voltage Vout = 0.1 V or VCC - 0.1 V |Iout| v 20 A V VOH Minimum High-Level Output Voltage Vin = VIH or VIL |Iout| v 20 A Vin = VIH or VIL V VOL Maximum Low-Level Output Voltage Vin = VIH |Iout| v 20 A Vin = VIH or VIL Iin ICC Maximum Input Leakage Current Maximum Quiescent Supply Current (per Package) Vin = VCC or GND Vin = VCC or GND Iout = 0 A
IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
Guaranteed Limit v 85_C 120 60 24 20 95 40 19 16 10 Symbol tPLH, tPHL Parameter VCC V 2.0 3.0 4.5 6.0 2.0 3.0 4.5 6.0 -- - 55 to 25_C 95 45 19 16 75 30 15 13 10 v 125_C 145 75 29 25 110 55 22 19 10 Unit ns Maximum Propagation Delay, Input A, B, or C to Output Y (Figures 1 and 2) tTLH, tTHL Maximum Output Transition Time, Any Output (Figures 1 and 2) ns Cin Maximum Input Capacitance pF Typical @ 25C, VCC = 5.0 V CPD Power Dissipation Capacitance (Per Gate)*
2f
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6 ns)
25 + ICC VCC .
pF
* Used to determine the no-load dynamic power consumption: P D = CPD VCC
http://onsemi.com
3
MC74HC10A
tf 90% INPUT 50% A, B, OR C 10% OUTPUT Y 90% 50% 10% tTLH tTHL tr TEST POINT VCC GND tPLH tPHL DEVICE UNDER TEST OUTPUT CL*
*Includes all probe and jig capacitance
Figure 2. Test Circuit
A Y B C
Figure 1. Switching Waveforms
EXPANDED LOGIC DIAGRAM (1/3 OF THE DEVICE)
ORDERING INFORMATION
Device MC74HC10ANG MC74HC10ADG MC74HC10ADR2G MC74HC10ADTR2G Package PDIP-14 (Pb-Free) SOIC-14 (Pb-Free) SOIC-14 (Pb-Free) TSSOP-14* Shipping 25 Units/Rail 55 Units/Rail
2500/Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *This package is inherently Pb-Free.
http://onsemi.com
4
MC74HC10A
PACKAGE DIMENSIONS
PDIP-14 CASE 646-06 ISSUE P
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL. INCHES MIN MAX 0.715 0.770 0.240 0.260 0.145 0.185 0.015 0.021 0.040 0.070 0.100 BSC 0.052 0.095 0.008 0.015 0.115 0.135 0.290 0.310 --- 10 _ 0.015 0.039 MILLIMETERS MIN MAX 18.16 19.56 6.10 6.60 3.69 4.69 0.38 0.53 1.02 1.78 2.54 BSC 1.32 2.41 0.20 0.38 2.92 3.43 7.37 7.87 --- 10 _ 0.38 1.01
14
8
B
1 7
A F N -T-
SEATING PLANE
L C
H
G
D 14 PL
K
M
J M
DIM A B C D F G H J K L M N
0.13 (0.005)
http://onsemi.com
5
MC74HC10A
PACKAGE DIMENSIONS
SOIC-14 CASE 751A-03 ISSUE H
-A-
14 8 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION.
-B-
P 7 PL 0.25 (0.010)
M
B
M
1
7
G C -T-
SEATING PLANE
R X 45 _
F
D 14 PL 0.25 (0.010)
M
K TB
S
M A
S
J
DIM A B C D F G J K M P R
MILLIMETERS MIN MAX 8.55 8.75 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.19 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50
INCHES MIN MAX 0.337 0.344 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0_ 7_ 0.228 0.244 0.010 0.019
SOLDERING FOOTPRINT*
7X
7.04 1 0.58
14X
14X
1.52
1.27 PITCH
DIMENSIONS: MILLIMETERS
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
6
MC74HC10A
PACKAGE DIMENSIONS
TSSOP-14 CASE 948G-01 ISSUE B
14X K REF NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. MILLIMETERS INCHES DIM MIN MAX MIN MAX A 4.90 5.10 0.193 0.200 B 4.30 4.50 0.169 0.177 C --- 1.20 --- 0.047 D 0.05 0.15 0.002 0.006 F 0.50 0.75 0.020 0.030 G 0.65 BSC 0.026 BSC H 0.50 0.60 0.020 0.024 J 0.09 0.20 0.004 0.008 J1 0.09 0.16 0.004 0.006 -W- K 0.19 0.30 0.007 0.012 K1 0.19 0.25 0.007 0.010 L 6.40 BSC 0.252 BSC M 0_ 8_ 0_ 8_
0.10 (0.004) 0.15 (0.006) T U
S
M
TU
S
V
S
N
2X
L/2
14
8
0.25 (0.010) M
L
PIN 1 IDENT. 1 7
B -U-
N F DETAIL E K K1 J J1
0.15 (0.006) T U
S
A -V-
SECTION N-N
C 0.10 (0.004) -T- SEATING
PLANE
D
G
H
DETAIL E
SOLDERING FOOTPRINT*
7.06 1
0.36
14X
14X
1.26
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
7
EEE CCC EEE CCC
0.65 PITCH
DIMENSIONS: MILLIMETERS
MC74HC10A
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
8
MC74HC10A/D


▲Up To Search▲   

 
Price & Availability of MC74HC10A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X