|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MBR2045 Chips for Schottky Diodes Chip Specification General Description: Schottky Diode chips with Mo-barrier for switch mode power rectifiers with the following features: * Guard-ring for stress protection * Extremely low forward voltage * 125 operation junction temperature * reverse avalanche behavior Mechanical Data: MBR2045 passivated Silicon Chip Dimension(mil): 105x125 mil Thickness: 350 +- 20 m Metallization: Top ( Anode ) : ALAg Bottom ( Cathode) : TiNiAg Forward Current (A): 20A Reverse Voltage (V):25, 45, 100 V Type MBR2045 Chip size(mil) VF(V)@25 C at If =20A VF(V)@125 C at If =20A IRM@VRMM at 25 C 105x125 720mV 630mV 0,65mA * expected value for recommended assembling with both side soldering Typical device : MBR2045 Note: Other voltages & Top Metal AL are available |
Price & Availability of MBR2045 |