Part Number Hot Search : 
8TRPB TM9137 1N4745AG DE1E3K 2PG002 8TRPB 8TRPB BTS41
Product Description
Full Text Search
 

To Download MB108-BP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
TM
Micro Commercial Components
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
MB1005 THRU MB1010
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
BR-6
B
Features
* * * * Mounting Hole For #6 Screw Any Mounting Position Surge Rating Of 150 Amps Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 and MSL Rating 1 Lead Free Finish/RoHS Compliant (NOTE 1)("P" Suffix designates RoHS Compliant. See ordering information)
*
Maximum Ratings
* * * UL Recognized File # E165989 Operating Temperature: -55C to +125C Storage Temperature: -55C to +150C MCC Catalog Number Device Marking Maximum Recurrent Peak Reverse Voltage 50V 100V 200V 400V 600V 800V 1000v IF(AV) IFSM VF 10.0A 150A Maximum RMS Voltage Maximum DC Blocking Voltage 50V 100V 200V 400V 600V 800V 1000v
C
MB1005 MB101 MB102 MB104 MB106 MB108 MB1010
MB1005 MB101 MB102 MB104 MB106 MB108 MB1010
35V 70V 140V 280V 420V 560V 700V TJ = 50C
E D G + AC A AC -
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Forward Voltage Drop Per Element Maximum DC Reverse Current At Rated DC Blocking Voltage
Notes:
8.3ms, half sine
A
1.1V
IFM = 5.0A per element; TJ = 25C (Note 2) TJ = 25C TJ = 100C
DIM A B C D E G
DIMENSIONS INCHES MIN .578 .230 .750 .405 .038 .145 MM MIN 14.69 5.84 19.10 10.30 0.97 3.70
IR
10 A 1.0mA
MAX .618 .270 --.444 .042 ---
MAX 15.71 6.86 --11.30 1.07 ---
NOTE 2PL
1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7 2. Pulse Test: Pulse Width 300usec, Duty Cycle 1%
2PL 4PL/TYP
Revision: 7
www.mccsemi.com
1 of 3
2008/01/30
MB1005 thru MB1010
Figure 1 Typical Forward Characteristics 100 60 40 20 10 6 4 2 25C Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 .2 .4 .6 .8 1.0 1.2 1.4 10 6 4 2 1 .6 .4 .2 TJ=25C Amps .1 .06 .04 .02 .01 .006 .00 4 .002 .001 20 40 60
MCC
Figure 2 Micro Commercial Components Typical Reverse Characteristics
TM
80
100
120
140
Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts Figure 3 Forward Derating Curve 12
Volts Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts
Figure 4 Peak Forward Surge Current 200
10
150 100
8
6 Amps 4
Amps
50 25 0 1 4 6 8 10 20 40 60 80 100
2
Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 25 50 75 100 150 175
2
Cycles Peak Forward Surge Current - Amperes versus Number Of Cycles At 60Hz - Cycles
0
C Average Forward Rectified Current - Amperes versus Ambient Temperature - C
Revision: 7
www.mccsemi.com
2 of 3
2008/01/30
MCC
Device
TM
Micro Commercial Components
Ordering Information
Packing Bulk;50pcs/Box (Part Number)-BP
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 7
3 of 3
2008/01/30


▲Up To Search▲   

 
Price & Availability of MB108-BP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X