Part Number Hot Search : 
HM51426 MAN413C 01111 324015P MCT6H 160CA 1191CB 33AFP
Product Description
Full Text Search
 

To Download MAX-277 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 * Fax : 760-564-2414 1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
MAXPak TM Series
MAX-277
HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR FEATURES
* UL 1449 Recognition * 6.5KA Surge Capability @ 8 x 20 sec waveform (per IEC- 61000-4-5) * Peak Power Dissipation 288KW * Bi-directional * Excellent clamping capability * Repetition rate (duty cycle): 0.05% * Sharp breakdown voltage * Low incremental surge resistance * Fast response time: typically less than 1.0 s from 0 Volts to BV * Operation temperature: -40C to +125C MAX-277
* Epoxy encapsulated package has Underwriters
Laboratory Flammability Classification 94 V-0
MECHANICAL DATA
Terminal: Ag Plated Axial leads, solderable per MIL-STD-750. Method 2026 Mounting Position: Any Weight: 0.328 0.033 ounces (9.300 0.930 g)
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified.
RATING
Reversed Standoff Voltage Breakdown Voltage @ IT=1.0mA Clamping Voltage @ 434.3A / 10x1000 sec waveform Reverse Leakage @ 241V
SYMBOL
Vrwm Vbr Vc IR
VALUE
241 277 5% 368.4 max 20 max
UNITS
Volt Volt Volt A
07/28/09
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 * Fax : 760-564-2414 1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
MAXPakTM 277 Series
Rating and Characteristic Curves
Pppm 1 PEAK PULSE POWER 1 KW
10000 1000
Non-repetitive pulse waveform shown in Fig. 3TA= 25C
100
10 1 0.1 1 10 100 1,000 10,000 100,000 td PULSE WIDTH 1 sec FIG. 1 PEAK PULSE POWER RATING
100 87.5
Fig.2 - Pulse Derating Curve
Peak Pulse Power (PPP) or Current (IPP) Derating in
75 62.5 50 37.5 25 12.5 0 0 25 50 75 100 125 150 175 200
TA - Ambient Temperature (C)
150
IPPM - Peak Pulse Current,%
tr = 10sec. Peak Value IPPM Half Value- IPPM 2
100
TJ = 25C Pulse Width(td)is defined as the point where the peak current decays to 50% of IPPM
IRSM
50
10/1000sec.Waveform as defined by R.E.A.
td
0 0 1.0 2.0 3.0 t - Time(ms) 3.0
4.0
4.0
Fig.3 - Pulse Waveform
7/28/2009


▲Up To Search▲   

 
Price & Availability of MAX-277

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X