Part Number Hot Search : 
20L15TS DA05CL 2SA881 RK9410 KE180 1M35V10 AO7404L DB101
Product Description
Full Text Search
 

To Download MAT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MAT
Special Fuse, 14 x 50 mm
NON RESETTABLE FUSES
DTCN * 500 VAC * 250 VDC * Time-Lag T
Description
- High Breaking Capacity
References
General Product InforMATion Time-Current Curves see last page
Standards
- DTCN: T/5920 CC
Weblinks
Approvals: http://www.schurter.com/approvals RoHS: http://www.schurter.com/rohs
Technical Data
Rated Voltage Rated Current Breaking Capacity Characteristic Admissible Ambient Air Temp. CliMATic Category MATerial: Tube Unit Weight Storage Conditions Product Marking 500 VAC, 250 VDC 1 - 20 A 100 kA Time-Lag T -40 C to 55 C 40/055/21 acc. to IEC 60068-1 Ceramic 25 g 0 C to 60 C, max. 70% r.h. Voltage Rating Length 50 mm
Dimensions
o 140.2
13 50 +1.5
13
3
Pre-Arcing Time
Rated Current In 1 A - 20 A 1.25 x In min. 60 min 1.65 x In max. 60 min 2.0 x In min. 2.5 s 5.0 x In min. 30 ms 5.0 x In max. 2.5 s 10.0 x In min. 8 ms 10.0 x In max. 200 ms
1
www.schurter.com
MAT
NON RESETTABLE FUSES
Variants
Order Number Rated Cur rent [A] 1 2 4 6 10 15 20 Rated Voltage [VAC] 500 500 500 500 500 500 500 Rated Vol- Breaking Voltage Drop tage [VDC] Capacity 1.0 In typ [mV] 250 250 250 250 250 250 250 1) 1) 1) 1) 1) 1) 1) 1600 600 680 420 110 105 100
7025.5110 7025.5120 7025.5130 7025.5140 7025.5150 7025.5170 7025.5160
1) 100 kA @ 500 VAC , p.f. 0.15 / 10 kA @ 250 VDC , L/R < 10 ms
Packaging Unit
Small Box Pack (10 pcs.)
2
www.schurter.com
TIME-CURRENT CURVES
NON RESETTABLE FUSES
MAT
100000
10000
1000
100
Time in Seconds
10
1
0.1
0.01
0.001 1 10
Multiple of Rated Current In
3
www.schurter.com


▲Up To Search▲   

 
Price & Availability of MAT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X