Part Number Hot Search : 
A100K 00029 44400 40002 FM106 D211ERU UPD78243 MAX5182
Product Description
Full Text Search
 

To Download MASW-007587 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MASW-007587
High Power GaAs DPDT Diversity Switch DC - 4.0 GHz
Features
* Ideal for high power diversity switch applications including WiMax, WLAN MESH Networks, and Fixed Wireless Access * Broadband Performance: DC - 4.0 GHz * Low Insertion Loss: 0.8 dB @ 2.5 GHz and 1.2 dB @ 3.5 GHz * High P1dB Compression: 39.5 dBm @ 5 V * Fast Settling for Low Gate Lag Requirements * Lead-Free 3 mm 12-Lead PQFN Package * 100% Matte Tin Plating over Copper * Halogen-Free "Green" Mold Compound * RoHS* Compliant and 260C Reflow Compatible Rev. V1
Functional Schematic
GND Tx Rx
GND GND V C1
GND GND V C2
ANT1
Description
M/A-COM's MASW-007587 is a broadband GaAs PHEMT MMIC diversity switch available in a leadfree 3 mm 12-lead PQFN package. The MASW007587 is ideally suited for applications where very small size and high linear power are required. Typical applications include 2.5 & 3.5 GHz WiMax, WLAN MESH networks, fixed wireless access, and other higher power systems. Designed for high power, this DPDT switch maintains high linearity up to 4.0 GHz. The MASW-007587 is fabricated using a 0.5 micron gate length GaAs PHEMT process. The process features full passivation for performance and reliability.
Pin Configuration
Pin No.
1 2 3 4 5 6 7 8 9 10
Pin Name
GND GND V C1 ANT1 GND ANT2 V C2 GND GND Rx GND Tx Paddle
2
ANT2
GND
Description
Ground Ground Control 1 Antenna Port 1 Ground Antenna Port 2 Control 2 Ground Ground Receive Port Ground Transmit Port RF and DC Ground
Ordering Information 1
Part Number
MASW-007587-TR3000 MASW-007587-000SMB
11
Package
3000 piece reel Sample Test Board (Includes 5 Samples)
12 13
2. The exposed pad centered on the package bottom must be connected to RF and DC ground.
1. Reference Application Note M513 for reel size information.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MASW-007587
High Power GaAs DPDT Diversity Switch DC - 4.0 GHz
Electrical Specifications: TA = 25C, Z0 = 50, VC = 0 V / 3 V, 39 pF Capacitor 3
Parameter Test Conditions
0.5 - 1 GHz 1 - 2 GHz 2 - 3 GHz 2.45 GHz 3 - 4 GHz 0.5 - 1 GHz 1 - 2 GHz 2 - 3 GHz 2.45 GHz 3 - 4 GHz 0.5 - 1 GHz 1 - 2 GHz 2 - 3 GHz 2.45 GHz 3 - 4 GHz 0.5 - 1 GHz 1 - 2 GHz 2 - 3 GHz 3 - 4 GHz Two Tone, +15 dBm/Tone, 5 MHz Spacing, 2.4 GHz VC = 3 V VC = 5 V VC = 8 V 2.4 GHz, VC = 3 V 2.4 GHz, VC = 5 V 2.4 GHz, VC = 8 V 2.4 GHz, Pin = 15 dBm 2.4 GHz, Pin = 15 dBm 10% to 90% RF 90% to 10% RF 50% control to 90% RF and 50% control to 10% RF -- --
Rev. V1
Units
dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dBm dBm dBm dBm dBm dBm dBc dBc nS nS nS mV A
Min.
-- -- -- -- -- -- -- -- 24 -- -- -- -- 29 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- --
Typ.
0.6 0.7 0.8 0.8 1.2 41.5 35 30 30 27 46.5 43 38 38 32 14 15 19.5 14 57.5 59 60 34 39.5 41 -86 -91 64 80 90 5 5
Max.
-- -- -- 1.2 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 10
Insertion Loss
4
Isolation (on/off or off/on) Iso @ Tx when IL from Ant 2 to Rx Iso @ Rx when IL from Ant 1 to Tx
Isolation (on/off or off/on) Iso @ Tx when IL from Ant 1 to Rx Iso @ Rx when IL from Ant 2 to Tx
Return Loss
IP3
Input P1dB 2nd Harmonic 3 Harmonic Trise, Tfall Ton, Toff Transients Control Current
rd
3. For positive voltage control, external DC blocking capacitors are required on all RF ports. 4. Insertion loss can be optimized by varying the DC blocking capacitor value. For use above 2.5 GHz, M/A-COM recommends using smaller capacitor values. For example, use 5 pF for 3.2 GHz.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MASW-007587
High Power GaAs DPDT Diversity Switch DC - 4.0 GHz
Evaluation Board for 3 mm 12-Lead PQFN
Rev. V1
C1 C4 C2 C3
U1
Absolute Maximum Ratings 5,6
Parameter
Input Power @ 3 V Control Input Power @ 5 V Control Voltage Operating Temperature Storage Temperature
Absolute Maximum
+35 dBm CW +37 dBm CW
8 volts
Truth Table 7,8
Control VC1
1 0
Control VC2
0 1
ANT 1 ANT 1 ANT 2 ANT 2 - Rx - Tx - Tx - Rx
On Off Off On On Off Off On
-40C to +85C -65C to +150C
5. Exceeding any one or combination of these limits may cause permanent damage to this device. 6. M/A-COM does not recommend sustained operation near these survivability limits.
7. Differential voltage, V (state 1) - V (state 0), must be +2.7 V minimum and must not exceed 8.0 V. 8. 1 = +2.9 V to +8 V, 0 = 0 V + 0.2 V.
Qualification Application Schematic
C1 = C2 = C3 = C4 = 39 pF
Qualified to M/A-COM specification REL-201, Process Flow -2.
Handling Procedures
C1 GND Tx C2 Rx
Please observe the following precautions to avoid damage:
GND GND GND GND
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
Vc1 ANT1 ANT2
Vc2
C4
GND
C3
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MASW-007587
High Power GaAs DPDT Diversity Switch DC - 4.0 GHz
Typical Performance Curves
Insertion Loss, 4 pF Capacitors
8 7 6 5 4 3 2 1 0 0 1 2 3 4 5 6
Rev. V1
Insertion Loss, 39 pF Capacitors
8 7 6 5 4 3 2 1 0 0 1 2 3 4 5 6
Frequency (GHz)
Frequency (GHz)
Isolation, 4 pF Capacitors
50
Iso @ Iso @ Iso @ Iso @ Tx when IL from Ant 1 to Rx Rx when IL from Ant 2 to Tx Tx when IL from Ant 2 to Rx Rx when IL from Ant 1 to Tx
Isolation, 39 pF Capacitors
50
Iso @ Iso @ Iso @ Iso @ Tx when IL from Ant 1 to Rx Rx when IL from Ant 2 to Tx Tx when IL from Ant 2 to Rx Rx when IL from Ant 1 to Tx
45
45
40
40
35
35
30
30
25
25
20 0 1 2 3 4 5 6
20 0 1 2 3 4 5 6
Frequency (GHz)
Frequency (GHz)
S11,
0 -3 -6 -9 -12 -15 -18 -21 0 1 2 3 4 5 6
0 -3 -6 -9 -12 -15 -18 -21 0 1 2 3 4 5 6
S11,
Frequency (GHz)
4
Frequency (GHz)
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MASW-007587
High Power GaAs DPDT Diversity Switch DC - 4.0 GHz
Lead-Free 3 mm 12-Lead PQFN
Rev. V1
Reference Application Note M538 for lead-free solder reflow recommendations.
5
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MASW-007587

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X