Part Number Hot Search : 
74HC7540 LBS13701 HYB31 24101 RTL8201 C2008 10EL5 5BR10
Product Description
Full Text Search
 

To Download MAATCC0011-TB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MAATCC0011
Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
Features
* * * * * * * * * * * * Attenuation: 0.5 dB Steps to 31.5 dB Single Positive Supply Contains internal DC to DC converter Low DC Power Consumption Small Footprint, JEDEC Package Integral TTL Driver 50 ohm Impedance Lead-Free CSP-1 Package 100% Matte Tin Plating over Copper Halogen-Free "Green" Mold Compound 260C Reflow Compatible RoHS* Compliant Version of AT90-1107 Rev. V5
Schematic with Off-Chip Components
Description
M/A-COM's MAATCC0011 is a GaAs FET 6-bit digital attenuator with integral TTL driver. Step size is 0.5 dB providing a 31.5 dB total attenuation range. This device is in an PQFN plastic surface mount package. The MAATCC0011 is ideally suited for use where accuracy, fast speed, very low power consumption and low costs are required. For dual supply designs without switching noise, use MAATCC0009. .
Pin Configuration3
Pin No.
1 2 3 4
Function
C8 C4 C2 C1 C0.5 C16 GND NC NC NC1 GND RF1 GND NC NC NC
Pin No.
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
Function
NC NC Vcc NC Cp NC Cp NC VEE2 GND RF2 GND NC1 VEE2 NC Vcc
Ordering Information
Part Number
MAATCC0011 MAATCC0011TR MAATCC0011-TB
5 6 7
Package
Bulk Packaging 1000 piece reel Sample Test Board
8 9 10 11 12 13 14 15 16
Note: Reference Application Note M513 for reel size information.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
1. Pins 10 and 29 must be isolated. 2. VEE is produced internally and requires a .1 F cap to GND. Generated noise is typical of switching DC-DC Converters. 3. The exposed pad centered on the package bottom must be connected to RF and DC ground. (For PQFN Packages)
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MAATCC0011
Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
Electrical Specifications: TA = +25C
Parameter
Insertion Loss Attenuation Accuracy
Rev. V5
Test Conditions
-- Individual Bits 0.5-1-2-4-8-16 dB Any Combination of Bits 1 to 31.5 dB Full Range 50% Cntl to 90%/10% RF 10% to 90% or 90% to 10% -- -- Two-tone inputs up to +5 dBm -- LOW-level input voltage HIGH-level input voltage Vin = VCC or GND Vcc min to max, Logic "0" or "1"
5
Frequency
DC - 4.0 GHz DC - 4.0 GHz DC - 4.0 GHz DC - 4.0 GHz -- -- 50 MHz 0.5 - 4.0 GHz 50 MHz 0.5-4.0 GHz -- -- -- -- -- -- --
Units
dB dB dB Ratio nS nS dBm dBm dBm dBm V V V uA mA mA mA
Min
-- -- -- -- -- -- -- -- -- -- 4.75 0.0 2.0 -1.0 -- -- --
Typ
4.5 -- -- 2.0:1 75 20 +21 +24 +35 +48 5.0 -- -- -- 6 -- --
Max
5.1 (.3 +7% of atten setting) (.5 +8% of atten setting) 2.2:1 -- -- -- -- -- -- 5.25 0.8 5.0 1.0 10 125 1.0
VSWR Switching Speed 1 dB Compression Input IP3 Vcc VIL VIH lin (Input Leakage Current) Icc
4
Turn-on Current
For guaranteed start-up VCC = Max, Vcntrl = VCC - 2.1 V
Icc (Additional Supply Current Per TTL Input Pin) Switching Noise Thermal Resistance jc 4. 5.
Generated from DC-DC Converter with recommended capacitors --
3.5 MHz --
dBm C/W
-- --
-93 15
-- --
During turn-on, the device requires an initial "Turn-on Current". Once operational, Icc will drop to the specified levels. The DC-DC converter is guaranteed to start in 100 s as long as the power supplies can provide a minimum of 100 mA "Turn-on Current".
Recommended PCB Configuration9
Absolute Maximum Ratings6,7
Parameter
Max. Input Power 0.05 GHz 0.5 - 4.0 GHz VCC Vin8 Operating Temperature Storage Temperature 6. 7. 8. 2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
Absolute Maximum
+27 dBm +34 dBm -0.5V VCC +6.0V -0.5V Vin VCC + 0.5V -40C to +85C -65C to +125C
Exceeding any one or combination of these limits may cause permanent damage to this device. M/A-COM does not recommend sustained operation near these survivability limits. Standard CMOS TTL interface, latch-up will occur if logic signal is applied prior to power supply.
9. Application Note S2083 is available on line at www.macom.com
changes to the product(s) or information contained herein without notice.
MAATCC0011
Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
Handling Procedures
Please observe the following precautions to avoid damage: Rev. V5
Truth Table (Digital Attenuator)
C16
0 0 0 0 0 0 1 1
C8
0 0 0 0 0 1 0 1
C4
0 0 0 0 1 0 0 1
C2
0 0 0 1 0 0 0 1
C1
0 0 1 0 0 0 0 1
C0.
0 1 0 0 0 0 0 1
Attenuation
Loss, Reference 0.5 dB 1.0 dB 2.0 dB 4.0 dB 8.0 dB 16.0 dB 31.5 dB
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
Moisture Sensitivity
The MSL rating for this part is defined as Level 2 per IPC/JEDEC J-STD-020. Parts shall be stored and/or baked as required for MSL Level 2 parts.
0 = TTL Low; 1 = TTL High
Typical Performance Curves
Insertion Loss
6.0
VSWR @ Insertion Loss
I np ut 2.2 Out p ut
5.0
1.9
Loss (dB)
4.0
VSWR
0 1000 2000 3000 4000
1.6
3.0
1.3
2.0
1.0 0 1000 2000 3000 4000
Fre que ncy (MHz )
Fre que ncy (MHz )
Attenuation Error, 0.5 dB Bit
0.4
Attenuation Error, 1 dB Bit
0.2
A ttenua tio n Erro r (dB)
0 1000 2000 3000 4000
0.4 0.2 0.0 -0.2 -0.4 0 1000 2000 3000 4000
Attenuation Error (dB)
0.0
-0.2
-0.4
Fre que ncy (MHz )
3
Frequency (MHz)
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MAATCC0011
Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
Typical Performance Curves
Attenuation Error, 2 dB Bit Attenuation Error, 4 dB Bit
Rev. V5
A ttenua tio n Erro r (dB)
A ttenua tio n Erro r (dB)
0.4 0.2 0.0 -0.2 -0.4 0 1000 2000 3000 4000
0.4 0.2 0.0 -0.2 -0.4 0 1000 2000 3000 4000
Frequency (MHz)
Attenuation Error, 8 dB Bit
0.8 0.4
Frequency (MHz)
Attenuation Error, 16 dB Bit
0.8
Attenuation Error (dB)
Attenuation Error (dB)
0 1000 2000 3000 4000
0.4
0.0 -0.4 -0.8
0.0
-0.4
-0.8 0 1000 2000 3000 4000
Frequency (MHz)
Fre que ncy (MHz )
Attenuation Error, Max. Attenuation
VSWR, 0.5 dB Bit
Inp ut Out p ut
A ttenua tio n Erro r (dB)
1.0
1.8
0.0
1.6
VSWR
0 1000 2000 3000 4000
1.4 1.2
-1.0
-2.0
1.0 0 1000 2000 3000 4000
Frequency (MHz)
4
Freque ncy (MHz )
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MAATCC0011
Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
Typical Performance Curves
VSWR, 1 dB Bit VSWR, 2 dB Bit
Rev. V5
Inp ut 1.8
Out p ut
I np ut 1.8
Out p ut
1.6
1.6
VSWR
1.4
VSWR
0 1000 2000 3000 4000
1.4
1.2
1.2
1.0
1.0 0 1000 2000 3000 4000
Fre que ncy (MHz )
VSWR, 4 dB Bit VSWR, 8 dB Bit
Frequency (MHz )
I np ut 1 .6
O ut p ut
Inp ut 1 .8 1 .6
O ut p ut
VSW R
VSWR
1 .4
1 .4 1 .2 1 .0
1 .2
1 .0 0 1 000 2000 3000 4000
0
1000
2000
3000
4000
Fre qu e ncy (MHz )
Fre que ncy (MHz )
VSWR, 16 dB Bit
Inp ut 1.8 1.6 Out p ut
VSWR, Max. Attenuation
Inp ut 1.6
Out p ut
VSWR
1.4 1.2 1.0 0 1000 2000 3000 4000
VSWR
1.4
1.2
1.0 0 1000 2000 3000 4000
Frequency (MHz)
5
Frequency (MHz)
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MAATCC0011
Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
Typical Performance Curves
Typical Attenuation Deviation vs. Temperature for 0.5 dB Bit
0.25
Rev. V5
Typical Attenuation Deviation vs. Temperature for 1 dB Bit
0.4 0.3
Attenuation (dB)
Attenuation (dB)
0.2 0.15 0.1 0.05 0 -0.05 -0.1 -0.15 -0.2 -0.25 0 1000 2000 3000 4000
0.2 0.1 0 -0.1 -0.2 -0.3 0 1000 2000 3000 4000
Frequency (MHz)
Frequency (MHz)
Typical Attenuation Deviation vs. Temperature for 2 dB Bit
C o ld 0.3 0.25 0.2 0.15 0.1 0.05 0 -0.05 -0.1 -0.15 -0.2 -0.25 0 1000 2000 3000 4000 Room Ho t
Typical Attenuation Deviation vs. Temperature for 4 dB Bit
0.3 0.25 0.2 0.15 0.1 0.05 0 -0.05 -0.1 -0.15 -0.2 -0.25 0 1000 2000 3000 4000
Attenuation (dB)
A ttenua tio n (dB)
Frequency (MHz)
Frequency (MHz)
Typical Attenuation Deviation vs. Temperature for 8 dB Bit
C o ld 0.5 0.4 0.3 0.2 0.1 0 -0.1 -0.2 -0.3 -0.4 -0.5 -0.6 0 1000 2000 3000 4000 Room Ho t
Typical Attenuation Deviation vs. Temperature for 16 dB Bit
C o ld Room Ho t
0.6
Attenuation (dB)
A ttenua tio n (dB)
0.4 0.2 0 -0.2 -0.4 -0.6 -0.8 0 1000 2000 3000 4000
Frequency (MHz)
6
Frequency (MHz)
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MAATCC0011
Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
Typical Performance Curves
Typical Attenuation Deviation vs. Temperature at Maximum Attenuation
0.5 5.0 0
Rev. V5
Insertion Loss vs. Temperature
C o ld
Room
Ho t
Attenuation (dB)
4.5
-0.5 -1 -1.5 -2 -2.5 0 1000 2000 3000 4000
Insertion Loss (dB)
4.0 3.5 3.0 2.5 2.0 1.5 0 1000 2000 3000 4000
Fre que ncy (MHz )
Fre que ncy (MHz )
CSP-1, Lead-Free 4 x 6 mm, 32-lead PQFN
Reference Application Note M538 for lead-free solder reflow recommendations.
7
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MAATCC0011-TB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X