Part Number Hot Search : 
TC2696 V91916 RT7285C RF621 SMS12 SA117 HMM5159B 85L02H
Product Description
Full Text Search
 

To Download M-7080 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M-7080D
Counter/Frequency Input Module M-7080D : M-7080D with LED Display
Model:M-7080D
Counter Input
* * * * *
Channels: 2 independent 32-bit counters, counter 0&1 Input mode: Isolated or non-isolated Isolation input levels: Logic level 0:+1V max. Logic level 1: +3.5 to 30V Isolation voltage: 3750Vrms Non-Isolation input level: Programmable threshold voltage Logic level 0: 0 to +5V (default= 0.8V) Logic level 1: 0 to +5V (default= 2.4V) Maximum count: 32 bit (4,294,967,295) Programmable digital noise filter: 2 us to 65 ms Alarming: alarm on counter 0 or counter 0 & 1, programmable Counter preset value: programmable
* * * *
Display
*
LED Indicator : 5-digit readout, Channel 0 or Channel 1
Frequency Measurement
* *
Input frequency: 1 Hz to 100KHz max. Programmable built-in gate time: 1.0/0.1sec
Digital Output
* *
2-channels, open-collector to 30V, 30mA max. load Power dissipation: 300mW
Communication Interface
*
RS-485
Power Supply
* *
Input Power: 10~30Vdc Consumption : 2.0W max. for M-7080 2.2W max. for M-7080D
Ordering Information
M-7080 M-7080D Counter / Frequency input module Counter / Frequency input module with display
M-7080D Hardware
Internal I/O Structure
PIN Assignment
Wire Connection
Counter Type Isolation Non-isolation
Frequency Type Isolation Non-isolation
Output Type
Resistance Load
ON State
OFF State
Inductance Load
ON State
OFF State


▲Up To Search▲   

 
Price & Availability of M-7080

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X