Part Number Hot Search : 
N82002MT NW6006 KF902FU EVQP7 TDA9183T MC5430L PLT132 IRF78
Product Description
Full Text Search
 

To Download LBN08016 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 China Electronics Technology Group Corporation No.26 Research Institute
80MHz SAW Filter 24MHz Bandwidth
Part Number: LBN08016
www.sipatsaw.com
SIPAT Co., Ltd.
Specifications
Parameter Center Frequency
Insertion Loss 1 dB Bandwidth 1.5 dB Bandwidth 3 dB Bandwidth 18 dB Bandwidth 25 dB Bandwidth 30 dB Bandwidth 40 dB Bandwidth Passband Variation Absolute Delay Ultimate Rejection Material Temperature coefficient Ambient Temperature Package Size
Unit
MHz dB MHz MHz MHz MHz MHz MHz MHz dB usec
Minimum
79.875 24 45
Typical
80 26 23.95 24.04 24.2 24.82 24.95 25.03 25.16 0.7 2.74 51 -7.52 25
Maximum
80.125 31 24.9 25.2 25.5 28 1.5 2.75 -
dB
KHz/C C
DIP3512 (35.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown 2. In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over temperature 3. Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances 4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
INPUT 50 L1
L2
L3
L1=L4=270nH
OUTPUT 50 L4
Notes - Component values may change depending on board layout.
L2=100nH L3=68nH Source/Load Impedance=50 ohm
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBN08016 2006-9-28 1.0 Page 1/3
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
80MHz SAW Filter 24MHz Bandwidth
Part Number: LBN08016
www.sipatsaw.com
SIPAT Co., Ltd.
Package Dimension
35.000.5 12.800.5 4.7 4.5
0.450.05
2.540.2
7.620.2
3 6
2 1
4 5
25.400.2
2.540.2
Input Output Ground
1 5 2,3,4,6
Package: DIP3512
Unit: mm
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBN08016 2006-9-28 1.0 Page 2/3
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
80MHz SAW Filter 24MHz Bandwidth
Part Number: LBN08016
www.sipatsaw.com
SIPAT Co., Ltd.
Typical Performance
Frequency Respond
-26.1367
Passband Respond
-24
-36.1367
-24.5
-25
-46.1367
-25.5
-56.1367
-26
-66.1367
-26.5
-76.1367
-27
-86.1367
-27.5
-96.1367
-28
-106.1367 30
-28.5
40 50 60 70 80 90 100 110 120 130
65
70
75
80
85
90
95
Group Delay Variation(f012MHz)
Phase Linearity(f012MHz)
Smith Chart S11
Smith Chart S22
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBN08016 2006-9-28 1.0 Page 3/3
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com


▲Up To Search▲   

 
Price & Availability of LBN08016

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X