Part Number Hot Search : 
1N3890 OL5492A 00051 SMF36CA SS432G 2SJ364 2SA1823S 01M35V8
Product Description
Full Text Search
 

To Download LBN07602 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 China Electronics Technology Group Corporation No.26 Research Institute
76.8MHz SAW Filter 11.3MHz Bandwidth
Part Number: LBN07602
www.sipatsaw.com
SIPAT Co., Ltd.
Specifications
Parameter Center Frequency
Insertion Loss 1 dB Bandwidth 3 dB Bandwidth 40 dB Bandwidth Passband Variation(f05MHz) Group Delay Variation(f05MHz) Phase Linearity(f05MHz) Absolute Delay Ultimate Rejection Material temperature coefficient Ambient Temperature Package Size
Unit
MHz dB MHz MHz MHz dB nsec degree usec
Minimum
76.7 11 12 36
Typical
76.8 20.5 11.3 13.06 18.27 0.4 40 4 1 38 -6.3 25
Maximum
76.9 21.5 18.5 0.7 60 6 -
dB
KHz/C C
DIP2212 (22.2x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown 2. In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over temperature 3. Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances 4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
Source/Load Impedance=50 ohm
Notes - Component values may change depending on board layout.
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBN07602 2005-7-8 1.0 Page 1/3
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
76.8MHz SAW Filter 11.3MHz Bandwidth
Part Number: LBN07602
www.sipatsaw.com
SIPAT Co., Ltd.
Package Dimension
22.200.5 12.800.5 4.7 4.5
0.450.05 2.540.2
7.620.2
3
2 1
4 5 6
12.700.2
2.540.2
Pin 1: input Pin 5:output Others:Grounded
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBN07602 2005-7-8 1.0 Page 2/3
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
76.8MHz SAW Filter 11.3MHz Bandwidth
Part Number: LBN07602
www.sipatsaw.com
SIPAT Co., Ltd.
Typical Performance
Frequency Respond Passband Respond
-17
-30.3373
-18
-19
-40.3373
-20
-50.3373
-21
-22
-60.3373
-23
-70.3373
-24
-80.3373
-25
56.8 61.8 66.8 71.8 76.8 81.8 86.8 91.8 96.8
6.5
7
7.5 f scale=2MHz
8
8.5
9 x 10
7
Group Delay Variation(f05MHz)
Phase Linearity(f05MHz)
Simth Chart
S11
Simth Chart
S22
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBN07602 2005-7-8 1.0 Page 3/3
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com


▲Up To Search▲   

 
Price & Availability of LBN07602

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X