Part Number Hot Search : 
HEF4025B F20SC9 H11F2 74HC4066 BCM11 C2405 LA42052 43860
Product Description
Full Text Search
 

To Download KBPC2508 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBPC25005 THRU KBPC2510
SINGLE PHASE SILICON BRIDGE RECTIFIER
VOLTAGE: 50 TO 1000V CURRENT: 25.0A
FEATURE
Surge overload rating: 300 A peak High case dielectric strength 1/4"Universal faston terminal and 40ml lead-wire available
KBPC/KBPCW
MECHANICAL DATA
Polarity: Polarity symbol marked on body Mounting: Hole thru # 8 screw Case: metal or plastic
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated, for capacitive load, derate current by 20%)
SYMBOL
KBPC25 005 KBPC25 01 KBPC25 02 KBPC25 04 KBPC25 06 KBPC25 08 KBPC25 10
units
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current at Tc=55C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Maximum Instantaneous Forward Voltage at forward current 12.5A DC Maximum DC Reverse Current at rated DC blocking voltage Operating Temperature Range Ta =25C Ta =100C
Vrrm Vrms Vdc If(av) Ifsm Vf Ir Tj Tstg
50 35 50
100 70 100
200 140 200
400 280 400 25.0 300.0 1.1 10.0 500.0 -55 to +150 -55 to +150
600 420 600
800 560 800
1000 700 1000
V V V A A V A A
*
Storage and Operation Junction Temperature
C C
Rev.4
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES KBPC25005 THRU KBPC2510
1
1
Rev.4
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of KBPC2508

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X