Part Number Hot Search : 
TL082AIN 6100A TIP145 TB2929HQ TL082AIN 20AR1 CN8PBF NCE55H
Product Description
Full Text Search
 

To Download KBPC2508 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBPC25005~KBPC2510
HIGH CURRENT SINGLE-PHASE SILICON BRIDGE RECTIFIERS REVERSE VOLTAGE: 50V to 1000V KBPC FORWARD CURRENT: 25A
Features * Surge overload 300 Amperes peak * Low power loss, high efficiency * Low reverse leakage current
Absolute Maximum Ratings and Characteristics Rating at 25oC ambient temperature unless otherwise specified. resistive or inductive load 60 Hz,. For capacitive load current by 20%.
Characteristic
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified o Current at TC = 55 C Peak Forward Surge Current, 8.3ms single half Sine-wave superimposed on rated load Maximum Forward Voltage at 12.5A DC and 25 Maximum Reverse Current at TA = 25oC o at Rated DC Blocking Voltage TA = 125 C Typical Junction Capacitance (Note 1) Typical Thermal Resistance (Note 2) Operating Temperature Range TJ Storage Temperature Range TS KBPC 25005 50 35 50 KBPC 2501 100 70 100 KBPC 2502 200 140 200 KBPC 2504 400 280 400 25 KBPC 2506 600 420 600 KBPC 2508 800 560 800 KBPC 2510 1000 700 1000 Units V V V A
300
A
1.2 10 1000 300 1.9 -55 to +125 -55 to +150
V
uA pF /W
o o
C C
Notes: 1. Measured at 1 MHz and applied reverse voltage of 4.0VDC. 2. Thermal resistance from junction t case per leg.
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Semtech International Holdings Limited, acompany listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 19/07/2005
KBPC25005~KBPC2510
RATINGS AND CHARACTERISTIC CURVES
FIG.1-MAXIMUM FORWARD SURGE CURRENT
AVERAGE FORWARD OUTPUT CURRENT AMPERES PEAK FORWARD SURGE CURRENT AMPERES
300 250 200 150 100 50 0 1 10 100
FIG.2-DERATING CURVE FOR OUTPUT RECTIFIED CURRENT 40 30 20 10 0 0 50 100 150
NUMBER OF CYCLES AT 60 Hz
TEMPERATURE. ( C)
o
100
INSTANTANEOUS FORWARD SURGE CURRENT AMPERES
FIG.3-TYPICAL FORWARD CHARACTERISTICS
10
1.0
0.1
0.01
4
6
8
1.0
1.2
1.4
1.6
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Semtech International Holdings Limited, acompany listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 19/07/2005


▲Up To Search▲   

 
Price & Availability of KBPC2508

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X