Part Number Hot Search : 
UA741AG 00901 2SB0641 MBR20 MBT2222 SMCJ12CA TA58L09S UM0103
Product Description
Full Text Search
 

To Download KBPC150051 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL
FEATURES
GALAXY ELECTRICAL
KBPC15005- - - KBPC1510
VOLTAGE RANGE: 50 --- 1000 V CURRENT: 15.0 A
SILICON BRIDGE RECTIFIERS
Rating to 1000V PRV 300 amperes surge capability High efficiency Electrically isolated metal case for maximum heat dissipation Mounting: thru hole for # 8 screw mounting
KBPC
inch (mm)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
KBPC KBPC KBPC KBPC KBPC KBPC KBPC UNITS 15005 1501 1502 1504 1506 1508 1510
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forw ard Output current @TA =25
V RRM V RMS V DC IF(AV)
50 35 50
100 70 100
200 140 200
400 280 400 15.0
600 420 600
800 560 800
1000 700 1000
V V V A
Peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load Maximum instantaneous forw ard voltage @ 7.5 A Maximum reverse current at rated DC blocking voltage @TA =25 @TA =100
IFSM
300.0
A
VF IR TJ TSTG
1.1 10.0 1.0 - 55 ---- + 125 - 55 ---- + 150
V A mA
Operating junction temperature range Storage temperature range
www.galaxycn.com
Document Number 0287040
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
FIG.1 -- PEAK FORWARD SURGE CURRENT AVERAGE FORWARD OUTPUT CURRENT, AMPERES PEAK FORWARD SURGE CURRENT,
KBPC15005 - - - KBPC1510
FIG.2 -- FORWARD DERATING CURVE
300
15
250
TJ=125 8.3 ms Single Half Sine - Wave
Resistive or Inductive Load
10
AMPERES
200
150
100
5
50
0
0
0
25
50
75
100
125
1
4
10
40
100
NUMBER OF CYCLES AT 60HZ
AMBIENT TEMPERATURE,
FIG.3 -- TYPICAL FORWARD CHARACTERISTIC
FIG.4 -- TYPICAL REVERSE CHARACTERISTIC
INSTANTANEOUS FORWARD CURRENT, AMPERES
100
INSTANTANEOUS REVERSE CURRENT, MICRO AMPERES
10 Tc=100 1.0
10
1.0 TJ=25 Pulse Width =300uS 0.1
TJ=25 0.1
.01
0
20
40
60
80
100
120
140
.01
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
PERCENT OF RATED PEAK REVERSE VOLTAGE INSTANTANEOUS FORWARD VOLTAGE, VOLTS
www.galaxycn.com
Document Number 0287040
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of KBPC150051

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X