Part Number Hot Search : 
AVD05P DNK5307B 75M50 00390 BP160 10035 2SK3763 MPW1044
Product Description
Full Text Search
 

To Download FR205 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FR201 THRU FR207
Reverse Voltage - 50 to 1000 Volts
FAST RECOVERY RECTIFIER
Forward Current - 2.0 Ampere
FEATURES

The plastic package carries Underwriters Laboratory Flammability Classification 94V-0 Fast switching for high efficiency Low reverse leakage High forward surge current capability High temperature soldering guaranteed: 250 C/10 seconds,0.375"(9.5mm) lead length, 5 lbs. (2.3kg) tension
DO-15
1.0 (25.4) MIN. 0.140(3.6) 0.104(2.6) DIA.
MECHANICAL DATA
Case: JEDEC DO-15 molded plastic body Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight:0.014 ounce, 0.40 grams
0.300(7.6) 0.230(5.8)
1.0 (25.4) MIN. 0.034(0.9) 0.028(0.7) DIA.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
Characteristic
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375"(9.5mm) lead length at TA=75 C Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage at 2.0A Maximum DC reverse current TA=25 C at rated DC blocking voltage TA=100 C Maximum reverse recovery time (NOTE 1) Typical junction capacitance (NOTE 2) Typical thermal resistance (NOTE 3) Operating junction and storage temperature range
SYMBOLS
FR 201
FR 202
FR 203
FR 204
FR 205
FR 206
FR 207
UNITS V V V A A V
A
VRRM VRMS VDC I(AV) IFSM VF IR trr CJ R JA TJ,TSTG
50 35 50
100 70 100
200 140 200
400 280 400 2.0 70.0 1.3 5.0 100.0
600 420 600
800 560 800
1000 700 1000
150
250 40.0 40.0 -65 to +150
500
ns pF C/W C
Note:1.Reverse recovery condition IF=0.5A,IR=1.0A,Irr=0.25A 2.Measured at 1MHz and applied reverse voltage of 4.0V D.C. 3.Thermal resistance from junction to ambient at 0.375"(9.5mm)lead length,P.C.B. mounted
FR201 THRU FR207
RATINGS AND CHARACTERISTIC CURVES
AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
FIG. 1- FORWARD CURRENT DERATING CURVE
PEAK FORWARD SURGE CURRENT, AMPERES
2.0
FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
70
1.6
60
1.2
50
0.8
Single Phase Half Wave 60Hz Resistive or inductive Load
40
0.4
30
8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
0
0
25
50
75
100
125
150
175
20
1
10
100
AMBIENT TEMPERATURE, C
NUMBER OF CYCLES AT 60 Hz
FIG. 3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
20
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
1,000
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
INSTANTANEOUS FORWARD CURRENT,AMPERES
10
100
1
10 TJ=100 C 1
0.1
TJ=25 C PULSE WIDTH=300 ms 1%DUTY CYCLE
0.01
0.1 TJ=25 C 0.01
0.6
0.8
1.0
1.2
1.4
1.5
INSTANTANEOUS FORWARD VOLEAGE, VOLTS
0
20
40
60
80
100
PERCENT OF PEAK REVERSE VOLTAGE,%
FIG. 5-TYPICAL JUNCTION CAPACITANCE
TRANSIENT THERMAL IMPEDANCE, C/W
200 100 TJ=25 C 100
FIG. 6-TYPICAL TRANSIENT THERMAL IMPEDANCE
JUNCTION CAPACITANCE, pF
10
10
1
0.1
1
0.01
0.1
1
10
100
0.1
1.0
10
100
REVERSE VOLTAGE,VOLTS
t,PULSE DURATION,sec.


▲Up To Search▲   

 
Price & Availability of FR205

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X