Part Number Hot Search : 
103K00 1EZ24D5 DLM5247B 1SMA5930 N74ACT 18T10 E220A SIIX20
Product Description
Full Text Search
 

To Download FR205 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FR201 thru FR207
FAST RECOVERY RECTIFIERS
CHENG- YI
ELECTRONIC
VOLTAGE 50 TO 1000 Volts CURRENT 2.0 Amperes
DO-15
FEATURES
Low forward voltage drop High current capability. High reliability. High surge current capability
.140(3.6) .104(3.6) DIA.
1.0(25.4) MIN.
.300(7.6) .230(5.8)
MECHANICAL DATA
Case:Molded plastic Epoxy:UL 94V-0 rate flame retardant. Lead:Axial leads ,solderable per MILSTD-202, Method 208 quaranteed. Polarity:Color Band denotes cathode end Mounting position:Any Weight:0.4 grams
.034(.9) .028(.7) DIA.
1.0(25.4) MIN.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 250C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
FR201
FR202
100 70 100
FR203
200 140 200
FR204
400 280 400 2.0
FR205
600 420 600
FR206
800 560 800
FR207
1000 700 1000
UNITS
V V V A
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375" , (9.5mm) Lead Length at @ TA =55 C
0
50 35 50
Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 2.0A Maximum DC Reverse Current , @ TA =25 C at Rated DC Blocking Voltage @ TA=100 C
0 0
60 1.3 5.0 100 150 30 -65 to +125 / -65 to +150 250 500
A V A A nS pF
0
Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range TJ, TSTG Notes : 1. Reverse Recovery Test Conditions : IF=0.5A, IR=1.0A, Irr=0.25A. 2. Measured at 1MHz and applied reverse voltage of 4.0 VDC.
C
FR201 thru FR207
FAST RECOVERY RECTIFIERS
CHENG- YI
ELECTRONIC
RATING AND CHARACTERISTICS CURVES FR201 THRU FR207
Fig.2 - MAXIMUM NON-REPETITIVE FORWARD Fig. 1 - FORWARD CURRENT DERATING CURVE
2.0
PEAK FORWARD SURGE CURRENT, (A)
SURGE CURRENT
AVERAGE FORWARD CURRENT AMPERES
60 50
8.3ms Single Half Sine Wave JEDEC Method
1.5
1.0 .5 0
SINGLE PHASE, HALF-WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD .375"(9.5mm) LEAD LENGTH
40 30 20 10 0
1 2 5 10 20 50 100
25
50
75
100
125
150
175
AMBIENT TEMPERATURE, 0C
NUMBER OF CYCLES AT 60 Hz
Fig.3 - TYPICAL FORWARD
INSTANTANEOUS FORWARD CURRENT. (A)
CHARACTERISTICS
20 10
Fig. 4 - TYPICAL JUNCTION CAPACITANCE
JUNCTION CAPACITANCE-pF
100
3.0 1.0 0.3 0.1 .03 .01 0.4
TJ=250C
60 40
Pulse Width-300 s 1% Duty Cycle
T J = 25 0 C
20 10
1 2 4 6 10 20 40 60 100
0.6
0.8
1.0
1.2
1.4
1.6
1.8
REVERSE VOLTAGE. VOLTS FORWARD VOLT AGE, (V)
Fig. 5 - TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTICS
50 NONINDUCTIVE 10 NONINDUCTIVE
trr
+0.5A
( (-) 50 Vdc (approx.) (+) D.U.T.
)
0 -0.25A
PULSE GENERATOR (NOTE 2) 1 NONINDUCTIVE OSCILLOSCOPE (NOTE 1) (+)
-1.0A
NOTES : 1. Rise Time=7ns max., Input Impedance= 1 megohm, 22pF . 2. Rise Time=10ns max., Source Impedance= 50 ohms.
1cm
SET TIME BASE FOR 50,100ns/cm


▲Up To Search▲   

 
Price & Availability of FR205

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X