Part Number Hot Search : 
D1271A 6MBI1 1J2ZKI21 47362 XR415108 2N2364 SMBJ10 331E3
Product Description
Full Text Search
 

To Download FDC15-24D05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FDC15 Series
15 WATT DC/DC CONVERTER, SINGLE & DUAL OUTPUTS
ELECTRICAL SPECIFICATIONS
All specifications are typical at nominal input, full load
INPUT SPECIFICATIONS
Input Voltage Range.........................4 : 1 Input Filter........................................ PI-Network
OUTPUT SPECIFICATIONS
FEATURES
15 WATT OUTPUT POWER 4 : 1 INPUT VOLTAGE RANGE EXTREMELY RELIABLE SIX SIDED CONTINOUS SHIELD HIGH EFFICIENCY UP TO 82% SHORT CIRCUIT PROTECTION DIRECT PCB-SOLDERING INDUSTRY STANDARD 2 X 1.6 X.04 PACKAGE INTERNATIONAL SAFETY STANDARD APPROVALS
Output Voltage Accuracy...... ..... 2 Voltage Adjustability.................10% Minimum Load........................10% Efficiency.....................................Up to 82% Over-Current Protection............150% max Ripple .........................................75Vp-p (20Mhz Bandwidth) Line Regulation............................0.5% Line Filter.................................... Built-in Load Regulation.......................Single output: 1% Dual output: 5% (Load Rate 10% ~ 100%)
GENERAL SPECIFICATIONS
Isolation Voltage...............1600VDC min MTBF................................. >2.041 x 106 hours Isolation Resistance...........109ohms min Isolation Capacitance.........300pF Switching Frequency..........270Khz typical
SAFETIES/APPROVALS
UL, TUV, CE UL1950 EN60950
GENERAL SPECIFICATIONS
Operating Temperature ...................-40C ~ +85C Temperature Coefficient...................0.05%/ C Humidity.......................................... 5%~95% RH Storage Temperature...................... -55C ~ +105C
PHYSICAL SPECIFICATIONS
Case Material..........................Nickel-Coated Copper Base Material..........................Non-Conductive Black Plastic 1
MODEL FDC15-24S05 FDC15-24S12 FDC15-24S15 FDC15-24D05 FDC15-24D12 FDC15-24D15 FDC15-48S05 FDC15-48S12 FDC15-48S15 FDC15-48D05 FDC15-48D12 FDC15-48D15
INPUT VOLTAGE
24VDC (9 - 36V)
OUTPUT VOLTAGE 5VDC 12VDC 48VDC 5VDC 12VDC 15VDC 5VDC 12VDC 48VDC 5VDC 12VDC 15VDC
OUTPUT CURRENT 3000mA 1250mA 1000mA 1500mA 625mA 500mA 3000mA 1250mA 1000mA 1500mA 625mA 500mA
48VDC (18 - 75)
2


▲Up To Search▲   

 
Price & Availability of FDC15-24D05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X