Part Number Hot Search : 
1000AG SI5310 HI1609 CR3CM 80MHZ ADUM5403 PSMN013 5LN01S
Product Description
Full Text Search
 

To Download FDC15-24D05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES
* 15 WATTS OUTPUT POWER * OUTPUT CURRENT UP TO 3A * STANDARD 2.0 X 1.6 X 0.4 INCH PACKAGE * HIGH EFFICIENCY UP TO 82% * 4:1 WIDE INPUT VOLTAGE RANGE * SIX-SIDED CONTINUOUS SHIELD * FIXED SWITCHING FREQUENCY * CE MARK MEETS 2006/95/EC,93/68/EEC AND 2004/108/EC * UL60950-1, EN60950-1 AND IEC60950-1 LICENSED * ISO9001 CERTIFIED MANUFACTURING FACILITIES * COMPLIANT TO RoHS EU DIRECTIVE 2002/95/EC
APPLICATIONS Wireless Network Telecom/Datacom Industry Control System Measurement Equipment Semiconductor Equipment
DESCRIPTION
The FDC15 series offer 15 watts of output power from a 2 x 1.6 x 0.4 inch package. The FDC15 series have 4:1 wide input voltage of 9-36 and 18-75VDC. The FDC15 features 1600VDC of isolation, short-circuit and over-voltage protection.
T E C H N I C A L S P E C I F I C AT I O N
OUTPUT SPECIFICATIONS
Output power Voltage accuracy Minimum load (Note 6) Voltage adjustability Line regulation LL to HL at Full Load Single Load regulation Min. load to Full load Dual Cross regulation (Dual) Asymmetrical load 25% / 100% FL Ripple and noise Temperature coefficient 20MHz bandwidth Full load and nominal Vin
All specifications are typical at nominal input, full load and 25C otherwise noted
INPUT SPECIFICATIONS
15 Watts, max. 1% See Table 10% 0.2% 0.5% 1% 5% See table 0.02% / C, max. 250S 6.2VDC 15VDC 18VDC 150%, max. Input voltage range Input filter Input surge voltage 100mS max 24V input 48V input Nominal Vin and full load 24V nominal input 48V nominal input 9 - 36VDC 18 - 75VDC Pi type 50VDC 100VDC 20mAp-p
Input reflected ripple current
Transient response recovery time 25% load step change 5V output Over voltage protection 12V output Zener diode clamp 15V output Over load protection % of FL at nominal input Short circuit protection
Nominal Vin and Power up Start up time 20mS, typ. constant resistive load Remote ON/OFF (Note 7) (Positive logic) DC-DC ON Open or 3.5V < Vr < 12V DC-DC OFF Short or 0V < Vr < 1.2V Input current of remote control pin Nominal Vin -0.5mA~+0.5mA Remote off state input current Nominal Vin 20mA
ENVIRONMENTAL SPECIFICATIONS
Operating ambient temperature Maximum case temperature Storage temperature range -40C ~ +85C (with derating) 100C -55C ~ +105C
Hiccup, automatics recovery
GENERAL SPECIFICATIONS
Efficiency Isolation voltage Isolation resistance Isolation capacitance Switching frequency Approvals and standard Case material Base material Potting material Dimensions Weight MTBF (Note 1) BELLCORE TR-NWT-000332 MIL-HDBK-217F
9
See table 1600VDC, min. 10 ohms, min. 300pF, max. 270KHz, typ. IEC60950-1, UL60950-1, EN60950-1 Nickel-coated copper Non-conductive black plastic Epoxy (UL94-V0) 2.00 X 1.60 X 0.40 Inch (50.8 X 40.6 X 10.2 mm) 48g (1.69oz) 2.041 x 10 hrs 5 9.140 x 10 hrs
6
Nature convection 10C/Watt Thermal impedance (Note 8) Nature convection with heat-sink 8.24C/Watt Thermal shock Vibration Relative humidity MIL-STD-810F MIL-STD-810F 5% to 95% RH
EMC CHARACTERISTICS
EMI ESD Radiated immunity EN55022 EN61000-4-2 EN61000-4-3 Class A Air 8KV Perf. Criteria B Contact 6KV 10 V/m Perf. Criteria A
Fast transient (Note 9) EN61000-4-4 Surge (Note 9) Conducted immunity EN61000-4-5 EN61000-4-6
2KV Perf. Criteria B 1KV Perf. Criteria B 10 Vr.m.s Perf. Criteria A
Page 1 of 3 Issued Date2008/05/21
Model Number
FDC15-24S05 FDC15-24S12 FDC15-24S15 FDC15-24D05 FDC15-24D12 FDC15-24D15 FDC15-48S05 FDC15-48S12 FDC15-48S15 FDC15-48D05 FDC15-48D12 FDC15-48D15
Input Range
9 - 36 VDC 9 - 36 VDC 9 - 36 VDC 9 - 36 VDC 9 - 36 VDC 9 - 36 VDC 18 - 75 VDC 18 - 75 VDC 18 - 75 VDC 18 - 75 VDC 18 - 75 VDC 18 - 75 VDC
Output Current Input Current (4) (4) Output Output Capacitor Eff No load Full load Voltage Min. load Full load Ripple & Noise (%) Load max(5) (3) (2)
5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 210mA 100mA 80mA 105mA 50mA 40mA 210mA 100mA 80mA 105mA 50mA 40mA 3000mA 1250mA 1000mA 1500mA 625mA 500mA 3000mA 1250mA 1000mA 1500mA 625mA 500mA 75mVp-p 75mVp-p 75mVp-p 75mVp-p 75mVp-p 75mVp-p 75mVp-p 75mVp-p 75mVp-p 75mVp-p 75mVp-p 75mVp-p 20mA 10mA 20mA 20mA 20mA 20mA 15mA 15mA 10mA 10mA 20mA 15mA 822mA 801mA 801mA 822mA 801mA 801mA 411mA 401mA 401mA 411mA 401mA 401mA 80 82 82 80 82 82 80 82 82 80 82 82 6800F 890F 570F 1700F 300F 200F 6800F 890F 570F 1700F 300F 200F
Note
1. 2. 3. 4. 5. 6. 7. 8. 9. BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40C. MIL-HDBK-217F Notice2 @Ta=25 C, Full load(Ground, Benign, controlled environment). Maximum value at nominal input voltage and full load. Typical value at nominal input voltage and no load. Typical value at nominal input voltage and full load. Test by minimum Vin and constant resistive load. The output requires a minimum loading on the output to maintain specified regulation. Operation under no-load condition will not damage these devices, however they may not meet all listed specification. The ON/OFF control pin voltage is reference to -Vin. Heat-sink is optional and P/N: 7G-0011C-F. An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5. The filter capacitor Power Mate suggest: Nippon chemi-con KY series, 220F /100V, ESR 48m.
OUTPUT POWER (%)
FDC15-48S05 Derating Curve
100 80 60 40 20 0 -40 -20 0 20 40 60 62.5 80 100 120
OUTPUT POWER(%)
120
120 100 80 60 40 20 0
FDC15-48S05 Derating Curve With Heatsink (Note 6 ) (Note 8)
-40
-20
0
20
40
60 69.1 80
100
120
AMBIENT TEMPERATURE()
AMBIENT TEMPERATURE()
FDC15-48S05 Efficiency VS Input Voltage
EFFICIENCY(%)
82% 80% 78% 76% 74% 72% 70% 36 40 44 48 52 56 60 64 68 72
95 90 85 80 75 70 65 60 55 50 45
FDC15-48S05 Efficiency VS Output Load
INPUT VOLTAGE (V)
EFFICIENCY(%)
10
20
30
40
50
60
70
80
90
100
OUTPUT LOAD (% of Full Load)
Page 2 of 3 Issued Date2008/05/21
Recommended Filter for EN55022 Class B Compliance The components used in the above figure, together with the manufacturers' part numbers for these components, are as follows:
1. All dimensions in Inches (mm) Tolerance: X.XX0.02 (X.X0.5) X.XXX0.01 (X.XX0.25) 2. Pin pitch tolerance 0.01(0.25) 3. Pin dimension tolerance 0.004 (0.1)
C1 FDC15-24xxx 6.8F/50V 1812 MLCC 2.2F/100V 1812 MLCC
PIN CONNECTION
PIN 1 2 4 5 6 7 8 SINGLE + INPUT - INPUT CTRL NO PIN + OUTPUT - OUTPUT TRIM DUAL + INPUT - INPUT CTRL + OUTPUT COMMON - OUTPUT TRIM
FDC15-48xxx
L1 450H 1000pF/2KV 1000pF/2KV Common N/A MLCC MLCC Choke PMT-048 450H 2.2F/100V 1000pF/2KV 1000pF/2KV Common 1812 MLCC MLCC MLCC Choke PMT-048
C2
C3
C4
EXTERNAL OUTPUT TRIMMING Output can be externally trimmed by using the method shown below. ( ) for dual output trim
TRIM UP TRIM DOWN
7(7)
8(8)
RU
8(8) 6(5)
RD
Recommended EN55022 Class B Filter Circuit Layout
Page 3 of 3 Issued Date2008/05/21


▲Up To Search▲   

 
Price & Availability of FDC15-24D05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X