Part Number Hot Search : 
TFS315 2A122K 2SK3150S F256C KFF6169A MSC1035M BZX55C30 LTC5623G
Product Description
Full Text Search
 

To Download F930J107MAA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOLID TANTALUM ELECTROLYTIC CAPACITORS
F93
Resin-molded Chip, Standard Series
Specifications
Item Category Temperature Range Capacitance Tolerance Dissipation Factor (120Hz) ESR (100kHz) Performance Characteristics --55 to +125C (Rated temperature : +85C) 20%, 10% (at 120Hz) Refer to next page Refer to next page * After 1 minute's application of rated voltage, leakage current at 20C is not more than 0.01CV or 0.5A, whichever is greater. * After 1 minute's application of rated voltage, leakage current at 85C is not more than 0.1CV or 5A, whichever is greater. * After 1 minute's application of derated voltage, leakage current at 125C is not more than 0.125CV or 6.3A, whichever is greater. +15% Max. (at +125C) +10% Max. (at +85C) --10% Max. (at --55C) At 40C 90 to 95% R.H. 500 hours (No voltage applied) Capacitance Change...Refer to next page (* 1) Dissipation Factor........Initial specified value or less Leakage Current..........Initial specified value or less --55C / +125C 30 minutes each 5 cycles Capacitance Change...Refer to next page (* 1) Dissipation Factor........Initial specified value or less Leakage Current..........Initial specified value or less Test condition: 10 seconds reflow at 260C , 5 seconds immersion at 260C Capacitance Change...Refer to next page (* 1) Dissipation Factor........Initial specified value or less Leakage Current..........Initial specified value or less
After application of surge voltage in series with a 33 resistor at the rate of 30 seconds ON, 30 seconds OFF, for 1000 successive test cycles at 85C, capacitors meet the characteristics requirements listed below. Capacitance Change.....Refer to next page (* 1) Dissipation Factor.........Initial specified value or less Leakage Current...........Initial specified value or less After 2000 hours' application of rated voltage in series with a 3 resistor at 85C, or derated voltage in series with a 3 resistor at 125C, capacitors meet the characteristic requirements listed below. Capacitance Change......Refer to next page (* 1) Dissipation Factor..........Initial specified value or less Leakage Current............Initial specified value or less
Compliant to the RoHS directive (2002/95/EC).
Leakage Current
Capacitance Change by Temperature Damp Heat (Steady State)
Type numbering system (Example: 10V 10F)
1 2 3 4 5 6 7 8 9 10 11
Taping code (Refer to page 309 for details) Case code Capacitance tolerance Rated capacitance Rated voltage Series
F93 1A 106 MA
Temperature Cycles
Resistance to Soldering Heat
Drawing
A * B Case
L H W1 L H
C * N Case
Surge
W1
W2 S S S S
W2
Endurance
Dimensions
Case code A B C N 3.2 3.5 6.0 7.3 L 0.2 0.2 0.2 0.2 W1 1.6 0.2 2.8 0.2 3.2 0.2 4.3 0.2 W2 1.2 0.1 2.2 0.1 2.2 0.1 2.4 0.1 H 1.6 0.2 1.9 0.2 2.5 0.2 2.8 0.2 0.8 0.8 1.3 1.3
(mm)
S 0.2 0.2 0.2 0.2
Shear Test
After applying the pressure load of 5N for 101 seconds horizontally to the center of capacitor side body which has no electrode and has been soldered beforehand on an aluminum substrate, * there shall be found neither exfoliation nor 5N (0.51kg f) For 101 seconds its sign at the terminal electrode. Keeping a capacitor surface-mounted on a substrate upside down and supporting the substrate at both of the opposite bottom points 45mm apart from the center of the 20 capacitor, the pressure strength is R230 applied with a specified jig at the center of the substrate so that the substrate may bend by 1mm as illustrated. Then, there shall be found 45 45 no remarkable abnormality on the capacitor terminals.
1mm
Marking
A Case
C685
B Case
22 16V
C Case
47 16V
N Case
100 16V
Terminal Strength
As for the surge and derated voltage at 125C, refer to page 308 for details.
(Rated voltage code)
2.5V 4V 6.3V 10V 16V e G J A C 20V 25V 35V
(Capacitance code)
D E V
Rated voltage (V)
Capacitance (F)
Rated voltage (V)
Standard Ratings
V
Cap. (F)
Code
4 0G
6.3 0J
10 1A
16 1C
20 1D
25 1E A* A A A A A*B B*C C C*N N N
0.47 0.68 1 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 680
474 684 105 155 225 335 475 685 106 156 226 336 476 686 107 157 227 337 477 687
A A A A A*B B (A) * B * C C N N
A* A* A A A A A*B A*B A*B*C B*C B*C*N N N
A* A A A * B* A * B* A*B A*B*C B*C B*C*N C*N N N
A* A A A A A*B A*B A*B*C B*C (B) * C * N N C*N N N
A A A A A
* * *
B B B
C B*C C*N C*N (N)
35 1V A* A A A A*B B B*C C C N N
( ) The series in parentheses are being developed. Please contact to your local Nichicon sales office when these series are being designed in your application. scheduled to be * : Products which arefor new designs. discontinued. Not recommended
CAT.8100Y-2
SOLID TANTALUM ELECTROLYTIC CAPACITORS
F93
Standard Ratings
Rated Rated Volt Capacitance (F) Case code Part Number Leakage Current (A) Disspation *1 ESR C/C Factor (%@120Hz) (@100kHz) (%) Rated Rated Volt Capacitance (F) Case code Part Number Leakage Current (A) Disspation *1 ESR C/C Factor (%@120Hz) (@100kHz) (%)
4V
22 33 47 68 100 100 150 220 220 330 470 680 4.7 6.8 10 15 22 33 47 47 68 68 100 100 100 150 150 220 220 220 330 470 4.7 6.8 10 15 15 22 22 33 33 47 47 47 68 68 100 100 100 150 150 220 330 1.5 2.2 3.3 4.7 6.8 10 10 15 15 22 22 22
A A A A A B B B C C N N A(*2) A(*2) A A A A A B A B A B C B C B C N N N A(*2) A A A B (*2) A B (*2) A B A B C B C B C N C N N N A(*2) A A A A A B A B A B C
F930G226MAA F930G336MAA F930G476MAA F930G686MAA F930G107MAA F930G107MBA F930G157MBA F930G227MBA F930G227MCC F930G337MCC F930G477MNC F930G687MNC F930J475MAA F930J685MAA F930J106MAA F930J156MAA F930J226MAA F930J336MAA F930J476MAA F930J476MBA F930J686MAA F930J686MBA F930J107MAA F930J107MBA F930J107MCC F930J157MBA F930J157MCC F930J227MBA F930J227MCC F930J227MNC F930J337MNC F930J477MNC F931A475MAA F931A685MAA F931A106MAA F931A156MAA F931A156MBA F931A226MAA F931A226MBA F931A336MAA F931A336MBA F931A476MAA F931A476MBA F931A476MCC F931A686MBA F931A686MCC F931A107MBA F931A107MCC F931A107MNC F931A157MCC F931A157MNC F931A227MNC F931A337MNC F931C155MAA F931C225MAA F931C335MAA F931C475MAA F931C685MAA F931C106MAA F931C106MBA F931C156MAA F931C156MBA F931C226MAA F931C226MBA F931C226MCC
0.9 1.3 1.9 2.7 4.0 4.0 6.0 8.8 8.8 13.2 18.8 27.2 0.5 0.5 0.6 0.9 1.4 2.1 3.0 3.0 4.3 4.3 6.3 6.3 6.3 9.5 9.5 13.9 13.9 13.9 20.8 29.6 0.5 0.7 1.0 1.5 1.5 2.2 2.2 3.3 3.3 4.7 4.7 4.7 6.8 6.8 10.0 10.0 10.0 15.0 15.0 22.0 33.0 0.5 0.5 0.5 0.8 1.1 1.6 1.6 2.4 2.4 3.5 3.5 3.5
6 8 18 24 30 14 16 18 12 14 16 18 6 6 6 6 8 8 18 6 20 8 35 14 8 18 12 30 14 10 14 16 6 6 6 8 6 12 6 18 8 40 8 6 12 8 18 10 8 14 10 12 18 4 4 4 6 6 6 6 10 6 15 8 6
2.5 2.5 2.5 2.5 2.0 0.9 0.7 0.7 0.7 0.7 0.3 0.3 4.0 3.5 3.0 2.9 2.5 2.5 2.5 1.0 2.0 1.0 2.0 0.9 0.7 0.9 0.7 1.2 0.7 0.5 0.5 0.3 4.0 3.5 3.0 2.9 2.0 2.5 1.9 2.5 1.4 2.0 1.0 0.9 0.9 0.8 1.2 0.7 0.6 0.7 0.6 0.5 0.5 6.0 5.0 4.5 4.0 3.5 3.0 2.0 3.0 2.0 3.0 1.9 1.1
* * * * * * * * * * * * * * * * * * * * * * 15 * * * * 15 * * * * * * * * * * * * * 15 * * 15 * 15 * * * * * * * * * * * * * * * 15 * *
16V
33 33 47 47 68 100 100 150 220 2.2 3.3 4.7 4.7 6.8 6.8 10 10 15 22 22 33 33 47 47 0.68 1 1.5 2.2 3.3 4.7 4.7 10 10 15 22 22 33 47 0.47 0.68 1 1.5 2.2 2.2 3.3 4.7 4.7 6.8 10 15 22
B C C N N C N N N A A A B A B A B C B C C N C N A(*2) A A A A A B B C C C N N N A(*2) A A A A B B B C C C N N
F931C336MBA F931C336MCC F931C476MCC F931C476MNC F931C686MNC F931C107MCC F931C107MNC F931C157MNC F931C220MNC F931D225MAA F931D335MAA F931D475MAA F931D475MBA F931D685MAA F931D685MBA F931D106MAA F931D106MBA F931D156MCC F931D226MBA F931D226MCC F931D336MCC F931D336MNC F931D476MCC F931D476MNC F931E684MAA F931E105MAA F931E155MAA F931E225MAA F931E335MAA F931E475MAA F931E475MBA F931E106MBA F931E106MCC F931E156MCC F931E226MCC F931E226MNC F931E336MNC F931E476MNC F931V474MAA F931V684MAA F931V105MAA F931V155MAA F931V225MAA F931V225MBA F931V335MBA F931V475MBA F931V475MCC F931V685MCC F931V106MCC F931V156MNC F931V226MNC
5.3 5.3 7.5 7.5 10.9 16.0 16.0 24.0 35.2 0.5 0.7 0.9 0.9 1.4 1.4 2.0 2.0 3.0 4.4 4.4 6.6 6.6 9.4 9.4 0.5 0.5 0.5 0.6 0.8 1.2 1.2 2.5 2.5 3.8 5.5 5.5 8.3 11.8 0.5 0.5 0.5 0.5 0.8 0.8 1.2 1.6 1.6 2.4 3.5 5.3 7.7
8 6 8 6 6 15 10 15 25 4 4 6 6 6 6 8 6 6 8 8 8 6 10 8 4 4 4 6 6 8 6 12 6 8 8 6 8 8 4 4 4 6 6 4 4 8 6 6 6 6 8
1.9 1.1 0.9 0.7 0.6 0.7 0.6 0.6 0.7 5.0 4.5 3.0 2.8 3.5 2.5 3.5 2.1 1.2 1.9 1.1 1.1 0.7 1.1 0.7 7.6 7.5 6.7 6.3 6.0 4.0 2.8 1.9 1.5 1.2 1.1 0.7 0.7 0.7 10.0 7.6 7.5 7.5 7.0 3.8 3.5 3.1 1.8 1.8 1.6 0.7 0.7
* * * * * 10 * * 10 * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * *
20V
6.3V
25V
10V
35V
In case of capacitance tolerance 10% type, K will be put at 9th digit of type numbering system. *1 : C/C
16V
Item Damp Heat Tempereature cycles Resistance soldering heat Surge Endurance
A * B * C * N Case (%) 10 5 5 5 10
*2 : Products which are scheduled to be discontinued.
Not recommended for new designs.
CAT.8100Y-2


▲Up To Search▲   

 
Price & Availability of F930J107MAA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X