Part Number Hot Search : 
SC4626 2SC13 24D15 5ETTT SMCJ16 BCW66 DSA3A1 2SC42
Product Description
Full Text Search
 

To Download EM20B4000000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Encoder
20mm Size Metal Shaft Magnetic Type
EM20B Series
Highly reliable non-contact structure applicable to 31-point LED level indicator mounting.
Detector Push Rating Slide Operating life Rotary Encoders Power Dual-in-line Package Type TACT SwitchTM CustomProducts
500,000rotations 5V 5% DC
Typical Specifications
Items Specifications
Product Line
Actuator length mm
15.5 40 16 10 8 5 40 Vertical With Switch operating force 6 3
Torque mN m
Rotational torque Detent torque
Number of Number Operating Push switch Display Response detent of pulse direction N function time
Without Without Without 1.3 sec. TYP With Color orange
Minimum order unit pcs.
Product No.
EM20B4000000
Drawing No.
7 max.
1 EM20B4010000 480 EM20B4014000 EM20B4014A01 2 3
Incremental Type Absolute Type
Notes
1. This product uses a Hall IC. Be aware of ESD damages. 2. Custom design for shaft configuration and mount height are available upon request.
Dimensions
No. without switch type
20 C0.5 o9 2.6 11.1 15.5 5.5 13 3.9 Snap-in
Unit:mm
Style PC board mounting hole dimensions Viewed from mounting side
o21.5
9.5
11.5
10.2
1
1.5
2.4 o4 3 7.5
1
3.5
1.8 B 6-o0.6 holes
A GA VA GB VB 2.5 4 VA, VB MMM Power supply GA, GB MMM Ground A, B MMMMMMMM Out put 29. 25
200
Encoder
20mm Size Metal Shaft Magnetic Type EM20B Series
Dimensions
No. With push-on switch travel 0.5mm Style
Unit:mm
PC board mounting hole dimensions Viewed from mounting side
Detector Push
o le s
o21.5
20 C0.5 o9
16 5.5
13
3.9 Snap-in
11.1 5
2.6
2 -o
1h
Slide Rotary
7
9.5
11.5
1.5
2
2.4 o4 3 7.5
0.5 Switch travel
S1
S2
10.2
1
3.5 1.8 B 6-o0.6 holes AGA VA
2.5 4
Encoders Power Dual-in-line Package Type TACT SwitchTM CustomProducts
Switch terminal 3.3
GB VB 29.25
VA, VB MMM Power supply GA, GB MMM Ground A, B MMMMMMMM Out put
With LED With push-on switch travel 0.5mm
29.25
9
126
Switch travel C0.5 0.5
19
3.5
1
2.54
o 6-
6
ho
R
le s
10
5 33.7
o23 o20
L1 L31
2.6
o18.6 LED 3.6 Lamp house Top : Black Side : White 10
11.11
7
9.94 9.47 8.55 7.22
3
31 -0 .8
20 o4 3 7.5
2. 8 1 5 6.43 10.38 11.1 13.83 16.63
2-o1+0.1 0
LED Unit Recommended Drive Circuit Block Diagram
2 to 4 decoder A B Common select signal 5 Driver 6 7 8 4 2 1 3 10 12 11 9
Switch terminal 3.3
Driver 8 bit latch driver shift register DATA (display data) LATCH (display data latch signal) CLK (data transfer clock)
12 .5
12-o0.8 holes
7
3 o1
3.9 Snap- in
1.8
12
Incremental Type Absolute Type
10.2
201
Encoders
List of Varieties
Type Series Detector Photo Push Slide Rotary Outline specifications Encoders Power Dual-in-line Package Type TACT SwitchTM CustomProducts Dimensions mm Output Shaft types Operating direction Number of pulse/ Number of detent Push switch Travel mm Optional functions Changeover angle W D H Manual soldering Soldering Dip soldering
Reflow soldering
Hollow shaft 5mm size EC05E 10mm size EC10E
11mm size EM11B
Magnetic
20mm size EM20B
Incremental Hollow shaft Vertical/Horizontal 12 12 Without Horizontal 12 24 16 16 With 0.5 Single-shaft Vertical 40 40 Without/ With 0.5 Display function
5.7 2.7 6.5
9.8 12.6 4.4 350 260 5 ,3 1s max. 3s max.
10.8 11 7.5
20 22.25 13
260
max. 3s max.
Please see P.189 30 0.55mA to 1mA 85 VHI 4.0V min. VLO 10 0.5V max. to 70
Operating temperature range Maximum operating current resistive load Incremental Type Absolute Type Output signal Output type Instulation resistance Voltage proof Rotational torque Detent torque Push-pull strength Cold Dry heat Damp heat Page
40 195 2 85 3 1.6 1.3mN m 50M
lsink=5mA
Output of A and B signals, proportionate to phase difference Incremental min 50V DC 100M
A,B Square wave
Note
F The operating temperature range for automotive applications can be raised upon request. Please contact us for
Electrical performance Mechanical performance Environmental performance
min. 100V DC
100M
min. 250V DC
50V AC for 1minute
250V AC for 1minute
300V AC for 1minute 7mN m
5
3mN m
10
5mN m 100N
8
5mN m
40 3 for 240h 85 3
for 96h for 96h
30 3 80 3
for 240h for 240h
, 90 to 95%RH for 240h 198
40 2 , 90 to 95%RH for 96h 40 2 , 90 to 95%RH for 240h 199 200
Push-on Switch Specifications
Items
Contact arrangement
EM11B
Single pole and single throw Push-on 0.5 5.5 5mA 5V DC
0.3 0.2
EM20B
0.5 6
0.4 0.3
Travel mm Operating force N Rating Contact resistance Operating life
3 50mA 12V DC
3
3A 16V DC for initial period;200m after operating life 25,000times min.
500m max for initial period;5 max after operating life 100m 1,000,000times min.
requirements of this kind.
178


▲Up To Search▲   

 
Price & Availability of EM20B4000000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X