Part Number Hot Search : 
NTD42 74ALS240 DG428DN F500002 GW40N 22001 16100 DTD123
Product Description
Full Text Search
 

To Download ELD-850-345 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LED - Lamp
15.11.2007 Radiation Infrared Type DDH Technology AlGaAs/AlGaAs
ELD-850-345
rev. 05 Case 3 mm plastic lens
Description High-power, high-speed infrared LED in standard 3 mm housing, small package allows compact design, housing with standoff leads
4,3 0,7 max 30,0
1,0
0,5
1,5
Note: Special package without standoff available on request
2,5
O2,9
Applications Optical communications, safety equipment, automation, optical sensors
O3,1
1,0
0,65 4,0 1,0 Anode
Maximum Ratings
Tamb = 25C, unless otherwise specified Parameter Forward current (DC) Peak forward current Power dissipation Operating temperature range Storage temperature range Soldering temperature t 5 s, 3 mm from case (tP 50 s, tP /T = 1/2) Test onditions Symbol IF IFM PD Tamb Tstg Tsd Value 100 200 150 -20 to +85 -30 to +100 260 Unit mA mA mW C C C
Optical and Electrical Characteristics
Tamb = 25C, unless otherwise specified Test Parameter conditions IF = 20 mA Forward voltage Forward voltage* Reverse voltage Radiant power Radiant power* Radiant intensity Radiant intensity* Peak wavelength Spectral bandwidth at 50% Viewing angle Switching time
*measured after 30s current flow
Symbol VF VF VF e e e e p 0.5 tr, tf
Min
Typ 1.3 1.6
Max 1.5
Unit V V V mW mW mW/sr mW/sr
IF = 100 mA IR = 100 A IF = 20 mA IF = 100 mA IF = 20 mA IF = 100 mA IF = 20 mA IF = 20 mA IF = 20 mA IF = 20 mA
5 4 2 840 6 20 2.5 10 850 40 50 65/80 860
nm nm deg. ns
Note: All measurements carried out on EPIGAP equipment
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications.All operating parameters must be validated for each customer application by the customer. EPIGAP Optoelektronik GmbH, D-12555 Berlin, Kopenicker Str.325 b, Haus 201 1 of 3 Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545
LED - Lamp
15.11.2007
ELD-850-345
rev. 05
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications.All operating parameters must be validated for each customer application by the customer. EPIGAP Optoelektronik GmbH, D-12555 Berlin, Kopenicker Str.325 b, Haus 201 2 of 3 Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545
LED - Lamp
15.11.2007
ELD-850-345
rev. 05
Remarks concerning optical radiation safety*
Up to maximum forward current, at continuous operation, this LED may be classified as LED product Class 1 , according to standard IEC 60825-1:A2. Class 1 products are safe to eyes and skin under reasonably predictable conditions. This implicates a direct observation of the light beam by means of optical instruments.
*Note: Safety classification of an optical component mainly depends on the intended application and the way the component is being used. Furthermore, all statements made to classification are based on calculations and are only valid for this LED "as it is", and at continuous operation. Using pulsed current or altering the light beam with additional optics may lead to different safety classifications. Therefore these remarks should be taken as recommendation and guideline only.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications.All operating parameters must be validated for each customer application by the customer. EPIGAP Optoelektronik GmbH, D-12555 Berlin, Kopenicker Str.325 b, Haus 201 3 of 3 Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545


▲Up To Search▲   

 
Price & Availability of ELD-850-345

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X