Part Number Hot Search : 
DTC123EE 16020 100JOA 25020 MCOCXOV AD802 AD535KD MCOCXOV
Product Description
Full Text Search
 

To Download ECCM2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Marketing Bulletin
DATE: TO: FROM: RE:
Saturday, May 01, 1999
Affected Customers Marketing ECCM2 Series Termination
To all concerned parties, This bulletin is to notify all customers of the discontinuation of the ECCM2 series Ecliptek crystal effective Saturday, May 01, 1999. In compliance with our End of Life (EOL) policy, this notice will serve as advanced notice of product termination. New orders will not be accepted after Saturday, May 01, 1999, with delivery to be conclude by Saturday, May 01, 1999. If there are any questions pertaining to this bulletin, please contact your Ecliptek sales representative. Thank you again for your cooperation.
Ecliptek Marketing
3545 CADILLAC AVENUE * COSTA MESA, CA 92626-1401 * (714) 433-1200 * Fax (714) 433-1234
STANDARD SPECIFICATIONS
Frequency Range: Frequency Tolerance/Stability: Blank J Shunt Capacitance (Co) Load Capacitance (CL) Blank XX S Mode of Operation Blank T Storage Temperature Drive Level Aging @ 25C Insulation Resistance Shock: Vibration: Seal Integrity: Solderability: Marking Permenancy: Frequency Range 3.579 - 3.999 4.000 - 4.999 5.000 - 6.999 3.579545MHz to 70.000MHz 50ppm at 25C, 100ppm over -10C to +60C 30ppm at 25C, 50ppm over -10C to +60C 7pF Maximum 18pF Standard CL 12pF Series Fundamental from 3.579545MHz to 30.000MHz Third Overtone from 30.000MHz to 70.000MHz -30C to +85C 1 mWatt Maximum 5ppm/year Maximum 500 Megaohms Minimum at 100Vdc
ENVIRONMENTAL & MECHANICAL
Conditions and Conditions and Conditions and Conditions and Conditions and ESR 150 130 80 Criteria Criteria Criteria Criteria Criteria Listed Listed Listed Listed Listed in TQC41-883-007 in TQC41-883-008 in TQC41-883-003 in TQC41-883-004 / 95% coverage in TQC41-883-001 ESR 60 45 30 Frequency Range 24.000 - 30.000 30.000 - 70.000 (3rd) ESR 30 100
FREQUENCY VS. EQUIVALENT SERIES RESISTANCE (ESR Ohms Maximum)
Frequency Range 7.000 - 9.999 10.000 - 14.999 15.000 - 23.999
ALL DIMENSIONS IN MILLIMETERS
5.08 MAX 2.0 0.1
PAD CONNECTION
11.0 MAX
10.0 0.1
4.88 0.10 1.0 0.1
2.50 MAX
3.90 0.10
PART NUMBERING GUIDE
ECCM2 J T - 20 - 30.000M TR
Packaging Options Blank = Bulk TR = Tape & Reel (CPA70-071-000)
MARKING GUIDE
EXX.XXX
Frequency in MHz
EXX.XXX
Frequency Load Capacitance Blank = 18pF (Standard) S = Series XX = XXpF Mode of Operation Blank = Fundamental T = Third Overtone Frequency Tolerance/Stability Blank = 50ppm at 25C, 100ppm over -10C to +60C J = 30ppm at 25C, 50ppm over -10C to +60C
Title
Note: Marking shall conform to conditions listed in TQC41-001-000.
SPECIFICATION CONTROL DRAWING
Drawing Number
CCR30-002-000
2.5mm Ceramic Surface Mount Crystal
Revision Effectivity Date
B
ECN Number
1858
Approved By
PAGE 1 OF 1
Date Released By Date


▲Up To Search▲   

 
Price & Availability of ECCM2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X