Part Number Hot Search : 
30SC4MT 1N5233B 4D5N60F NE592N8 HS24145 010A2 LANB512N TS108409
Product Description
Full Text Search
 

To Download E13C7C2F-155520MTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 E13C7 Series
* RoHS Compliant (Pb-Free) * LVPECL Output Oscillators * 3.3V Supply Voltage * Ceramic 6-pad SMD Package * Stability to 25ppm * Tri-State Output * Complementary Output * Available on Tape and Reel * Wide Range of Available Frequencies
H L W
E13C7
2.0 7.0 5.0
OSCILLATOR
ELECTRICAL SPECIFICATIONS
Nominal Frequency (MHz) 77.760M, 78.125M, 80M, 80.157M, 85M, 87.125M, 90M, 100M, 106.25M, 110M, 119M, 120M, 122.888M, 124.4M, 125M, 127M, 128M, 133M, 133.333M, 137.472M,150M, 155.52M, 156.25M, 159.375M, 161.1328M, 162.5M, 166M, 170M, 175M, 176.83816M, 187.5M, 187.509375M, 200M, or 212.5MHz Operating Temperature Range Storage Temperature Range Supply Voltage (VCC) Input Current Frequency Tolerance / Stability 0C to 70C, or -40C to +85C -55C to 125C 3.3VDC 5% 75mA Maximum 100ppm, 50ppm, or 25ppm Maximum
Output Voltage Logic High (VOH) Output Voltage Logic Low (VOL)
Rise Time / Fall Time Duty Cycle Load Drive Capability Logic Control / Additional Output VIH of 70% of VCC Minimum Tri-State Input Voltage No Connection VIL of 30% of VCC Maximum Without Load Standby Current Start Up Time RMS Phase Jitter Typical Phase Noise FJ = 12kHz to 20MHz Fo=156.250MHz
Inclusive of All Conditions: Calibration Tolerance at 25C, Frequency Stability over the Operating Temperature Range, Supply Voltage Change, Output Load Change, 1st Year Aging at 25C, Shock, and Vibration 0C to 85C -40C to 0C 0C to 85C -40C to 0C 20% to 80% of waveform at 50% of waveform
VCC-1.025VDC Minimum VCC-1.085VDC Minimum VCC-1.620VDC Maximum VCC-1.555VDC Maximum 300pSec Typical, 700pSec Maximum 50 5(%) 50 Ohms into VCC-2.0VDC Tri-State and Complementary Output Enables Output Enables Output Disables Output: High Impedance 30A Maximum 10 mSeconds Maximum 0.4pSec Typical, 1 pSec Maximum -60dBc/Hz at 10Hz Offset -95dBc/Hz at 100Hz Offset -125dBc/Hz at 1kHz Offset -143dBc/Hz at 10kHz Offset -145dBc/Hz at 100kHz Offset -145dBc/Hz at 1MHz Offset -146dBc/Hz at 10MHz Offset
CLASS REV.DATE
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
ECLIPTEK CORP.
OSCILLATOR
E13C7
CERAMIC
3.3V
OS1M
01/07
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
PART NUMBERING GUIDE E13C7 E 2 F - 155.520M TR
FREQUENCY TOLERANCE & STABILITY/ OPERATING TEMPERATURE RANGE C=100ppm Maximum over 0C to +70C D=50ppm Maximum over 0C to +70C E=25ppm Maximum over 0C to +70C G=100ppm Maximum over -40C to +85C H=50ppm Maximum over -40C to +85C J=25ppm Maximum over -40C to +85C (*) DUTY CYCLE 2=50 5(%) (*) Not available over Nominal Frequency range of 176.83816MHz to 212.500MHz
MECHANICAL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
AVAILABLE OPTIONS Blank=Tubes TR=Tape and Reel (Standard) FREQUENCY LOGIC CONTROL/ADDITIONAL OUTPUT F=Tri-State and Complementary Output
SUGGESTED SOLDER PAD LAYOUT
ALL DIMENSIONS IN MILLIMETERS
2.00 MAX
5.00 0.20 MARKINING ORIENTATION
2.60 +0.40/-0.60 1.2 +0.3/ -0.2
6 2.54 7.00 0.10 +0.70/ 5.08 5 -0.15 0.20 4
1 2 3
1.4 0.2
Pin 1: Tri-State Pin 2: No Connect Pin 3: Case Ground
Pin 4: Output Pin 5: Complementary Output Pin 6: Supply Voltage
Tolerances= +0.1
TAPE AND REEL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
TAPE
A
16.3-.1
B
7.5.1
C
6.75.1
D
4 .1
E
2.1
F
REEL
M
1.5 MIN
N
50 MIN
O
20.2 MIN
P
13.2
Q
40 MIN QTY/REEL 1,000
F
8.1
G
B0*
H
1.5 +.1-0
J
A0*
K
.3 .05
L
K0*
R
2.5 MIN
S
10 MIN
T
22.4 MAX
U
360 MAX
V
16.4+2-0
*Compliant to EIA 481A
ENVIRONMENTAL/MECHANICAL SPECIFICATIONS
MARKING SPECIFICATIONS
Line 1: ECLIPTEK Characteristic Fine Leak Test Gross Leak Test Mechanical Shock Vibration Solderability Temperature Cycling Resistance to Soldering Heat Resistance to Solvents Specification MIL-STD-883, Method 1014, Condition A MIL-STD-883, Method 1014, Condition C MIL-STD-202, Method 213, Condition C MIL-STD-883, Method 2007, Condition A MIL-STD-883, Method 2002 MIL-STD-883, Method 1010 MIL-STD-202, Method 210 MIL-STD-202, Method 215 Line 2: XX.XXX M
Frequency in MHz (5 Digits Maximum + Decimal)
Line 3: XX Y ZZ
Week of Year Last Digit of Year Ecliptek Manufacturing Identifier
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV.DATE
ECLIPTEK CORP.
OSCILLATOR
E13C7
CERAMIC
3.3V
OS1M
01/07
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.


▲Up To Search▲   

 
Price & Availability of E13C7C2F-155520MTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X