Part Number Hot Search : 
TCS3772 STUS021 ISL68 ANTXV SDA50001 AT45DB M368L SDA50001
Product Description
Full Text Search
 

To Download DTA114TE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Micro Commercial Components
TM
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
DTA114TE
Features
* Case Material:Molded Plastic. UL Flammability Classification Rating 94V-0 and MSL Rating 1 Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see equivalent circuit) The bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. They also have the advantage of almost completely eliminating parasitic effects Only the on/off conditions need to be set for operation, making device design easy
PNP Digital Transistor
SOT-523
A D
Absolute Maximum Ratings
Parameter
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base voltage Collector Current-Continuous Collector Dissipation Junction Temperature Range Storage Temperature Range
Symbol
VCBO VCEO VEBO IC PC TJ TSTG
Value
-50 -50 -5 -100 150 -55~150 -55~150
Unit
V V V mA mW
G K
3 1 2
B
C
1. Base 2. Emitter 3. Collector
E
H
J
Electrical Characteristics
Sym
V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE VCE(sat) R1 fT
DIMENSIONS
Parameter
Collector-Base Breakdown Voltage (IC=-50uA, IE=0) Collector-Emitter Breakdown Voltage (IC=-1mA, IB=0) Emitter-Base Breakdown Voltage (IE=-50uA, IC=0) Collector Cut-off Current (VCB=-50V, IE=0) Emitter Cut-off Current (VEB=-4V, IC=0) DC Current Gain (VCE=-5V, IC=-1mA) Collector-Emitter Saturation Voltage (IC=-10mA, IB=-1mA) Input Resistor Transition Frequency (VCE=-10V, IC=-5mA, f=100MHz)
Min
-50 -50 -5 ----100 --7 ---
Typ
----------250 --10 250
Max
-------0.5 -0.5 600 -0.3 13 ---
Unit
V V V uA uA --V K MHz
DIM A B C D E G H J K
INCHES MIN MAX .059 .067 .030 .033 .057 .069 .020 Nominal .035 .043 .000 .004 .028 .031 .004 .008 .010 .014
MM MIN MAX 1.50 1.70 0.75 0.85 1.45 1.75 0.50Nominal 0.90 1.10 .000 .100 .70 0.80 .100 .200 .25 .35
NOTE
*Marking: 94
www.mccsemi.com
Revision: 3
1 of 3
2009/02/11
DTA114TE
MCC
Micro Commercial Components
TM
www.mccsemi.com
Revision: 3
2 of 3
2009/02/11
MCC
Micro Commercial Components
TM
Ordering Information
Device (Part Number)-TP Packing Tape&Reel;3Kpcs/Reel
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 3
3 of 3
2009/02/11
3


▲Up To Search▲   

 
Price & Availability of DTA114TE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X